Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA16 Datasheet(PDF) 5 Page - Won-Top Electronics

Part # SA16
Description  500W TRANSIENT VOLTAGE SUPPRESSOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

SA16 Datasheet(HTML) 5 Page - Won-Top Electronics

  SA16 Datasheet HTML 1Page - Won-Top Electronics SA16 Datasheet HTML 2Page - Won-Top Electronics SA16 Datasheet HTML 3Page - Won-Top Electronics SA16 Datasheet HTML 4Page - Won-Top Electronics SA16 Datasheet HTML 5Page - Won-Top Electronics SA16 Datasheet HTML 6Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SA5.0 – SA170CA
5 of 6
© 2006 Won-Top Electronics
MARKING INFORMATION
TAPING SPECIFICATIONS
PACKAGING INFORMATION
Packaging
Reel Diameter /
Box Size (mm)
Quantity
(PCS)
Carton Size
(mm)
Quantity
(PCS)
Approx. Gross Weight
(KG)
TAPE & REEL
330
4,000
370 x 370 x 420
20,000
12.0
TAPE & BOX
255 x 75 x 150
3,000
400 x 273 x 415
30,000
15.0
BULK
200 x 85 x 25
1,000
459 x 214 x 256
40,000
17.5
Note: 1. Paper reel, white or gray color. Core material: plastic or metal.
2. Components are packed in accordance with EIA standard RS-296-E.
TAPE & REEL
SAx x
WTE
0.8mm
MAX
5mm
1.2mm
MAX
0.8mm
MAX
6mm
52.4mm
Cathode Tape: Red
Anode Tape: White
330mm
Product ID Label
Inspection Hole
(both ends)
80±5mm
TAPE & BOX
255mm
Product ID Label
150mm
75mm
BULK
200mm
85mm
25mm
Cathode
= Polarity Band Except
= Bi-Directional Types
SAxx
= Device Number
WTE
= Manufacturer’s Logo


Similar Part No. - SA16

ManufacturerPart #DatasheetDescription
logo
Chongqing Pingwei Enter...
SA16 CHONGQING-SA16 Datasheet
226Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SA16 PANJIT-SA16 Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
DAESAN ELECTRONIC CORP.
SA16 DAESAN-SA16 Datasheet
1Mb / 6P
   POWER 500Watts VOLTAGE 5.0 to 170 Volts
logo
Shenzhen Luguang Electr...
SA16 LUGUANG-SA16 Datasheet
196Kb / 3P
   500W Transient Voltage Suppressor
logo
Shanghai Semitech Semic...
SA16 SEMITECH-SA16 Datasheet
244Kb / 6P
   Uni-directional Versions Available
More results

Similar Description - SA16

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SA180 WTE-SA180 Datasheet
72Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
SA20A-T DIODES-SA20A-T Datasheet
202Kb / 4P
   500W TRANSIENT VOLTAGE SUPPRESSOR
SA26A-T DIODES-SA26A-T Datasheet
202Kb / 4P
   500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Frontier Electronics.
SA5.0(C) FRONTIER-SA5.0(C) Datasheet
132Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSOR
SA5.0(C)-LFR FRONTIER-SA5.0(C)-LFR Datasheet
132Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
SA5.0 LUGUANG-SA5.0 Datasheet
196Kb / 3P
   500W Transient Voltage Suppressor
logo
Diodes Incorporated
SA5V0A DIODES-SA5V0A Datasheet
66Kb / 3P
   500W TRANSIENT VOLTAGE SUPPRESSOR
DS21501 Rev. 10 - 2
logo
Shenzhen Luguang Electr...
SA5V0CA LUGUANG-SA5V0CA Datasheet
2Mb / 3P
   500W Transient Voltage Suppressor
logo
Sensitron
1N6102A SENSITRON-1N6102A_08 Datasheet
50Kb / 3P
   Transient Voltage Suppressor Diode, 500W
SS6102A SENSITRON-SS6102A Datasheet
50Kb / 3P
   Transient Voltage Suppressor Diode, 500W
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com