Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S82D-6012 Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # S82D-6012
Description  Switching Power Supply
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

S82D-6012 Datasheet(HTML) 6 Page - Omron Electronics LLC

  S82D-6012 Datasheet HTML 1Page - Omron Electronics LLC S82D-6012 Datasheet HTML 2Page - Omron Electronics LLC S82D-6012 Datasheet HTML 3Page - Omron Electronics LLC S82D-6012 Datasheet HTML 4Page - Omron Electronics LLC S82D-6012 Datasheet HTML 5Page - Omron Electronics LLC S82D-6012 Datasheet HTML 6Page - Omron Electronics LLC S82D-6012 Datasheet HTML 7Page - Omron Electronics LLC S82D-6012 Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
S82D
S82D
6
Mounting Bracket
S82Y-D30S (300 W)
190
160
15
6
110
122
55
197
173
12
32
122 60
110
6
Four, 4.5-dia holes
countersunk at 90
°
Four, 4.5-dia. holes
Four, 4.5-dia. holes
Four, 4.5-dia holes
countersunk at 90
°
Four, M4
Four, M4
160
173
S82Y-D60S (600 W)
Mounting Holes
32
110
110
t = 2.3
t = 2.3
Installation
Terminal Arrangement
11
10
9
6 4 5
12
1
23
7
8
11
10
9
6 4 5
12
23
7
8
1
1. DC Output Terminals: Connect load wiring.
2. Input Terminals: Connect input wiring.
3. Voltage Select Terminals: Switch the input voltage by connecting or
removing the short bar.
(short circuited: 100 to 120 V; open: 200 to 240 V)
4. V. ADJ Adjustor: Use to adjust the output voltage.
5. Output LED Indicator: Lights when DC current is being output.
6. Remote Sensing Terminals: Corrects the voltage drop in the load
lines.
7. ACG Terminal: The intermediate point of the input filter. Shorted to
FG terminal for normal operation.
8. FG Terminal: Shorted to the housing, and connected to a ground line.
9. Current Balance Terminal: Connected to the CB terminal of another
Power Supply wired in parallel.
10. Remote Control Terminals: Connected to an external device to
enable remote control of the output while the input voltage is being
applied.
11. Fan Alarm Output: Turns ON (shorted) when the speed of the
internal fan drops.
12. Output Voltage Monitoring Terminals: Take-off from the DC output
terminals. Connected to the remote sensing terminals (+S and –S)
when the remote sensing function is not used.


Similar Part No. - S82D-6012

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
S8200 KODENSHI-S8200 Datasheet
186Kb / 10P
   Linear LED Driver IC
logo
Seiko Instruments Inc
S8200A SII-S8200A Datasheet
709Kb / 36P
   BATTERY PROTECTION IC FOR 1-CELL PACK
logo
Polyfet RF Devices
S8201 POLYFET-S8201 Datasheet
37Kb / 2P
   SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR
logo
Satco Products, Inc.
S8201 SATCO-S8201 Datasheet
124Kb / 1P
   9 watt; Mini Spiral Compact Fluorescent; 2700K; 82 CRI; GU24 base; 120 volts
logo
Harwin Plc
S8201-46R HARWIN-S8201-46R Datasheet
129Kb / 1P
   COIN CELL RETAINER (12mm) (TAPE REELED)
More results

Similar Description - S82D-6012

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
SDURD320 SMC-SDURD320 Datasheet
187Kb / 5P
   Switching Power Supply
MBR1080 SMC-MBR1080 Datasheet
252Kb / 6P
   Switching power supply
62CNQ030 SMC-62CNQ030 Datasheet
232Kb / 5P
   Switching power supply
logo
Sparkle Power Inc.
FSP065-AAB SPI-FSP065-AAB Datasheet
115Kb / 7P
   Switching Power Supply
FSP090-1ADC21 SPI-FSP090-1ADC21 Datasheet
130Kb / 7P
   Switching Power Supply
logo
CUI INC
EPSA050120UB CUI-EPSA050120UB Datasheet
204Kb / 4P
   SWITCHING POWER SUPPLY
EPSA050250U_1009 CUI-EPSA050250U_1009 Datasheet
238Kb / 4P
   SWITCHING POWER SUPPLY
EPSA050250UB CUI-EPSA050250UB Datasheet
203Kb / 4P
   SWITCHING POWER SUPPLY
EPSA050250UE CUI-EPSA050250UE Datasheet
196Kb / 4P
   SWITCHING POWER SUPPLY
EPSA120150UB CUI-EPSA120150UB Datasheet
201Kb / 4P
   SWITCHING POWER SUPPLY
EMSA18W CUI-EMSA18W Datasheet
251Kb / 5P
   SWITCHING POWER SUPPLY
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com