Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCN26562C4N48 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SCN26562C4N48
Description  Dual universal serial communications controller DUSCC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SCN26562C4N48 Datasheet(HTML) 2 Page - NXP Semiconductors

  SCN26562C4N48 Datasheet HTML 1Page - NXP Semiconductors SCN26562C4N48 Datasheet HTML 2Page - NXP Semiconductors SCN26562C4N48 Datasheet HTML 3Page - NXP Semiconductors SCN26562C4N48 Datasheet HTML 4Page - NXP Semiconductors SCN26562C4N48 Datasheet HTML 5Page - NXP Semiconductors SCN26562C4N48 Datasheet HTML 6Page - NXP Semiconductors SCN26562C4N48 Datasheet HTML 7Page - NXP Semiconductors SCN26562C4N48 Datasheet HTML 8Page - NXP Semiconductors SCN26562C4N48 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Philips Semiconductors
Product specification
SCN26562
Dual universal serial communications controller (DUSCC)
1995 May 1
2
Character-Oriented Protocol Features
Character length: 5 to 8 bits
Odd or even parity, no parity, or force parity
LRC or CRC generation and checking
Optional opening PAD transmission
One or two SYN characters
External sync capability
SYN detection and optional stripping
SYN or MARK line-fill on underrun
Idle in MARK or SYNs
Parity, FCS, overrun, and underrun error detection
BISYNC Features
EBCDIC or ASCII header, text and control messages
SYN, DLE stripping
EOM (end of message) detection and transmission
Auto transparent mode switching
Auto hunt after receipt of EOM sequence (with closing PAD check
after EOT or NAK)
Control character sequence detection for both transparent and
normal text
Bit-Oriented Protocol Features
Character length: 5 to 8 bits
Detection and transmission of residual character: 0–7 bits
Automatic switch to programmed character length for I field
Zero insertion and detection
Optional opening PAD transmission
Detection and generation of FLAG, ABORT, and IDLE bit patterns
Detection and generation of shared (single) FLAG between
frames
Detection of overlapping (shared zero) FLAGs
ABORT, ABORT-FLAGs, or FCS FLAGs line-fill on underrun
Idle in MARK or FLAGs
Secondary address recognition including group and global
address
Single- or dual-octet secondary address
Extended address and control fields
Short frame rejection for receiver
Detection and notification of received end of message
CRC generation and checking
SDLC loop mode capability
ORDERING INFORMATION
DESCRIPTION
VCC = +5V +5%, TA = 0°C to +70°C
DWG #
DESCRIPTION
Serial Data Rate =
4Mbps Maximum
DWG #
48-Pin Plastic Dual In-Line Package (DIP)
SCN26562C4N48
SOT240-1
52-Pin Plastic Leaded Chip Carrier (PLCC) Package
SCN26562C4A52
SOT238-3
ABSOLUTE MAXIMUM RATINGS1
SYMBOL
PARAMETER
RATING
UNIT
TA
Operating ambient temperature2
0 to +70
°C
TSTG
Storage temperature
-65 to +150
°C
VCC
Voltage from VCC to GND3
–0.5 to +7.0
V
VS
Voltage from any pin to ground3
–0.5 to VCC +0.5
V
NOTES:
1. Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only and
functional operation of the device at these or any other conditions above those indicated in the operation section of this specification is not
implied.
2. For operating at elevated temperatures, the device must be derated based on +150
°C maximum junction temperature and thermal
resistance of 36
°C/W junction to ambient for ceramic DIP, 40°C/W for plastic DIP, and 42°C/W for PLCC.
3. This product includes circuitry specifically designed for the protection of its internal devices from damaging effects of excessive static
charge. Nonetheless, it is suggested that conventional precautions be taken to avoid applying any voltages larger than the rated maxima.


Similar Part No. - SCN26562C4N48

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SCN2651 PHILIPS-SCN2651 Datasheet
118Kb / 15P
   Programmable communications interface PCI
1994 Apr 27
SCN2651CC1N28 PHILIPS-SCN2651CC1N28 Datasheet
118Kb / 15P
   Programmable communications interface PCI
1994 Apr 27
SCN2652 PHILIPS-SCN2652 Datasheet
134Kb / 22P
   Multi-protocol communications controller MPCC
1995 May 01
SCN2652 PHILIPS-SCN2652 Datasheet
651Kb / 28P
   Multi-protocol communications controller (MPCC)
1995 May 01
SCN2652AC2A44 PHILIPS-SCN2652AC2A44 Datasheet
134Kb / 22P
   Multi-protocol communications controller MPCC
1995 May 01
More results

Similar Description - SCN26562C4N48

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SCN68562 PHILIPS-SCN68562 Datasheet
120Kb / 18P
   Dual universal serial communications controller DUSCC
1995 May 01
SC68C562 PHILIPS-SC68C562 Datasheet
163Kb / 26P
   CMOS dual universal serial communications controller CDUSCC
1998 Sep 04
SC26C562 PHILIPS-SC26C562 Datasheet
151Kb / 22P
   CMOS dual universal serial communications controller CDUSCC
1998 Sep 04
SC26C562 PHILIPS-SC26C562_06 Datasheet
150Kb / 22P
   CMOS dual universal serial communications controller (CDUSCC)
2006 Aug 10
logo
InnovASIC, Inc
IA80C152 INNOVASIC-IA80C152 Datasheet
232Kb / 32P
   UNIVERSAL COMMUNICATIONS CONTROLLER
IA80C152 INNOVASIC-IA80C152_10 Datasheet
914Kb / 61P
   Universal Communications Controller
logo
Advanced Micro Devices
AM8530H AMD-AM8530H Datasheet
797Kb / 194P
   Serial Communications Controller
logo
Adlink Technology Inc.
CPCI-3534 ADLINK-CPCI-3534 Datasheet
207Kb / 1P
   Serial Communications Controller
CPCI-3544 ADLINK-CPCI-3544 Datasheet
168Kb / 1P
   Serial Communications Controller
logo
Zilog, Inc.
Z08030 ZILOG-Z08030 Datasheet
304Kb / 9P
   Serial Communications Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com