Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCC68692E1N40 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # SCC68692E1N40
Description  Dual asynchronous receiver/transmitter DUART
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SCC68692E1N40 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button SCC68692E1N40 Datasheet HTML 3Page - NXP Semiconductors SCC68692E1N40 Datasheet HTML 4Page - NXP Semiconductors SCC68692E1N40 Datasheet HTML 5Page - NXP Semiconductors SCC68692E1N40 Datasheet HTML 6Page - NXP Semiconductors SCC68692E1N40 Datasheet HTML 7Page - NXP Semiconductors SCC68692E1N40 Datasheet HTML 8Page - NXP Semiconductors SCC68692E1N40 Datasheet HTML 9Page - NXP Semiconductors SCC68692E1N40 Datasheet HTML 10Page - NXP Semiconductors SCC68692E1N40 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
Philips Semiconductors
Product specification
SCC68692
Dual asynchronous receiver/transmitter (DUART)
1998 Sep 04
7
AC CHARACTERISTICS1, 2, 4
SYMBOL
FIGURE
PARAMETER
LIMITS
UNIT
SYMBOL
FIGURE
PARAMETER
Min
Typ3
Max
UNIT
Reset Timing
tRES
1
RESET pulse width
200
ns
Bus Timing5
tAS
4,5,6
A1–A4 setup time to CSN Low
10
ns
tAH
4,5,6
A1–A4 hold time from CSN Low
100
ns
tRWS
4,5,6
RWN setup time to CSN High
0
ns
tRWH
4,5,6
RWN holdup time to CSN High
0
ns
tCSW8
4,5,6
CSN High pulse width
160
ns
tCSD9
4,5,6
CSN or IACKN High from DTACKN Low
20
ns
tDD
4,5,6
Data valid from CSN or IACKN Low
175
ns
tDA8
4
RDN Low to data bus active
15
ns
tDF8
4,5,6
Data bus floating from CSN or IACKN High
125
ns
tDI8
4
RDN High to data bus invalid
20
ns
tDS
4,5,6
Data setup time to CLK High
100
ns
tDH
4,5,6
Data hold time from CSN High
0
ns
tDAL
4,5,6
DTACKN Low from read data valid
0
ns
tDCR
4,5,6
DTACKN Low (read cycle) from CLK High
125
ns
tDCW
4,5,6
DTACKN Low (write cycle) form CLK High
125
ns
tDAH
4,5,6
DTACKN High from CSN or IACKN High
100
ns
IDAT
4,5,6
DTACKN High impedance from CSN or IACKN High
125
ns
tCSC7
4,5,6
CSN or IACKN setup time to clock High
90
ns
Port Timing5
tPS
7
Port input setup time to CSN Low
0
ns
tPH
7
Port input hold time from CSN High
0
ns
tPD
7
Port output valid from CSN High
400
ns
Interrupt Timing
tIR10
6
INTRN (or OP3–OP7 when used as interrupts) negated from:
Read RHR (RxRDY/FFULL interrupt)
300
ns
Write THR (TxRDY interrupt)
300
ns
Reset command (break interrupt)
300
ns
Stop C/T command (counter interrupt)
300
ns
Read IPCR (input port change interrupt)
300
ns
Write IMR (clear of interrupt mask bit)
300
ns
Clock Timing
tCLK
7
X1/CLK High or Low time
100
ns
fCLK11
7
X1/CLK frequency
0
3.6864
4
MHz
tCTC
7
CTCLK (IP2) High or Low time
100
ns
fCTC9
7
CTCLK (IP2) frequency
100
4
MHz
tRX
7
RxC High or Low time
220
ns
fRX9
7
RxC frequency (16X)
(1X)
100
100
2
1
MHz
MHz
tTX
7
TxC High or Low time
220
ns
fTX9
7
TxC frequency (16X)
(1X)
0
0
2
1
MHz
MHz
Transmitter Timing
tTXD
8
TxD output delay from TxC external clock input on IP pin
350
ns
tTCS
8
Output delay from TxC low at OP pin to TxD data output
150
ns
Receiver Timing
tRXS
9
RxD data setup time before RxC high at external clock input on IP pin
240
ns
tRXH
9
RxD data hold time after RxC high at external clock input on IP pin
200
ns
NOTES:
1. Parameters are valid over specified temperature range.
2. All voltage measurements are referenced to ground (GND). For testing, all inputs swing between 0.4V and 2.4V with a transition time of 5ns
maximum. For X1/CLK this swing is between 0.4V and 4.4V. All time measurements are referenced at input voltages of 0.8V and 2.0V and
output voltages of 0.8V and 2.0V, as appropriate.
3. Typical values are at +25
°C, typical supply voltages, and typical processing parameters.


Similar Part No. - SCC68692E1N40

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SCC68681 PHILIPS-SCC68681 Datasheet
195Kb / 29P
   Dual asynchronous receiver/transmitter
2004 Apr 06
SCC68681C1A44 PHILIPS-SCC68681C1A44 Datasheet
195Kb / 29P
   Dual asynchronous receiver/transmitter
2004 Apr 06
SCC68681C1N40 PHILIPS-SCC68681C1N40 Datasheet
195Kb / 29P
   Dual asynchronous receiver/transmitter
2004 Apr 06
SCC68681E1A44 PHILIPS-SCC68681E1A44 Datasheet
195Kb / 29P
   Dual asynchronous receiver/transmitter
2004 Apr 06
SCC68681E1N40 PHILIPS-SCC68681E1N40 Datasheet
195Kb / 29P
   Dual asynchronous receiver/transmitter
2004 Apr 06
More results

Similar Description - SCC68692E1N40

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SCN2681T PHILIPS-SCN2681T Datasheet
114Kb / 14P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCC2681T PHILIPS-SCC2681T Datasheet
108Kb / 15P
   Dual asynchronous receiver/transmitter (DUART)
2004 Apr 06
SCN68681 PHILIPS-SCN68681 Datasheet
187Kb / 28P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCC2681 PHILIPS-SCC2681 Datasheet
204Kb / 29P
   Dual asynchronous receiver/transmitter (DUART)
2004 Apr 06
SCC2692 PHILIPS-SCC2692 Datasheet
209Kb / 30P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCN2681 PHILIPS-SCN2681 Datasheet
205Kb / 30P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SC26C92 PHILIPS-SC26C92 Datasheet
203Kb / 31P
   Dual universal asynchronous receiver/transmitter DUART
2000 Jan 31
SC28L202 PHILIPS-SC28L202 Datasheet
531Kb / 77P
   Dual universal asynchronous receiver/transmitter DUART
2000 Feb 10
SC28L92 PHILIPS-SC28L92 Datasheet
284Kb / 44P
   3.3V-5.0V Dual Universal Asynchronous Receiver/Transmitter DUART
2000 Jan 21
SC28L92 NXP-SC28L92 Datasheet
349Kb / 73P
   3.3 V/5.0 V Dual Universal Asynchronous Receiver/Transmitter (DUART)
Rev. 07-19 December 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com