Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S82D Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # S82D
Description  Switching Power Supply
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

S82D Datasheet(HTML) 4 Page - Omron Electronics LLC

  S82D Datasheet HTML 1Page - Omron Electronics LLC S82D Datasheet HTML 2Page - Omron Electronics LLC S82D Datasheet HTML 3Page - Omron Electronics LLC S82D Datasheet HTML 4Page - Omron Electronics LLC S82D Datasheet HTML 5Page - Omron Electronics LLC S82D Datasheet HTML 6Page - Omron Electronics LLC S82D Datasheet HTML 7Page - Omron Electronics LLC S82D Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
S82D
S82D
4
Operation
Remote Sensing Function
This function corrects a voltage drop in the load wiring. When using
the remote sensing function, remove the short bars from the remote
sensing terminals as shown in the following diagram.
Remote sensing connection
(2-wire shielded cable)
Load
Load wiring
Remove the
short bar
Note:
1. When the voltage drop in the load wiring is large, the
overvoltage protection function might engage just from
the increase in voltage to correct the voltage drop, so be
sure to use high capacity wiring.
2. If the +S and +V terminals are left unconnected, the high
voltage protection function will engage and the output
voltage will be cut off. If the -S and -V terminals are left
unconnected, the output voltage will increase about 5%.
Remote Control Function
This function allows the output voltage to be turned on and off with
an external signal (as long as the input voltage is being applied).
When using the remote control function, remove the short bar (at-
tached at ex-factory condition) from the remote control terminals
and connect a switch or transistor as shown in the diagram below.
Remove the
short bar
Tr*
*Use a transistor with VCE > 20
V and Ic > 5 mA.
Level
Output voltage
L (0.8 V max.)
ON
H (2 V min.)
OFF
Note:
The remote control circuit is insulated from input, output,
and GR.
Fan Alarm
When the speed of the internal fan drops, the fan alarm output
(SPST-NO) will turn ON (shorted).
Normal condition
Alarm condition
Noise filter
Fuse*
ACG
FG
AC (L)
AC (N)
Input
100/200 V
Inrush
current
prevention
Rectifier
Rectifier
Drive
Detection
Overvoltage
detection
Low-voltage
detection
Fan alarm circuit
Remote control
circuit
Control circuit
Overload
detection
Auxiliary power
circuit
+ V
– V
+ S
– S
CB
FAN ALM
+ RC
– RC
FAN ALM
DC Output
Remote sensing
Current balance
Fan alarm
Remote control
*Fuse capac-
ity
300 W: 8 A
600 W: 15 A
Short bar


Similar Part No. - S82D

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
S8200 KODENSHI-S8200 Datasheet
186Kb / 10P
   Linear LED Driver IC
logo
Seiko Instruments Inc
S8200A SII-S8200A Datasheet
709Kb / 36P
   BATTERY PROTECTION IC FOR 1-CELL PACK
logo
Polyfet RF Devices
S8201 POLYFET-S8201 Datasheet
37Kb / 2P
   SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR
logo
Satco Products, Inc.
S8201 SATCO-S8201 Datasheet
124Kb / 1P
   9 watt; Mini Spiral Compact Fluorescent; 2700K; 82 CRI; GU24 base; 120 volts
logo
Harwin Plc
S8201-46R HARWIN-S8201-46R Datasheet
129Kb / 1P
   COIN CELL RETAINER (12mm) (TAPE REELED)
More results

Similar Description - S82D

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
SDURD320 SMC-SDURD320 Datasheet
187Kb / 5P
   Switching Power Supply
MBR1080 SMC-MBR1080 Datasheet
252Kb / 6P
   Switching power supply
62CNQ030 SMC-62CNQ030 Datasheet
232Kb / 5P
   Switching power supply
logo
Sparkle Power Inc.
FSP065-AAB SPI-FSP065-AAB Datasheet
115Kb / 7P
   Switching Power Supply
FSP090-1ADC21 SPI-FSP090-1ADC21 Datasheet
130Kb / 7P
   Switching Power Supply
logo
CUI INC
EPSA050120UB CUI-EPSA050120UB Datasheet
204Kb / 4P
   SWITCHING POWER SUPPLY
EPSA050250U_1009 CUI-EPSA050250U_1009 Datasheet
238Kb / 4P
   SWITCHING POWER SUPPLY
EPSA050250UB CUI-EPSA050250UB Datasheet
203Kb / 4P
   SWITCHING POWER SUPPLY
EPSA050250UE CUI-EPSA050250UE Datasheet
196Kb / 4P
   SWITCHING POWER SUPPLY
EPSA120150UB CUI-EPSA120150UB Datasheet
201Kb / 4P
   SWITCHING POWER SUPPLY
EMSA18W CUI-EMSA18W Datasheet
251Kb / 5P
   SWITCHING POWER SUPPLY
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com