Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S82D Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # S82D
Description  Switching Power Supply
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

S82D Datasheet(HTML) 2 Page - Omron Electronics LLC

  S82D Datasheet HTML 1Page - Omron Electronics LLC S82D Datasheet HTML 2Page - Omron Electronics LLC S82D Datasheet HTML 3Page - Omron Electronics LLC S82D Datasheet HTML 4Page - Omron Electronics LLC S82D Datasheet HTML 5Page - Omron Electronics LLC S82D Datasheet HTML 6Page - Omron Electronics LLC S82D Datasheet HTML 7Page - Omron Electronics LLC S82D Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
S82D
S82D
2
Specifications
Ratings/Characteristics
Item
300 W
600 W
Efficiency (typical)
74% to 84% (depending on types)
Life expectancy
10 yrs. min. (Used at 40
°C at the rated input with a 50% load. The life expectancy of
the fan is lower.)
Input
Voltage (AC only)
Switchable between 100 V (85 to 132 V) and 200 V (170 to 264 V)
Frequency
47 to 450 Hz
Current
100 V input
8 A max.
14 A max.
(with rated I/O)
200 V input
4 A max.
7 A max.
Leakage current
100 V input
0.5 mA max.
(with rated I/O)
200 V input
1 mA max.
Inrush current
100 V input
25 A max.
30 A max.
(with rated I/O)
200 V input
50 A max.
60 A max.
Noise filter
Yes
Output
Voltage fluctuation
3% max. (combined input, load, and temperature variations)
Voltage adjustment range
±10% (adjustable with variable resistor (V.ADJ))
Ripple
2% (p-p) max.
Input variation influence
0.4% max. (85 to 132 VAC/170 to 264 VAC input, 100% load)
Load variation influence
0.8% max. (rated input, 0% to 100% load)
Temperature variation influence
0.04%/
°C max. (0° to 50°C, with rated input and output)
Rise time
300 ms max. (output voltage rise to 90%, with rated input and output)
Hold time
20 ms min.
Additional
functions
Overload protection
105% min. of rated load current, inverted L drop, automatic reset (output shut off
after 5 s, reset by input reset)
Overvoltage protection
120% of rated output voltage (typical), shut-off type, reset by input reset
Fan alarm
Relay output, connector SPST, 250 VAC, 1 A load resistance, but switching capacity
is 125 VA
Remote sensing
Yes
Remote control
Yes
Parallel connection
Yes
Other
Ambient temperature
Operating: See the derating curve in the “Engineering Data” section
Storage:
–25
° to 85°C
Ambient humidity
Operating:25% to 85%
Storage: 20% to 95%
Dielectric strength
2000 VAC, 50/60Hz for 1 min (between all inputs and outputs/housing)
500 VDC for 1 min (between all inputs and outputs and the housing)
Insulation resistance
100 M
Ω min. at 500 VDC (between all inputs and outputs/housing)
Vibration resistance
Malfunction: 10 to 55 Hz, 0.75-mm double amplitude (approx. 4.5G) each in X, Y,
and Z directions for 2 hours.
Shock resistance
Malfunction: 294 m/s2 (30G), 3 times each in
±X, ±Y, and ±Z directions
Output indicator
Yes (red)
Electromagnetic interference
Meets FCC class A standards
Approved standards
UL 1012, CSA E.B. 1402C
Weight
2.5 kg max.
4 kg max.
Note:
Be sure to remove short bar attached between FC and ACG terminals before performing dielectric strength test or insulation resistance
test for surge absorber is connected across input lines.


Similar Part No. - S82D

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
S8200 KODENSHI-S8200 Datasheet
186Kb / 10P
   Linear LED Driver IC
logo
Seiko Instruments Inc
S8200A SII-S8200A Datasheet
709Kb / 36P
   BATTERY PROTECTION IC FOR 1-CELL PACK
logo
Polyfet RF Devices
S8201 POLYFET-S8201 Datasheet
37Kb / 2P
   SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR
logo
Satco Products, Inc.
S8201 SATCO-S8201 Datasheet
124Kb / 1P
   9 watt; Mini Spiral Compact Fluorescent; 2700K; 82 CRI; GU24 base; 120 volts
logo
Harwin Plc
S8201-46R HARWIN-S8201-46R Datasheet
129Kb / 1P
   COIN CELL RETAINER (12mm) (TAPE REELED)
More results

Similar Description - S82D

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
SDURD320 SMC-SDURD320 Datasheet
187Kb / 5P
   Switching Power Supply
MBR1080 SMC-MBR1080 Datasheet
252Kb / 6P
   Switching power supply
62CNQ030 SMC-62CNQ030 Datasheet
232Kb / 5P
   Switching power supply
logo
Sparkle Power Inc.
FSP065-AAB SPI-FSP065-AAB Datasheet
115Kb / 7P
   Switching Power Supply
FSP090-1ADC21 SPI-FSP090-1ADC21 Datasheet
130Kb / 7P
   Switching Power Supply
logo
CUI INC
EPSA050120UB CUI-EPSA050120UB Datasheet
204Kb / 4P
   SWITCHING POWER SUPPLY
EPSA050250U_1009 CUI-EPSA050250U_1009 Datasheet
238Kb / 4P
   SWITCHING POWER SUPPLY
EPSA050250UB CUI-EPSA050250UB Datasheet
203Kb / 4P
   SWITCHING POWER SUPPLY
EPSA050250UE CUI-EPSA050250UE Datasheet
196Kb / 4P
   SWITCHING POWER SUPPLY
EPSA120150UB CUI-EPSA120150UB Datasheet
201Kb / 4P
   SWITCHING POWER SUPPLY
EMSA18W CUI-EMSA18W Datasheet
251Kb / 5P
   SWITCHING POWER SUPPLY
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com