Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S29NS128P0SBJW003 Datasheet(PDF) 7 Page - SPANSION

Part # S29NS128P0SBJW003
Description  MirrorBit Flash Family
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29NS128P0SBJW003 Datasheet(HTML) 7 Page - SPANSION

Back Button S29NS128P0SBJW003 Datasheet HTML 3Page - SPANSION S29NS128P0SBJW003 Datasheet HTML 4Page - SPANSION S29NS128P0SBJW003 Datasheet HTML 5Page - SPANSION S29NS128P0SBJW003 Datasheet HTML 6Page - SPANSION S29NS128P0SBJW003 Datasheet HTML 7Page - SPANSION S29NS128P0SBJW003 Datasheet HTML 8Page - SPANSION S29NS128P0SBJW003 Datasheet HTML 9Page - SPANSION S29NS128P0SBJW003 Datasheet HTML 10Page - SPANSION S29NS128P0SBJW003 Datasheet HTML 11Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 86 page
background image
February 20, 2007 S29NS-P_00_A1
S29NS-P MirrorBitTM Flash Family
7
Da ta
Sh e e t
(Adv a n ce
In f o r m ation)
1.
Ordering Information
The ordering part number is formed by a valid combination of the following:
Notes
1. Type 0 is standard. Specify other options as required.
2. BGA package marking omits leading S29 and packing type designator from ordering part number.
Valid Combinations
Valid Combinations list configurations planned to be supported in volume for this device. Consult your local
sales office to confirm availability of specific valid combinations and to check on newly released
combinations.
S29NS
512
P
xx
BJ
W
00
0
Packing Type
0
= Tray (standard; (Note 1))
3
= 13-inch Tape and Reel
Model Number
00 = Standard
Temperature Range
W = Wireless (–25°C to +85°C)
Package Type & Material Set
BJ = Very Thin Fine-Pitch BGA,Lead (Pb)-free LF35 Package
Speed Option (Burst Frequency)
0P = 66 MHz
0S = 83 MHz
AB = 108 MHz
Process Technology
P = 90 nm MirrorBit™ Technology
Flash Density
512 =512 Mb
256 =256 Mb
128 =128 Mb
Product Family
S29NS = 1.8 Volt-only Simultaneous Read/Write, Burst Mode Multiplexed Flash
Memory
Valid Combinations
Package Type
Base Ordering
Part Number
Speed
Option
Package Type, Material,
& Temperature Range
Packing
Type
Model
Number
S29NS512P
0P, 0S, AB
BJW (Lead (Pb)-free, LF35)
0, 3 (1)
00
8.0 mm x 9.2 mm, 64-ball
S29NS256P
6.2 mm x 7.7 mm, 44-ball
S29NS128P


Similar Part No. - S29NS128P0SBJW003

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29NS128J0LBAW00 SPANSION-S29NS128J0LBAW00 Datasheet
1Mb / 85P
   110 nm CMOS 1.8-Volt only Simultaneous Read/Write, Burst Mode Flash Memories
S29NS128J0LBAW000 SPANSION-S29NS128J0LBAW000 Datasheet
2Mb / 73P
   Burst Mode Flash Memories
S29NS128J0LBAW002 SPANSION-S29NS128J0LBAW002 Datasheet
2Mb / 73P
   Burst Mode Flash Memories
S29NS128J0LBAW003 SPANSION-S29NS128J0LBAW003 Datasheet
2Mb / 73P
   Burst Mode Flash Memories
S29NS128J0LBFW00 SPANSION-S29NS128J0LBFW00 Datasheet
1Mb / 85P
   110 nm CMOS 1.8-Volt only Simultaneous Read/Write, Burst Mode Flash Memories
More results

Similar Description - S29NS128P0SBJW003

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29GL512N SPANSION-S29GL512N Datasheet
2Mb / 110P
   MirrorBit Flash Family
S29GL-A SPANSION-S29GL-A Datasheet
3Mb / 89P
   S29GL-A MirrorBit Flash Family
S29GL01GS10TFI010 SPANSION-S29GL01GS10TFI010 Datasheet
3Mb / 104P
   GL-S MirrorBit Eclipse Flash Non-Volatile Memory Family
S29GL01GS11TFIV20 SPANSION-S29GL01GS11TFIV20 Datasheet
3Mb / 104P
   GL-S MirrorBit Eclipse Flash Non-Volatile Memory Family
S72NS-P SPANSION-S72NS-P Datasheet
461Kb / 14P
   MirrorBit Flash Memory and DRAM
S25FS-S SPANSION-S25FS-S Datasheet
8Mb / 154P
   MirrorBit Flash Non-Volatile Memory
S29GL128P10TFI020 SPANSION-S29GL128P10TFI020 Datasheet
2Mb / 81P
   MirrorBit짰 Flash Family
S29GL256P90TFCR20 SPANSION-S29GL256P90TFCR20 Datasheet
2Mb / 81P
   MirrorBit짰 Flash Family
logo
Silicon Laboratories
C8051F388 SILABS-C8051F388 Datasheet
4Mb / 285P
   Flash MCU Family
Rev. 1.2
C8051F388-B SILABS-C8051F388-B Datasheet
4Mb / 285P
   Flash MCU Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com