Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SB320-T3 Datasheet(PDF) 3 Page - Won-Top Electronics

Part # SB320-T3
Description  3.0A SCHOTTKY BARRIER DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

SB320-T3 Datasheet(HTML) 3 Page - Won-Top Electronics

  SB320-T3 Datasheet HTML 1Page - Won-Top Electronics SB320-T3 Datasheet HTML 2Page - Won-Top Electronics SB320-T3 Datasheet HTML 3Page - Won-Top Electronics SB320-T3 Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SB320 – SB3100
3 of 4
© 2006 Won-Top Electronics
MARKING INFORMATION
TAPING SPECIFICATIONS
PACKAGING INFORMATION
Packaging
Reel Diameter /
Box Size (mm)
Quantity
(PCS)
Carton Size
(mm)
Quantity
(PCS)
Approx. Gross Weight
(KG)
TAPE & REEL
330
1,200
370 x 370 x 420
6,000
10.0
TAPE & BOX
255 x 75 x 150
1,200
400 x 273 x 415
12,000
17.0
BULK
200 x 85 x 40
500
459 x 214 x 256
12,500
16.0
Note: 1. Paper reel, white or gray color. Core material: plastic or metal.
2. Components are packed in accordance with EIA standard RS-296-E.
TAPE & REEL
SB3 x0
WTE
0.8mm
MAX
10mm
1.2mm
MAX
0.8mm
MAX
6mm
52.4mm
Cathode Tape: Red
Anode Tape: White
330mm
Product ID Label
Inspection Hole
(both ends)
80±5mm
TAPE & BOX
255mm
Product ID Label
150mm
75mm
BULK
200mm
85mm
40mm
Cathode
= Polarity Band
SB3x0
= Device Number
x
= 2, 3, 4, 5, 6, 8 or 10
WTE
= Manufacturer’s Logo


Similar Part No. - SB320-T3

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SB320-T3 WTE-SB320-T3 Datasheet
46Kb / 3P
   3.0A SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SB320-T3

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
1N5820 WTE-1N5820_06 Datasheet
45Kb / 4P
   3.0A SCHOTTKY BARRIER DIODE
logo
Zibo Seno Electronic En...
SB320 ZSELEC-SB320 Datasheet
114Kb / 2P
   3.0A SCHOTTKY BARRIER DIODE
logo
Won-Top Electronics
SR320 WTE-SR320_06 Datasheet
60Kb / 4P
   3.0A SCHOTTKY BARRIER DIODE
logo
Zibo Seno Electronic En...
MS302 ZSELEC-MS302 Datasheet
136Kb / 2P
   3.0A SCHOTTKY BARRIER DIODE
SR320 ZSELEC-SR320 Datasheet
83Kb / 2P
   3.0A SCHOTTKY BARRIER DIODE
MBR320 ZSELEC-MBR320 Datasheet
135Kb / 2P
   3.0A SCHOTTKY BARRIER DIODE
SR330L ZSELEC-SR330L Datasheet
125Kb / 2P
   3.0A LOW VF SCHOTTKY BARRIER DIODE
BX32 ZSELEC-BX32 Datasheet
100Kb / 2P
   3.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Won-Top Electronics
SX32 WTE-SX32 Datasheet
47Kb / 4P
   3.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
SUNMATE electronic Co.,...
RB051M-2Y SUNMATE-RB051M-2Y Datasheet
285Kb / 3P
   3.0A Surface Mount Schottky Barrier Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com