Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SB230-T3 Datasheet(PDF) 2 Page - Won-Top Electronics

Part # SB230-T3
Description  2.0A SCHOTTKY BARRIER DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

SB230-T3 Datasheet(HTML) 2 Page - Won-Top Electronics

  SB230-T3 Datasheet HTML 1Page - Won-Top Electronics SB230-T3 Datasheet HTML 2Page - Won-Top Electronics SB230-T3 Datasheet HTML 3Page - Won-Top Electronics SB230-T3 Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SB220 – SB2100
2 of 4
© 2006 Won-Top Electronics

0
10
20
30
40
50
1
10
100
NUMBER OF CYCLES AT 60 Hz
Fig. 3 Max Non-Repetitive Peak Fwd Surge Current
Single Half-Sine-Wave
(JEDEC Method)
T = 100 C
j
°
10
100
1000
0.1
110
100
V , REVERSE VOLTAGE (V)
Fig. 4 Typical Junction Capacitance
R
f=1.0MHz
T = 25 C
j
°
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
Fig. 5 Typical Reverse Characteristics
T = 100 C
j
°
T = 75 C
j
°
T = 25 C
j
°
100
10
1.0
0.1
0.01
1k
0.01
0.1
1.0
10
0
0.2
0.4
0.6
0.8
1.0
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics
F
100
SB220 - SB240
SB250 - SB260
0
0.5
1.0
25
50
75
100
125
150
T , LEAD TEMPERATURE ( C)
Fig. 1 Forward Current Derating Curve
L
°
1.5
2.0
2.5
3.0
SB280 - SB2100
SB220 - SB240
SB250 - SB2100


Similar Part No. - SB230-T3

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SB230-T3 WTE-SB230-T3 Datasheet
49Kb / 3P
   2.0A SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SB230-T3

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
MS202 ZSELEC-MS202 Datasheet
135Kb / 2P
   2.0A SCHOTTKY BARRIER DIODE
logo
Won-Top Electronics
SR220 WTE-SR220_06 Datasheet
54Kb / 4P
   2.0A SCHOTTKY BARRIER DIODE
logo
Zibo Seno Electronic En...
SB220 ZSELEC-SB220 Datasheet
138Kb / 2P
   2.0A SCHOTTKY BARRIER DIODE
MBR220 ZSELEC-MBR220 Datasheet
136Kb / 2P
   2.0A SCHOTTKY BARRIER DIODE
logo
Won-Top Electronics
SB220S WTE-SB220S Datasheet
54Kb / 4P
   2.0A SCHOTTKY BARRIER DIODE
logo
Zibo Seno Electronic En...
SR220 ZSELEC-SR220 Datasheet
115Kb / 2P
   2.0A SCHOTTKY BARRIER DIODE
logo
SUNMATE electronic Co.,...
SR220 SUNMATE-SR220 Datasheet
135Kb / 2P
   2.0A Axial Leaded Schottky Barrier Diode
logo
Sanyo Semicon Device
SS2003M SANYO-SS2003M Datasheet
32Kb / 3P
   Schottky Barrier Diode 30V, 2.0A Rectifier
logo
Won-Top Electronics
SR22 WTE-SR22_06 Datasheet
46Kb / 4P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Sanyo Semicon Device
SB2003M SANYO-SB2003M Datasheet
32Kb / 3P
   Schottky Barrier Diode 30V, 2.0A Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com