Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S3G Datasheet(PDF) 3 Page - Won-Top Electronics

Part # S3G
Description  3.0A SURFACE MOUNT GLASS PASSIVATED STANDARD DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

S3G Datasheet(HTML) 3 Page - Won-Top Electronics

  S3G Datasheet HTML 1Page - Won-Top Electronics S3G Datasheet HTML 2Page - Won-Top Electronics S3G Datasheet HTML 3Page - Won-Top Electronics S3G Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
S3A – S3M
3 of 4
© 2006 Won-Top Electronics
MARKING INFORMATION
RECOMMENDED FOOTPRINT
PACKAGING INFORMATION
Reel Diameter
(mm)
Quantity
(PCS)
Inner Box Size
L x W x H (mm)
Quantity
(PCS)
Carton Size
L x W x H (mm)
Quantity
(PCS)
Approx. Gross Weight
(KG)
330
3,000
340 x 337 x 45
6,000
370 x 370 x 420
48,000
19.0
inches(mm)
Product ID Label
Direction of Unreeling
16mm
4mm
1.6mm
Note: 1. Paper reel, white or gray color.
2. Components are packed in accordance with EIA standard 481-1 and 481-2.
TAPE & REEL
Cathode
= Polarity Band
WTE
= Manufacturer’s Logo
S3x
= Device Number
x
= A, B, D, G, J, K or M
WT E
S3x
0.060 MIN
(1.52 MIN)
0.121 MIN
(3.07 MIN)
0.185 MAX
(4.69 MAX)
330mm
16mm
8mm


Similar Part No. - S3G

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
S3G PANJIT-S3G Datasheet
115Kb / 3P
   SURFACE MOUNT RECTIFIER
S3G PANJIT-S3G Datasheet
415Kb / 2P
   SURFACE MOUNT RECTIFIER(VOLTAGE- 50-100 Volts CURRENT- 3.0 Ampere)
logo
Micro Commercial Compon...
S3G MCC-S3G Datasheet
630Kb / 4P
   3 Amp Silicon Rectifier 50 to 1000 Volts
logo
Vishay Siliconix
S3G VISHAY-S3G Datasheet
85Kb / 4P
   Surface Mount Glass Passivated Rectifier
Revision: 25-Apr-14
logo
Semikron International
S3G SEMIKRON-S3G Datasheet
115Kb / 2P
   Standard silicon rectifier diodes
More results

Similar Description - S3G

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
S3AB WTE-S3AB Datasheet
45Kb / 4P
   3.0A SURFACE MOUNT GLASS PASSIVATED STANDARD DIODE
logo
Zibo Seno Electronic En...
ES3AF ZSELEC-ES3AF Datasheet
109Kb / 2P
   3.0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
logo
Won-Top Electronics
ER3A WTE-ER3A_06 Datasheet
48Kb / 4P
   3.0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
logo
Zibo Seno Electronic En...
ES3ABF ZSELEC-ES3ABF Datasheet
109Kb / 2P
   3.0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
ER3A ZSELEC-ER3A Datasheet
114Kb / 2P
   3.0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
logo
Won-Top Electronics
UF3A WTE-UF3A_06 Datasheet
56Kb / 4P
   3.0A SURFACE MOUNT GLASS PASSIVATED ULTRAFAST DIODE
logo
Zibo Seno Electronic En...
ES3A ZSELEC-ES3A Datasheet
126Kb / 2P
   3.0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
logo
Won-Top Electronics
FR3A WTE-FR3A_06 Datasheet
52Kb / 4P
   3.0A SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY DIODE
logo
Zibo Seno Electronic En...
RS3AF ZSELEC-RS3AF Datasheet
108Kb / 2P
   3.0A SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY DIODE
RS3ABF ZSELEC-RS3ABF Datasheet
109Kb / 2P
   3.0A SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com