Electronic Components Datasheet Search |
|
S29NS512P Datasheet(PDF) 8 Page - SPANSION |
|
S29NS512P Datasheet(HTML) 8 Page - SPANSION |
8 / 86 page 8 S29NS-P MirrorBitTM Flash Family S29NS-P_00_A1 February 20, 2007 Data Sheet (Adv an ce Inf o r m a t io n) 2. Input/Output Descriptions & Logic Symbol Table 2.1 identifies the input and output package connections provided on the device. Table 2.1 Input/Output Descriptions Symbol Type Description A24 – A16 Input Address inputs, S29NS512P A23 – A16 Input Address inputs, S29NS256P A22 – A16 Input Address inputs, S29NS128P A/DQ15 – A/DQ0 I/O Multiplexed Address/Data input/output CE# Input Chip Enable. Asynchronous relative to CLK for the Burst mode. OE# Input Output Enable. Asynchronous relative to CLK for the Burst mode WE# Input Write Enable VCC Supply Device Power Supply VCCQ Supply Input/Output Power Supply (must be ramped simultaneously with VCC) VSS I/O Ground VSSQ I/O Input/Output Ground NC No Connect No Connected internally RDY Output Ready. Indicates when valid burst data is ready to be read CLK Input The first rising edge of CLK in conjunction with AVD# low latches address input and activates burst mode operation. After the initial word is output, subsequent rising edges of CLK increment the internal address counter. CLK should remain low during asynchronous access AVD# Input Address Valid input. Indicates to device that the valid address is present on the address inputs (address bits A15 – A0 are multiplexed, address bits Amax – A16 are address only). VIL = for asynchronous mode, indicates valid address; for burst mode, cause staring address to be latched on rising edge of CLK. VIH = device ignores address inputs RESET# Input Hardware Reset. Low = device resets and returns to reading array data. WP# Input Write Protect. At VIL, disables program and erase functions in the four top sectors. Should be at VIH for all other conditions. VPP Input Accelerated input. At VHH, accelerates programming; automatically places device in unlock bypass mode. At VIL,disables all program and erase functions. Should be at VIH for all other conditions. RFU Reserved Reserved for future use |
Similar Part No. - S29NS512P |
|
Similar Description - S29NS512P |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |