Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS1J-T3 Datasheet(PDF) 4 Page - Won-Top Electronics

Part # RS1J-T3
Description  1.0A SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

RS1J-T3 Datasheet(HTML) 4 Page - Won-Top Electronics

  RS1J-T3 Datasheet HTML 1Page - Won-Top Electronics RS1J-T3 Datasheet HTML 2Page - Won-Top Electronics RS1J-T3 Datasheet HTML 3Page - Won-Top Electronics RS1J-T3 Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
RS1A – RS1K
4 of 4
© 2006 Won-Top Electronics
ORDERING INFORMATION
Product No.
Package Type
Shipping Quantity
RS1A-T3
SMA
7500/Tape & Reel
RS1B-T3
SMA
7500/Tape & Reel
RS1D-T3
SMA
7500/Tape & Reel
RS1G-T3
SMA
7500/Tape & Reel
RS1J-T3
SMA
7500/Tape & Reel
RS1K-T3
SMA
7500/Tape & Reel
1.
Shipping quantity given is for minimum packing quantity only. For minimum
order quantity, please consult the Sales Department.
2.
To order RoHS / Lead Free version (with Lead Free finish), add “-LF” suffix
to part number above. For example, RS1A-T3-LF.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any
responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to
manufacturer. WTE reserves the right to change any or all information herein without further notice.
WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life
support devices or systems without the express written approval.
We power your everyday.
Won-Top Electronics Co., Ltd.
No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan
Phone: 886-7-822-5408 or 886-7-822-5410
Fax: 886-7-822-5417
Email: sales@wontop.com
Internet: http://www.wontop.com


Similar Part No. - RS1J-T3

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
RS1J-T3 WTE-RS1J-T3 Datasheet
49Kb / 3P
   1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
RS1J-T3 WTE-RS1J-T3 Datasheet
43Kb / 4P
   1.0A SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY DIODE
September, 2012
More results

Similar Description - RS1J-T3

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
RS1ABF ZSELEC-RS1ABF Datasheet
150Kb / 2P
   1.0A SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY DIODE
RS1AF ZSELEC-RS1AF Datasheet
151Kb / 2P
   1.0A SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY DIODE
logo
Won-Top Electronics
FR1A WTE-FR1A_06 Datasheet
53Kb / 4P
   1.0A SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY DIODE
RS1A WTE-RS1A_V01 Datasheet
43Kb / 4P
   1.0A SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY DIODE
September, 2012
logo
Zibo Seno Electronic En...
FFM101 ZSELEC-FFM101 Datasheet
145Kb / 2P
   1.0A GLASS PASSIVATED FAST RECOVERY DIODE
FFM101-M ZSELEC-FFM101-M Datasheet
145Kb / 2P
   1.0A GLASS PASSIVATED FAST RECOVERY DIODE
RS1000FL ZSELEC-RS1000FL Datasheet
140Kb / 2P
   1.0A GLASS PASSIVATED FAST RECOVERY DIODE
logo
Won-Top Electronics
FR101G WTE-FR101G Datasheet
55Kb / 4P
   1.0A GLASS PASSIVATED FAST RECOVERY DIODE
1N4933G WTE-1N4933G Datasheet
54Kb / 4P
   1.0A GLASS PASSIVATED FAST RECOVERY DIODE
logo
Zibo Seno Electronic En...
FR101G ZSELEC-FR101G Datasheet
117Kb / 2P
   1.0A GLASS PASSIVATED FAST RECOVERY DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com