Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RB152 Datasheet(PDF) 4 Page - Won-Top Electronics

Part # RB152
Description  1.5A SINGLE-PHASE BRIDGE RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

RB152 Datasheet(HTML) 4 Page - Won-Top Electronics

  RB152 Datasheet HTML 1Page - Won-Top Electronics RB152 Datasheet HTML 2Page - Won-Top Electronics RB152 Datasheet HTML 3Page - Won-Top Electronics RB152 Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
RB150 – RB1510
4 of 4
© 2006 Won-Top Electronics
ORDERING INFORMATION
Product No.
Package Type
Shipping Quantity
RB150
Round Bridge
1000 Units/Box
RB151
Round Bridge
1000 Units/Box
RB152
Round Bridge
1000 Units/Box
RB154
Round Bridge
1000 Units/Box
RB156
Round Bridge
1000 Units/Box
RB158
Round Bridge
1000 Units/Box
RB1510
Round Bridge
1000 Units/Box
1.
Shipping quantity given is for minimum packing quantity only. For minimum
order quantity, please consult the Sales Department.
2.
To order Lead Free version (with Lead Free finish), add “-LF” suffix to part
number above. For example, RB150-LF.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any
responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to
manufacturer. WTE reserves the right to change any or all information herein without further notice.
WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life
support devices or systems without the express written approval.
We power your everyday.
Won-Top Electronics Co., Ltd.
No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan
Phone: 886-7-822-5408 or 886-7-822-5410
Fax: 886-7-822-5417
Email: sales@wontop.com
Internet: http://www.wontop.com


Similar Part No. - RB152

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
RB152 WTE-RB152 Datasheet
45Kb / 3P
   1.5A BRIDGE RECTIFIER
logo
Nanjing International G...
RB152 DGNJDZ-RB152 Datasheet
82Kb / 2P
   SINGLE PHASE 1.5 AMP BRIDGE RECTIFIERS
logo
Galaxy Semi-Conductor H...
RB152 BILIN-RB152 Datasheet
79Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Shanghai Shunye Electro...
RB152 SY-RB152 Datasheet
263Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Rectron Semiconductor
RB152 RECTRON-RB152 Datasheet
22Kb / 2P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.5 Amperes)
More results

Similar Description - RB152

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBP150 WTE-KBP150_06 Datasheet
47Kb / 4P
   1.5A SINGLE-PHASE BRIDGE RECTIFIER
B40C1500 WTE-B40C1500_06 Datasheet
50Kb / 4P
   1.5A SINGLE-PHASE BRIDGE RECTIFIER
W005M WTE-W005M_06 Datasheet
57Kb / 4P
   1.5A SINGLE-PHASE BRIDGE RECTIFIER
KBP005M WTE-KBP005M_06 Datasheet
63Kb / 4P
   1.5A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
KBP150G WTE-KBP150G_06 Datasheet
63Kb / 4P
   1.5A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
DF150 WTE-DF150_06 Datasheet
56Kb / 4P
   1.5A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
W005G WTE-W005G_06 Datasheet
47Kb / 4P
   1.5A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
RB151 YFWDIODE-RB151 Datasheet
642Kb / 3P
   1.5A SINGLE-PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
Semtech Corporation
RB151 SEMTECH-RB151 Datasheet
127Kb / 2P
   1.5A SINGLE - PHASE SILICON BRIDGE????
logo
SEMTECH ELECTRONICS LTD...
W005 SEMTECH_ELEC-W005 Datasheet
240Kb / 2P
   1.5A SINGLE-PHASE SILICON BRIDGE RECTIFIERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com