Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PFW3504 Datasheet(PDF) 1 Page - Won-Top Electronics

Part # PFW3504
Description  35A 1/2 WASHER LEAD PRESS-FIT DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

PFW3504 Datasheet(HTML) 1 Page - Won-Top Electronics

  PFW3504 Datasheet HTML 1Page - Won-Top Electronics PFW3504 Datasheet HTML 2Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PFW3500 – PFW3506
1 of 2
© 2006 Won-Top Electronics
Pb
PFW3500 – PFW3506
35A 1/2" WASHER LEAD PRESS-FIT DIODE
Features
!
Diffused Junction
Anode
+
!
Low Leakage
F
!
Low Cost
G
!
High Surge Current Capability
!
Typical IR less than 5.0µA
C
               
  E
Mechanical Data
D
!
Case: Copper Case and Components
B
Hermetically Sealed
!
Terminals: Insulated Wire with Washer Lead
!
Polarity: Cathode to Case (Reverse Units Are
Available Upon Request and Are Designated
A
By A “R” Suffix, i.e. PFW3502R or PFW3504R)
!
Polarity: Red Color Equals Standard,
Black Color Equals Reverse Polarity
!
Mounting Position: Any
!
Lead Free: For RoHS / Lead Free Version,
Add “-LF” Suffix to Part Number, See Page 2
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
PFW
3500
PFW
3501
PFW
3502
PFW
3503
PFW
3504
PFW
3505
PFW
3506
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
300
400
500
600
V
RMS Reverse Voltage
VR(RMS)
35
70
140
210
280
350
420
V
Average Rectified Output Current
@TC = 150°C
IO
35
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
400
A
Forward Voltage
@IF = 35A
VFM
1.0
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 100°C
IRM
5.0
500
µA
Typical Junction Capacitance (Note 1)
Cj
300
pF
Typical Thermal Resistance (Note 2)
RJC
1.2
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +175
°C
Note: 1. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
2. Thermal Resistance: Junction to case, single side cooled.
WTE
POWER SEMICONDUCTORS
DO-21 Washer Lead
Dim
Min
Max
A
15.77
15.97
B
12.73
12.82
C
1.25
1.31
D
5.70
5.90
E
11.80
12.00
F
37.0
40.0
G
4.30 Ø Typical
All Dimensions in mm


Similar Part No. - PFW3504

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
PFW3504 WTE-PFW3504 Datasheet
26Kb / 2P
   35A 1/2 FLAG LEAD PRESS-FIT DIODE
More results

Similar Description - PFW3504

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
PFW3520 WTE-PFW3520 Datasheet
32Kb / 2P
   35A AVALANCHE 1/2 WASHER LEAD PRESS-FIT DIODE
PFW2500 WTE-PFW2500_06 Datasheet
33Kb / 2P
   25A 1/2 WASHER LEAD PRESS-FIT DIODE
PFW5000 WTE-PFW5000_06 Datasheet
33Kb / 2P
   50A 1/2 WASHER LEAD PRESS-FIT DIODE
PFS3500 WTE-PFS3500 Datasheet
32Kb / 2P
   35A 1/2 RUGGED LEAD PRESS-FIT DIODE
PFW3500 WTE-PFW3500 Datasheet
26Kb / 2P
   35A 1/2 FLAG LEAD PRESS-FIT DIODE
PFW5020 WTE-PFW5020 Datasheet
32Kb / 2P
   50A AVALANCHE 1/2 WASHER LEAD PRESS-FIT DIODE
PF3500 WTE-PF3500 Datasheet
23Kb / 2P
   35A 1/2 PRESS-FIT DIODE
PF3500 WTE-PF3500_14 Datasheet
32Kb / 2P
   35A 1/2??PRESS-FIT DIODE
PF3500 WTE-PF3500_06 Datasheet
30Kb / 2P
   35A 1/2" PRESS-FIT DIODE
PF3520 WTE-PF3520_14 Datasheet
32Kb / 2P
   35A AVALANCHE 1/2??PRESS-FIT DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com