Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRHYB67130CM Datasheet(PDF) 6 Page - International Rectifier

Part # IRHYB67130CM
Description  RADIATION HARDENED POWER MOSFET THRU-HOLE (Low-Ohmic TO-257AA)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHYB67130CM Datasheet(HTML) 6 Page - International Rectifier

  IRHYB67130CM Datasheet HTML 1Page - International Rectifier IRHYB67130CM Datasheet HTML 2Page - International Rectifier IRHYB67130CM Datasheet HTML 3Page - International Rectifier IRHYB67130CM Datasheet HTML 4Page - International Rectifier IRHYB67130CM Datasheet HTML 5Page - International Rectifier IRHYB67130CM Datasheet HTML 6Page - International Rectifier IRHYB67130CM Datasheet HTML 7Page - International Rectifier IRHYB67130CM Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
IRHYB67130CM
Pre-Irradiation
6
www.irf.com
Fig 10a. Switching Time Test Circuit
VDS
90%
10%
VGS
td(on)
tr
td(off) tf
Fig 10b. Switching Time Waveforms
VDS
Pulse Width ≤ 1 µs
Duty Factor ≤ 0.1 %
RD
VGS
RG
D.U.T.
+
-VDD
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case
Fig 9. Maximum Drain Current Vs.
CaseTemperature
VGS
25
50
75
100
125
150
0
5
10
15
20
25
30
35
T , Case Temperature ( C)
°
C
LIMITED BY PACKAGE
1E-006
1E-005
0.0001
0.001
0.01
0.1
1
t1 , Rectangular Pulse Duration (sec)
0.001
0.01
0.1
1
10
0.20
0.10
D = 0.50
0.02
0.01
0.05
SINGLE PULSE
( THERMAL RESPONSE )
Notes:
1. Duty Factor D = t1/t2
2. Peak Tj = P dm x Zthjc + Tc
P
t
t
DM
1
2


Similar Part No. - IRHYB67130CM

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHYB67130CM IRF-IRHYB67130CM Datasheet
190Kb / 9P
   Simple Drive Requirements
IRHYB67130CM IRF-IRHYB67130CM_15 Datasheet
190Kb / 9P
   Simple Drive Requirements
More results

Similar Description - IRHYB67130CM

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHYS67130CM IRF-IRHYS67130CM Datasheet
184Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (Low-Ohmic TO-257AA)
IRHYB597Z30CM IRF-IRHYB597Z30CM Datasheet
181Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (Low-Ohmic TO-257AA)
IRHYS67134CM IRF-IRHYS67134CM Datasheet
190Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (Low-Ohmic TO-257AA)
IRHYS597034CM IRF-IRHYS597034CM Datasheet
200Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (Low-Ohmic TO-257AA)
IRHYB67134CM IRF-IRHYB67134CM Datasheet
181Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (Low-Ohmic TO-257AA)
IRHYS597Z30CM IRF-IRHYS597Z30CM Datasheet
197Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (Low-Ohmic TO-257AA)
IRHYS67230CM IRF-IRHYS67230CM Datasheet
189Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (Low-Ohmic TO-257AA)
IRHYS67234CM IRF-IRHYS67234CM Datasheet
192Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (Low-Ohmic TO-257AA)
IRHYB67230CM IRF-IRHYB67230CM Datasheet
135Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (Low-Ohmic TO-257AA)
IRHYB597034CM IRF-IRHYB597034CM Datasheet
191Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (Low-Ohmic TO-257AA)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com