Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX15020ATP+ Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX15020ATP+
Description  2A, 40V Step-Down DC-DC Converter with Dynamic Output-Voltage Programming
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15020ATP+ Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX15020ATP+ Datasheet HTML 1Page - Maxim Integrated Products MAX15020ATP+ Datasheet HTML 2Page - Maxim Integrated Products MAX15020ATP+ Datasheet HTML 3Page - Maxim Integrated Products MAX15020ATP+ Datasheet HTML 4Page - Maxim Integrated Products MAX15020ATP+ Datasheet HTML 5Page - Maxim Integrated Products MAX15020ATP+ Datasheet HTML 6Page - Maxim Integrated Products MAX15020ATP+ Datasheet HTML 7Page - Maxim Integrated Products MAX15020ATP+ Datasheet HTML 8Page - Maxim Integrated Products MAX15020ATP+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
2A, 40V Step-Down DC-DC Converter with
Dynamic Output-Voltage Programming
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VIN = 36V, VREG = VDVREG, VPGND = VGND = VEP = 0V, VSYNC = 0V, CREFOUT = 0.1µF, TA = TJ = -40°C to +125°C, FSEL = REG,
unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
IN, ON/OFF to GND........…. ...................................-0.3V to +45V
LX to GND................................................-0.715V to (VIN + 0.3V)
BST to GND ..................................................-0.3V to (VIN + 12V)
BST to LX................................................................-0.3V to +12V
PGND, EP to GND .................................................-0.3V to +0.3V
REG, DVREG, SYNC to GND .................................-0.3V to +12V
FB, COMP, FSEL, REFIN, REFOUT,
SS to GND .............................................-0.3V to (VREG + 0.3V)
Continuous Current through Internal Power MOSFET
TJ = +125°C..........................................................................4A
TJ = +150°C.......................................................................2.7A
Continuous Power Dissipation (TA = +70°C)
20-Pin Thin QFN, single-layer board (5mm x 5mm)
(derate 21.3mW/°C above +70°C) ...........................1702.1mW
20-Pin Thin QFN, multilayer board (5mm x 5mm)
(derate 34.5mW/°C above +70°C) ...........................2758.6mW
Maximum Junction Temperature .....................................+150°C
Storage Temperature Range ............................-60°C to +150°C
Lead Temperature (soldering, 10s) ................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Voltage Range
VIN
7.5
40.0
V
UVLO Rising Threshold
UVLORISING
6.80
7.20
7.45
V
UVLO Falling Threshold
UVLOFALLING
6.0
6.5
7.0
V
UVLO Hysteresis
UVLOHYST
0.7
V
Quiescent Supply Current
VIN = 40V, VFB = 1.3V
1.6
2.8
mA
Switching Supply Current
VIN = 40V, VFB = 0V
14.5
mA
Shutdown Current
ISHDN
VON/OFF = 0.2V, VIN = 40V
6
15
µA
ON/
OFF CONTROL
Input-Voltage Threshold
VON/OFF
VON/OFF rising
1.200
1.225
1.270
V
Input-Voltage Threshold
Hysteresis
120
mV
Input Bias Current
VON/OFF = 0V to VIN
-250
+250
nA
Shutdown Threshold Voltage
VSD
0.2
V
INTERNAL VOLTAGE REGULATOR (REG)
Output Voltage
IREG = 0 to 20mA
7.1
8.3
V
OSCILLATOR
VFSEL = 0V
450
550
Frequency
fSW
VFSEL = VREG
270
330
kHz
VFSEL = 0V
85
Maximum Duty Cycle
DMAX
VFSEL = VREG
90
%
SYNC/FSEL High-Level Voltage
2
V
SYNC/FSEL Low-Level Voltage
0.8
V
SYNC Frequency Range
fSYNC
VFSEL = VREG
100
550
kHz


Similar Part No. - MAX15020ATP+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15020ATP++ MAXIM-MAX15020ATP+ Datasheet
2Mb / 18P
   2A, 40V Step-Down DC-DC Converter with Dynamic Output-Voltage Programming
2014
More results

Similar Description - MAX15020ATP+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15020 MAXIM-MAX15020_V01 Datasheet
2Mb / 18P
   2A, 40V Step-Down DC-DC Converter with Dynamic Output-Voltage Programming
2014
MAX15020 MAXIM-MAX15020_11 Datasheet
316Kb / 18P
   2A, 40V Step-Down DC-DC Converter with Dynamic Output-Voltage Programming
Rev 1; 5/11
logo
ARTSCHIP ELECTRONICS CO...
MPS1410 ARTSCHIP-MPS1410 Datasheet
350Kb / 7P
   2A Step Down DC/DC Converter
logo
ACE Technology Co., LTD...
ACE722 ACE-ACE722 Datasheet
535Kb / 8P
   2A Step-down DC-DC Converter
VER 1.6
logo
Active-Semi, Inc
ACT2102 ACTIVE-SEMI-ACT2102 Datasheet
707Kb / 16P
   18V/2A Step-Down DC/DC Converter
Rev 2, 23-May-12
logo
Diodes Incorporated
AP3419 DIODES-AP3419 Datasheet
471Kb / 9P
   2A STEP-DOWN DC-DC BUCK CONVERTER
logo
Holtek Semiconductor In...
HT7465 HOLTEK-HT7465 Datasheet
1Mb / 11P
   2A Step-Down DC to DC Converter
logo
Advanced Analog Technol...
AAT7301 AAT-AAT7301 Datasheet
554Kb / 11P
   2A 15V STEP-DOWN DC-DC CONVERTER
logo
Active-Semi, Inc
ACT4060B ACTIVE-SEMI-ACT4060B Datasheet
705Kb / 16P
   18V/2A Step-Down DC/DC Converter
Rev 1, 23-May-12
logo
ELM Electronics
ELM605DA ELM-ELM605DA Datasheet
827Kb / 13P
   2A synchronous step-down DC/DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com