Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX15020ATP+ Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX15020ATP+
Description  2A, 40V Step-Down DC-DC Converter with Dynamic Output-Voltage Programming
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15020ATP+ Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX15020ATP+ Datasheet HTML 4Page - Maxim Integrated Products MAX15020ATP+ Datasheet HTML 5Page - Maxim Integrated Products MAX15020ATP+ Datasheet HTML 6Page - Maxim Integrated Products MAX15020ATP+ Datasheet HTML 7Page - Maxim Integrated Products MAX15020ATP+ Datasheet HTML 8Page - Maxim Integrated Products MAX15020ATP+ Datasheet HTML 9Page - Maxim Integrated Products MAX15020ATP+ Datasheet HTML 10Page - Maxim Integrated Products MAX15020ATP+ Datasheet HTML 11Page - Maxim Integrated Products MAX15020ATP+ Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
2A, 40V Step-Down DC-DC Converter with
Dynamic Output-Voltage Programming
8
_______________________________________________________________________________________
Pin Description
PIN
NAME
FUNCTION
1
COMP
Voltage-Error-Amplifier Output. Connect COMP to the necessary compensation feedback network.
2FB
Feedback Regulation Point. Connect to the center tap of an external resistor-divider connected between
the output and GND to set the output voltage. The FB voltage regulates to the voltage applied to REFIN.
3
ON/OFF
ON/OFF Control. The ON/OFF rising threshold is set to approximately 1.225V. Connect to the center tap of
a resistive divider connected between IN and GND to set the turn-on (rising) threshold. Connect ON/OFF to
GND to shut down the IC. Connect ON/OFF to IN for always-on operation given that VIN has risen above the
UVLO threshold. ON/OFF can be used for power-supply sequencing.
4
REFOUT
0.98V Reference Voltage Output. Bypass REFOUT to GND with a 0.1µF ceramic capacitor. REFOUT is to
be used only with REFIN. It is not to be used to power any other external circuitry.
5
SS
Soft-Start. Connect a 0.01µF or greater ceramic capacitor from SS to GND. See the Soft-Start (SS) section.
6
REFIN
External Reference Input. Connect to an external reference. VFB regulates to the voltage applied to REFIN.
Connect REFIN to REFOUT to use the internal 1V reference. See the Reference Input and Output (REFIN,
REOUT) section.
7
FSEL
Internal Switching Frequency Selection Input. Connect FSEL to REG to select fSW = 300kHz. Connect FSEL
to GND to select fSW = 500kHz. When an external clock is connected to SYNC connect FSEL to REG.
8
SYNC
Oscillator Synchronization Input. SYNC can be driven by an external 100kHz to 500kHz clock to
synchronize the MAX15020’s switching frequency. Connect SYNC to GND to disable the synchronization
function. When using SYNC, connect FSEL to REG.
9
DVREG
Power Supply for Internal Digital Circuitry. Connect a 10Ω resistor from REG to DVREG. Connect DVREG to
the anode of the boost diode, D2 in Figure 2. Bypass DVREG to GND with at least a 1µF ceramic capacitor.
10
PGND
Power-Ground Connection. Connect the input filter capacitor’s negative terminal, the anode of the
freewheeling diode, and the output filter capacitor’s return to PGND. Connect externally to GND at a single
point near the input bypass capacitor’s return terminal.
11
N.C.
No Connection. Leave unconnected or connect to GND
12
BST
High-Side Gate Driver Supply. Connect BST to the cathode of the boost diode and to the positive terminal
of the boost capacitor.
13, 14, 15
LX
Source Connection of Internal High-Side Switch. Connect the inductor and rectifier diode’s cathode to LX.
16, 17, 18
IN
Supply Input Connection. Connect to an external voltage source from 7.5V to 40V.
19
REG
8V Internal Regulator Output. Bypass to GND with at least a 1µF ceramic capacitor. Do not use REG to
power external circuitry.
20
GND
Ground Connection. Solder the exposed pad to a large GND plane. Connect GND and PGND together at
one point near the input bypass capacitor return terminal.
—EP
Exposed Pad. Connect EP to GND. Connecting EP does not remove the requirement for proper ground
connections to the appropriate pins. See the PCB Layout and Routing section.


Similar Part No. - MAX15020ATP+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15020ATP++ MAXIM-MAX15020ATP+ Datasheet
2Mb / 18P
   2A, 40V Step-Down DC-DC Converter with Dynamic Output-Voltage Programming
2014
More results

Similar Description - MAX15020ATP+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15020 MAXIM-MAX15020_V01 Datasheet
2Mb / 18P
   2A, 40V Step-Down DC-DC Converter with Dynamic Output-Voltage Programming
2014
MAX15020 MAXIM-MAX15020_11 Datasheet
316Kb / 18P
   2A, 40V Step-Down DC-DC Converter with Dynamic Output-Voltage Programming
Rev 1; 5/11
logo
ARTSCHIP ELECTRONICS CO...
MPS1410 ARTSCHIP-MPS1410 Datasheet
350Kb / 7P
   2A Step Down DC/DC Converter
logo
ACE Technology Co., LTD...
ACE722 ACE-ACE722 Datasheet
535Kb / 8P
   2A Step-down DC-DC Converter
VER 1.6
logo
Active-Semi, Inc
ACT2102 ACTIVE-SEMI-ACT2102 Datasheet
707Kb / 16P
   18V/2A Step-Down DC/DC Converter
Rev 2, 23-May-12
logo
Diodes Incorporated
AP3419 DIODES-AP3419 Datasheet
471Kb / 9P
   2A STEP-DOWN DC-DC BUCK CONVERTER
logo
Holtek Semiconductor In...
HT7465 HOLTEK-HT7465 Datasheet
1Mb / 11P
   2A Step-Down DC to DC Converter
logo
Advanced Analog Technol...
AAT7301 AAT-AAT7301 Datasheet
554Kb / 11P
   2A 15V STEP-DOWN DC-DC CONVERTER
logo
Active-Semi, Inc
ACT4060B ACTIVE-SEMI-ACT4060B Datasheet
705Kb / 16P
   18V/2A Step-Down DC/DC Converter
Rev 1, 23-May-12
logo
ELM Electronics
ELM605DA ELM-ELM605DA Datasheet
827Kb / 13P
   2A synchronous step-down DC/DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com