Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRHNJ8230 Datasheet(PDF) 1 Page - International Rectifier

Part # IRHNJ8230
Description  RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-0.5)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHNJ8230 Datasheet(HTML) 1 Page - International Rectifier

  IRHNJ8230 Datasheet HTML 1Page - International Rectifier IRHNJ8230 Datasheet HTML 2Page - International Rectifier IRHNJ8230 Datasheet HTML 3Page - International Rectifier IRHNJ8230 Datasheet HTML 4Page - International Rectifier IRHNJ8230 Datasheet HTML 5Page - International Rectifier IRHNJ8230 Datasheet HTML 6Page - International Rectifier IRHNJ8230 Datasheet HTML 7Page - International Rectifier IRHNJ8230 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Absolute Maximum Ratings
Parameter
Units
ID @ VGS = 12V, TC = 25°C
Continuous Drain Current
9.4
ID @ VGS = 12V, TC = 100°C Continuous Drain Current
6.0
IDM
Pulsed Drain Current
À
37
PD @ TC = 25°C
Max. Power Dissipation
75
W
Linear Derating Factor
0.6
W/°C
VGS
Gate-to-Source Voltage
±20
V
EAS
Single Pulse Avalanche Energy
Á
150
mJ
IAR
Avalanche Current
À
5.5
A
EAR
Repetitive Avalanche Energy
À
7.5
mJ
dv/dt
Peak Diode Recovery dv/dt
Â
16
V/ns
T J
Operating Junction
-55 to 150
TSTG
Storage Temperature Range
Pckg. Mounting Surface Temp.
300 (for 5s)
Weight
1.0 (Typical)
g
Pre-Irradiation
International Rectifier’s RAD-HardTM HEXFET® technology
technology provides high performance power MOSFETs
for space applications. This technology has over a
decade of proven performance and reliability in satellite
applications. These devices have been characterized
for both Total Dose and Single Event Effects (SEE). The
combination of low RDS(on) and low gate charge reduces
the power losses in switching applications such as DC
to DC converters and motor control. These devices retain
all of the well established advantages of MOSFETs such
as voltage control, fast switching, ease of paralleling
and temperature stability of electrical parameters.
oC
A
RADIATION HARDENED
POWER MOSFET
SURFACE MOUNT (SMD-0.5)
05/16/06
www.irf.com
1
Features:
n Single Event Effect (SEE) Hardened
n Low RDS(on)
n Low Total Gate Charge
n Simple Drive Requirements
n Ease of Paralleling
n Hermetically Sealed
n Ceramic Package
n Surface Mount
n Light Weight
For footnotes refer to the last page
SMD-0.5
IRHNJ7230
200V, N-CHANNEL
Product Summary
Part Number Radiation Level
RDS(on)
ID
IRHNJ7230
100K Rads (Si)
0.40
9.4A
IRHNJ3230
300K Rads (Si)
0.40
9.4A
IRHNJ4230
500K Rads (Si)
0.40
9.4A
IRHNJ8230
1000K Rads (Si)
0.53
9.4A
PD - 93821A
RAD-Hard
HEXFET
®
TECHNOLOGY


Similar Part No. - IRHNJ8230

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHNJ8130 IRF-IRHNJ8130 Datasheet
109Kb / 8P
   100V, N-CHANNEL RAD-Hard HEXFET MOSFET TECHNOLOGY
More results

Similar Description - IRHNJ8230

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHNJ57230 IRF-IRHNJ57230 Datasheet
127Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-0.5)
IRHNJ57130 IRF-IRHNJ57130 Datasheet
130Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-0.5)
IRHNJ7330SE IRF-IRHNJ7330SE Datasheet
114Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-0.5)
IRHNJ67230 IRF-IRHNJ67230 Datasheet
144Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE-MOUNT (SMD-0.5)
IRHNJ7430SE IRF-IRHNJ7430SE Datasheet
122Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-0.5)
IRHNJ597130 IRF-IRHNJ597130 Datasheet
122Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-0.5)
IRHNJ57133SE IRF-IRHNJ57133SE Datasheet
178Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-0.5)
IRHNJ57230SE IRF-IRHNJ57230SE Datasheet
125Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-0.5)
IRHNJ9130 IRF-IRHNJ9130 Datasheet
126Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-0.5)
IRHNJ67134 IRF-IRHNJ67134 Datasheet
193Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE-MOUNT (SMD-0.5)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com