Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4SMAJ48 Datasheet(PDF) 4 Page - Won-Top Electronics

Part # P4SMAJ48
Description  400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

P4SMAJ48 Datasheet(HTML) 4 Page - Won-Top Electronics

  P4SMAJ48 Datasheet HTML 1Page - Won-Top Electronics P4SMAJ48 Datasheet HTML 2Page - Won-Top Electronics P4SMAJ48 Datasheet HTML 3Page - Won-Top Electronics P4SMAJ48 Datasheet HTML 4Page - Won-Top Electronics P4SMAJ48 Datasheet HTML 5Page - Won-Top Electronics P4SMAJ48 Datasheet HTML 6Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
P4SMAJ SERIES
4 of 6
© 2006 Won-Top Electronics
BI-DIRECTIONAL 400 WATT SURFACE MOUNT TVS
BI-
DIRECTIONAL
PART NO.
DEVICE
MARKING
CODE
REVERSE
STAND-OFF
VOLTAGE VRWM (V)
BREAKDOWN
VOLTAGE
VBR (V) MIN. @IT
BREAKDOWN
VOLTAGE
VBR (V) MAX. @IT
TEST
CURRENT
IT (mA)
MAXIMUM CLAMPING
VOLTAGE @Ipp Vc (V)
PEAK PULSE
CURRENT
Ipp (A)
REVERSE
LEAKAGE
@VRWM IR (uA)
P4SMAJ5.0C
P4SMAJ5.0CA
P4SMAJ6.0C
P4SMAJ6.0CA
TD
TE
TF
TG
5.00
5.00
6.00
6.00
6.40
6.40
6.67
6.67
7.55
7.25
8.45
7.67
10
10
10
10
9.6
9.2
11.4
10.3
41.6
43.5
35.1
38.8
1600
1600
1600
1600
P4SMAJ6.5C
P4SMAJ6.5CA
P4SMAJ7.0C
P4SMAJ7.0CA
TH
TK
TL
TM
6.50
6.50
7.00
7.00
7.22
7.22
7.78
7.78
9.14
8.30
9.86
8.95
10
10
10
10
12.3
11.2
13.3
12.0
32.5
35.7
30.1
33.3
1000
1000
400
400
P4SMAJ7.5C
P4SMAJ7.5CA
P4SMAJ8.0C
P4SMAJ8.0CA
TN
TP
TQ
TR
7.50
7.50
8.00
8.00
8.33
8.33
8.99
8.99
10.67
9.58
11.30
10.23
1
1
1
1
14.3
12.9
15.0
13.6
28.0
31.0
26.5
29.4
200
200
100
100
P4SMAJ8.5C
P4SMAJ8.5CA
P4SMAJ9.0C
P4SMAJ9.0CA
TS
TT
TU
TV
8.50
8.50
9.00
9.00
9.44
9.44
10.00
10.00
11.92
10.82
12.60
11.50
1
1
1
1
15.9
14.4
16.9
15.4
25.1
27.7
23.6
26.0
20
20
5
5
P4SMAJ10C
P4SMAJ10CA
P4SMAJ11C
P4SMAJ11CA
TW
TX
TY
TZ
10.00
10.00
11.00
11.00
11.10
11.10
12.20
12.20
14.10
12.80
15.40
14.00
1
1
1
1
18.8
17.0
20.1
18.2
21.2
23.5
20.0
22.0
1
1
1
1
P4SMAJ12C
P4SMAJ12CA
P4SMAJ13C
P4SMAJ13CA
UD
UE
UF
UG
12.00
12.00
13.00
13.00
13.30
13.30
14.40
14.40
16.90
15.30
18.20
16.50
1
1
1
1
22.0
19.9
23.8
21.5
18.1
20.1
16.8
18.6
1
1
1
1
P4SMAJ14C
P4SMAJ14CA
P4SMAJ15C
P4SMAJ15CA
UH
UK
UL
UM
14.00
14.00
15.00
15.00
15.60
15.60
16.70
16.70
19.80
17.90
21.10
19.20
1
1
1
1
25.8
23.2
26.9
24.4
15.5
17.2
14.8
16.4
1
1
1
1
P4SMAJ16C
P4SMAJ16CA
P4SMAJ17C
P4SMAJ17CA
UN
UP
UQ
UR
16.00
16.00
17.00
17.00
17.80
17.80
18.90
18.90
22.60
20.50
23.90
21.70
1
1
1
1
28.8
26.0
30.5
27.6
13.8
15.3
13.1
14.5
1
1
1
1
P4SMAJ18C
P4SMAJ18CA
P4SMAJ20C
P4SMAJ20CA
US
UT
UU
UV
18.00
18.00
20.00
20.00
20.00
20.00
22.20
22.20
25.30
23.30
28.10
25.50
1
1
1
1
32.2
29.2
35.8
32.4
12.4
13.7
11.1
12.3
1
1
1
1
P4SMAJ22C
P4SMAJ22CA
P4SMAJ24C
P4SMAJ24CA
UW
UX
UY
UZ
22.00
22.00
24.00
24.00
24.40
24.40
26.70
26.70
30.90
28.00
33.80
30.70
1
1
1
1
39.4
35.5
43.0
38.9
10.1
11.2
9.3
10.3
1
1
1
1
P4SMAJ26C
P4SMAJ26CA
P4SMAJ28C
P4SMAJ28CA
VD
VE
VF
VG
26.00
26.00
28.00
28.00
28.90
28.90
31.10
31.10
36.60
33.20
39.40
35.80
1
1
1
1
46.6
42.1
50.0
45.4
8.6
9.5
8.0
8.8
1
1
1
1
P4SMAJ30C
P4SMAJ30CA
P4SMAJ33C
P4SMAJ33CA
VH
VK
VL
VM
30.00
30.00
33.00
33.00
33.30
33.30
36.70
36.70
42.20
38.30
46.50
42.20
1
1
1
1
53.5
48.4
59.0
53.3
7.5
8.3
6.8
7.5
1
1
1
1
P4SMAJ36C
P4SMAJ36CA
P4SMAJ40C
P4SMAJ40CA
VN
VP
VQ
VR
36.00
36.00
40.00
40.00
40.00
40.00
44.40
44.40
50.70
46.00
56.30
51.10
1
1
1
1
64.3
58.1
71.4
64.5
6.2
6.9
5.6
6.2
1
1
1
1
P4SMAJ43C
P4SMAJ43CA
P4SMAJ45C
P4SMAJ45CA
VS
VT
VU
VV
43.00
43.00
45.00
45.00
47.80
47.80
50.00
50.00
60.50
54.90
63.30
57.50
1
1
1
1
76.7
69.4
80.3
72.7
5.2
5.7
5.0
5.5
1
1
1
1
P4SMAJ48C
P4SMAJ48CA
P4SMAJ51C
P4SMAJ51CA
VW
VX
VY
VZ
48.00
48.00
51.00
51.00
53.30
53.30
56.70
56.70
67.50
61.30
71.80
65.20
1
1
1
1
85.5
77.4
91.1
82.4
4.7
5.2
4.4
4.9
1
1
1
1
P4SMAJ54C
P4SMAJ54CA
P4SMAJ58C
P4SMAJ58CA
WD
WE
WF
WG
54.00
54.00
58.00
58.00
60.00
60.00
64.40
64.40
76.00
69.00
81.60
74.10
1
1
1
1
96.3
87.1
103.0
93.6
4.2
4.6
3.9
4.3
1
1
1
1
P4SMAJ60C
P4SMAJ60CA
P4SMAJ64C
P4SMAJ64CA
WH
WK
WL
WM
60.00
60.00
64.00
64.00
66.70
66.70
71.10
71.10
84.50
76.70
90.10
81.80
1
1
1
1
107.0
96.8
114.0
103.0
3.7
4.1
3.5
3.9
1
1
1
1
P4SMAJ70C
P4SMAJ70CA
P4SMAJ75C
P4SMAJ75CA
WN
WP
WQ
WR
70.00
70.00
75.00
75.00
77.80
77.80
83.30
83.30
98.60
89.50
105.70
95.80
1
1
1
1
125.0
113.0
134.0
121.0
3.2
3.5
3.0
3.3
1
1
1
1
P4SMAJ78C
P4SMAJ78CA
P4SMAJ85C
P4SMAJ85CA
WS
WT
WU
WV
78.00
78.00
85.00
85.00
86.70
86.70
94.40
94.40
109.80
99.70
119.20
108.20
1
1
1
1
139.0
126.0
151.0
137.0
2.9
2.2
2.6
2.9
1
1
1
1
P4SMAJ90C
P4SMAJ90CA
P4SMAJ100C
P4SMAJ100CA
WW
WX
WY
WZ
90.00
90.00
100.00
100.00
100.00
100.00
111.00
111.00
126.50
115.50
141.00
128.00
1
1
1
1
160.0
146.0
179.0
162.0
2.5
2.7
2.2
2.5
1
1
1
1
P4SMAJ110C
P4SMAJ110CA
P4SMAJ120C
P4SMAJ120CA
XD
XE
XF
XG
110.00
110.00
120.00
120.00
122.00
122.00
133.00
133.00
154.50
140.50
169.00
153.00
1
1
1
1
196.0
177.0
214.0
193.0
2.0
2.3
1.9
2.0
1
1
1
1
P4SMAJ130C
P4SMAJ130CA
P4SMAJ150C
P4SMAJ150CA
XH
XK
XL
XM
130.00
130.00
150.00
150.00
144.00
144.00
167.00
167.00
182.50
165.50
211.50
192.50
1
1
1
1
231.0
209.0
268.0
243.0
1.7
1.9
1.5
1.6
1
1
1
1
P4SMAJ160C
P4SMAJ160CA
P4SMAJ170C
P4SMAJ170CA
XN
XP
XQ
XR
160.00
160.00
170.00
170.00
178.00
178.00
189.00
189.00
226.00
205.00
239.50
217.50
1
1
1
1
287.0
259.0
304.0
275.0
1.4
1.5
1.3
1.4
1
1
1
1


Similar Part No. - P4SMAJ48

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P4SMAJ48 PANJIT-P4SMAJ48 Datasheet
95Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 to 220 Volts 400 Watt Peak Power Pulse)
logo
Yea Shin Technology Co....
P4SMAJ48 YEASHIN-P4SMAJ48 Datasheet
102Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 5.0 to 440 Volts 400 Watt Peak Power Pulse
logo
Surge Components
P4SMAJ48 SURGE-P4SMAJ48 Datasheet
213Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0-170Volts?
logo
Formosa MS
P4SMAJ48 FORMOSA-P4SMAJ48 Datasheet
176Kb / 4P
   SURFACE MOUNT TRANSIENT VOLATAGE SUPPRESSOR
logo
Transys Electronics
P4SMAJ48 TRSYS-P4SMAJ48 Datasheet
240Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - P4SMAJ48

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SMAJ18A-13 DIODES-SMAJ18A-13 Datasheet
118Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMAJ10A-13 DIODES-SMAJ10A-13 Datasheet
118Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
P4SMAJ5.0ADF DIODES-P4SMAJ5.0ADF Datasheet
426Kb / 6P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMAJ50CA DIODES-SMAJ50CA_1 Datasheet
81Kb / 4P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19005 Rev. 13 - 2
logo
TAITRON Components Inco...
SMAJ5 TAITRON-SMAJ5 Datasheet
160Kb / 6P
   400W Surface Mount Transient Voltage Suppressor
logo
Frontier Electronics.
P4SMAJ5.0 FRONTIER-P4SMAJ5.0 Datasheet
135Kb / 4P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
SM2615 DIODES-SM2615 Datasheet
146Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
P4SMAJ180 WTE-P4SMAJ180 Datasheet
69Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
PSMAJ400A DIODES-PSMAJ400A Datasheet
114Kb / 4P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev. 3 - 2 November 2012
SMAJ8.5CA DIODES-SMAJ8.5CA Datasheet
79Kb / 4P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19005 Rev. 10 - 2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com