Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9964BDCCQ Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX9964BDCCQ
Description  Quad, Low-Power, 500Mbps ATE Driver/Comparator
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9964BDCCQ Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX9964BDCCQ Datasheet HTML 1Page - Maxim Integrated Products MAX9964BDCCQ Datasheet HTML 2Page - Maxim Integrated Products MAX9964BDCCQ Datasheet HTML 3Page - Maxim Integrated Products MAX9964BDCCQ Datasheet HTML 4Page - Maxim Integrated Products MAX9964BDCCQ Datasheet HTML 5Page - Maxim Integrated Products MAX9964BDCCQ Datasheet HTML 6Page - Maxim Integrated Products MAX9964BDCCQ Datasheet HTML 7Page - Maxim Integrated Products MAX9964BDCCQ Datasheet HTML 8Page - Maxim Integrated Products MAX9964BDCCQ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
Quad, Low-Power, 500Mbps
ATE Driver/Comparator
_______________________________________________________________________________________
3
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Low-Leakage Enable Time
(Notes 5, 7)
20
µs
Low-Leakage Disable Time
(Notes 6, 7)
20
µs
Low-Leakage Recovery
Time to return to the specified maximum
leakage after a 3V, 4V/ns step at DUT_
(Note 7)
10
µs
LEVEL PROGRAMMING INPUTS (DHV_, DLV_, DTV_, CHV_, CLV_, CPHV_, CPLV_)
Input Bias Current
IBIAS
±25
µA
Settling Time
To 5mV
1
µs
DIFFERENTIAL CONTROL INPUTS (DATA_, NDATA_, RCV_, NRCV_)
Input High Voltage
VIH
-1.6
+3.5
V
Input Low Voltage
VIL
-2.0
+3.1
V
Differential Input Voltage
VDIFF
±0.15
±1.00
V
Input Bias Current
IBIAS
MAX996_ _DCCQ, MAX996_ _HCCQ
±25
µA
Input Termination Resistor
MAX996_ _KCCQ, MAX996_ _GCCQ,
and MAX996_ _JCCQ, between signal and
complement
96
104
SINGLE-ENDED CONTROL INPUTS (CS, RST, SCLK, DIN)
Input High
VIH
1.6
3.5
V
Input Low
VIL
-0.1
+0.9
V
SERIAL INTERFACE TIMING (Figure 5)
SCLK Frequency
fSCLK
50
MHz
SCLK Pulse Width High
tCH
8ns
SCLK Pulse Width Low
tCL
8ns
CS Low to SCLK High Setup
tCSS0
3.5
ns
CS High to SCLK High Setup
tCSS1
3.5
ns
SCLK High to CS High Hold
tCSH1
3.5
ns
DIN to SCLK High Setup
tDS
3.5
ns
DIN to SCLK High Hold
tDH
3.5
ns
CS Pulse Width High
tCSWH
20
ns
TEMPERATURE MONITOR (TEMP)
Nominal Voltage
TJ = +70°C, RL
≥ 10MΩ
3.43
V
Temperature Coefficient
+10
mV/°C
Output Resistance
15
k
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +9.75V, VEE = -5.25V, VCCO_ _ = 2.5V, SC1 = SC0 = 0, VCPHV_ = 7.2V, VCPLV_ = -2.2V, TJ = +85°C, unless otherwise noted. All tem-
perature coefficients are measured at TJ = +70°C to +100°C, unless otherwise noted.) (Note 1)


Similar Part No. - MAX9964BDCCQ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX996 MAXIM-MAX996 Datasheet
141Kb / 12P
   High-Speed, Micropower, Low-Voltage, SOT23, Rail-to-Rail I/O Comparators
Rev 0b; 7/97
MAX996 MAXIM-MAX996 Datasheet
329Kb / 13P
   High-Speed, Micropower, Low-Voltage, SOT23, Rail-to-Rail I/O Comparators
Rev 2; 1/07
MAX996 MAXIM-MAX996 Datasheet
329Kb / 13P
   High-Speed, Micropower, Low-Voltage
Rev 2; 1/07
MAX996 MAXIM-MAX996 Datasheet
329Kb / 13P
   High-Speed, Micropower, Low-Voltage, SOT23, Rail-to-Rail IO Comparators
Rev 2; 1/07
MAX9960 MAXIM-MAX9960 Datasheet
621Kb / 11P
   Dual-Flash-Pin Electronics/Supervoltage Switch Matrix
Rev 0; 10/04
More results

Similar Description - MAX9964BDCCQ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9967 MAXIM-MAX9967 Datasheet
664Kb / 30P
   Dual, Low-Power, 500Mbps ATE Driver/Comparator with 35mA Load
Rev 1; 2/05
MAX9977 MAXIM-MAX9977 Datasheet
1Mb / 17P
   Quad, Low-Power, 1200Mbps ATE Driver
Rev 0; 7/05
MAX9975 MAXIM-MAX9975 Datasheet
885Kb / 32P
   Dual, Low-Power, 1200Mbps ATE Driver/Comparator with 35mA Load
Rev 0; 6/05
MAX9969 MAXIM-MAX9969 Datasheet
688Kb / 31P
   Dual, Low-Power, 1200Mbps ATE Driver/Comparator with 35mA Load
Rev 0; 8/04
logo
Renesas Technology Corp
PC339 RENESAS-PC339_15 Datasheet
236Kb / 13P
   LOW POWER QUAD COMPARATOR
logo
NEC
UPC339 NEC-UPC339 Datasheet
61Kb / 12P
   LOW POWER QUAD COMPARATOR
logo
KODENSHI_AUK CORP.
SN339 KODENSHI-SN339 Datasheet
432Kb / 8P
   Low Power Quad Comparator
logo
Maxim Integrated Produc...
MAX9972_1110 MAXIM-MAX9972_1110 Datasheet
407Kb / 22P
   Quad, Ultra-Low-Power, 300Mbps ATE Drivers/Comparators
Rev 9; 10/11
MAX9972 MAXIM-MAX9972 Datasheet
426Kb / 22P
   Quad, Ultra-Low-Power, 300Mbps ATE Drivers/Comparators
Rev 1; 7/09
MAX19005 MAXIM-MAX19005 Datasheet
2Mb / 25P
   Quad, Ultra-Low-Power, 200Mbps ATE Drivers/Comparators
19-6092; Rev 0; 12/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com