Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9964AHCCQ Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX9964AHCCQ
Description  Quad, Low-Power, 500Mbps ATE Driver/Comparator
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9964AHCCQ Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX9964AHCCQ Datasheet HTML 7Page - Maxim Integrated Products MAX9964AHCCQ Datasheet HTML 8Page - Maxim Integrated Products MAX9964AHCCQ Datasheet HTML 9Page - Maxim Integrated Products MAX9964AHCCQ Datasheet HTML 10Page - Maxim Integrated Products MAX9964AHCCQ Datasheet HTML 11Page - Maxim Integrated Products MAX9964AHCCQ Datasheet HTML 12Page - Maxim Integrated Products MAX9964AHCCQ Datasheet HTML 13Page - Maxim Integrated Products MAX9964AHCCQ Datasheet HTML 14Page - Maxim Integrated Products MAX9964AHCCQ Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
Typical Operating Characteristics (continued)
Quad, Low-Power, 500Mbps
ATE Driver/Comparator
______________________________________________________________________________________
11
CROSSTALK TO DUT_ FROM DHV_
WITH DUT_ = DLV_
DHV_ VOLTAGE (V)
5.5
4.5
2.5
3.5
1.5
0.5
-7
-6
-5
-4
-3
-2
-1
0
1
2
3
-8
-0.5
6.5
DLV_ = 0
DTV_ = 1.5V
NORMALIZED AT DHV_ = 5V
CROSSTALK TO DUT_ FROM DTV_
WITH DUT_ = DLV_
DTV_VOLTAGE (V)
5.5
4.5
2.5
3.5
0.5
1.5
-0.5
-0.10
-0.08
-0.06
-0.04
-0.02
0
0.02
0.04
0.06
-0.12
-1.5
6.5
DLV_ = 0
DHV_ = 3V
NORMALIZED AT DTV_ = 1.5V
CROSSTALK TO DUT_ FROM DLV_
WITH DUT_ = DTV_
DLV_ VOLTAGE (V)
3.0
1.5
0
-4
-2
0
2
4
6
-6
-1.5
4.5
DTV_ = 1.5V
DHV_ = 3V
NORMALIZED AT DLV_ = 0
CROSSTALK TO DUT_ FROM DHV_
WITH DUT_ = DTV_
DHV_ VOLTAGE (V)
5.5
4.5
2.5
3.5
1.5
0.5
-7
-6
-5
-4
-3
-2
-1
0
1
2
-8
-0.5
6.5
DTV_ = 1.5V
DLV_ = 0
NORMALIZED AT DHV_ = 3V
DRIVER GAIN vs. TEMPERATURE
TEMPERATURE (
°C)
85
70
55
40
0.9995
1.0000
1.0005
1.0010
1.0015
1.0020
0.9990
25
100
NORMALIZED AT +85
°C
DRIVER OFFSET vs. TEMPERATURE
TEMPERATURE (
°C)
85
70
40
55
-2.5
-2.0
-1.5
-1.0
-0.5
0
0.5
1.0
-3.0
25
100
NORMALIZED AT TJ = +85
°C
COMPARATOR OFFSET
vs. COMMON-MODE VOLTAGE
COMMON-MODE VOLTAGE (V)
6.5
5.5
3.5
4.5
1.5
0.5
2.5
-0.5
-1.6
-1.4
-1.2
-1.0
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
-1.8
-1.5
VEE = -4.5V
VEE = -5.5V
VEE = -6.5V
NORMALIZED AT
VCM = 1.5V AND VEE = -5.25V
COMPARATOR RISING-EDGE TIMING
VARIATION vs. COMMON-MODE VOLTAGE
COMMON-MODE VOLTAGE (V)
5.5
4.5
3.5
2.5
1.5
0.5
-0.5
-100
-50
0
50
100
150
-150
-1.5
6.5
VEE = -4.5V
VEE = -5.5V
VEE = -6.5V
NORMALIZED AT
VCM = 1.5V AND VEE = -5.25V
COMPARATOR FALLING-EDGE TIMING
VARIATION vs. COMMON-MODE VOLTAGE
COMMON-MODE VOLTAGE (V)
5.5
4.5
3.5
2.5
1.5
0.5
-0.5
-100
-50
0
50
100
150
-150
-1.5
6.5
VEE = -4.5V
VEE = -5.5V
VEE = -6.5V
NORMALIZED AT
VCM = 1.5V AND VEE = -5.25V


Similar Part No. - MAX9964AHCCQ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX996 MAXIM-MAX996 Datasheet
141Kb / 12P
   High-Speed, Micropower, Low-Voltage, SOT23, Rail-to-Rail I/O Comparators
Rev 0b; 7/97
MAX996 MAXIM-MAX996 Datasheet
329Kb / 13P
   High-Speed, Micropower, Low-Voltage, SOT23, Rail-to-Rail I/O Comparators
Rev 2; 1/07
MAX996 MAXIM-MAX996 Datasheet
329Kb / 13P
   High-Speed, Micropower, Low-Voltage
Rev 2; 1/07
MAX996 MAXIM-MAX996 Datasheet
329Kb / 13P
   High-Speed, Micropower, Low-Voltage, SOT23, Rail-to-Rail IO Comparators
Rev 2; 1/07
MAX9960 MAXIM-MAX9960 Datasheet
621Kb / 11P
   Dual-Flash-Pin Electronics/Supervoltage Switch Matrix
Rev 0; 10/04
More results

Similar Description - MAX9964AHCCQ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9967 MAXIM-MAX9967 Datasheet
664Kb / 30P
   Dual, Low-Power, 500Mbps ATE Driver/Comparator with 35mA Load
Rev 1; 2/05
MAX9977 MAXIM-MAX9977 Datasheet
1Mb / 17P
   Quad, Low-Power, 1200Mbps ATE Driver
Rev 0; 7/05
MAX9975 MAXIM-MAX9975 Datasheet
885Kb / 32P
   Dual, Low-Power, 1200Mbps ATE Driver/Comparator with 35mA Load
Rev 0; 6/05
MAX9969 MAXIM-MAX9969 Datasheet
688Kb / 31P
   Dual, Low-Power, 1200Mbps ATE Driver/Comparator with 35mA Load
Rev 0; 8/04
logo
Renesas Technology Corp
PC339 RENESAS-PC339_15 Datasheet
236Kb / 13P
   LOW POWER QUAD COMPARATOR
logo
NEC
UPC339 NEC-UPC339 Datasheet
61Kb / 12P
   LOW POWER QUAD COMPARATOR
logo
KODENSHI_AUK CORP.
SN339 KODENSHI-SN339 Datasheet
432Kb / 8P
   Low Power Quad Comparator
logo
Maxim Integrated Produc...
MAX9972_1110 MAXIM-MAX9972_1110 Datasheet
407Kb / 22P
   Quad, Ultra-Low-Power, 300Mbps ATE Drivers/Comparators
Rev 9; 10/11
MAX9972 MAXIM-MAX9972 Datasheet
426Kb / 22P
   Quad, Ultra-Low-Power, 300Mbps ATE Drivers/Comparators
Rev 1; 7/09
MAX19005 MAXIM-MAX19005 Datasheet
2Mb / 25P
   Quad, Ultra-Low-Power, 200Mbps ATE Drivers/Comparators
19-6092; Rev 0; 12/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com