Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX13036 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX13036
Description  Automotive Contact Monitor and Level Shifter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX13036 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX13036 Datasheet HTML 3Page - Maxim Integrated Products MAX13036 Datasheet HTML 4Page - Maxim Integrated Products MAX13036 Datasheet HTML 5Page - Maxim Integrated Products MAX13036 Datasheet HTML 6Page - Maxim Integrated Products MAX13036 Datasheet HTML 7Page - Maxim Integrated Products MAX13036 Datasheet HTML 8Page - Maxim Integrated Products MAX13036 Datasheet HTML 9Page - Maxim Integrated Products MAX13036 Datasheet HTML 10Page - Maxim Integrated Products MAX13036 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Automotive Contact Monitor
and Level Shifter
_______________________________________________________________________________________
7
SWITCHING THRESHOLD vs. TEMPERATURE
TEMPERATURE (
°C)
-40 -25 -10 5
20 35 50 65 80 95 110 125
5
6
7
8
9
10
ADJUSTABLE HYSTERESIS OFF
VIN_ RISING
VIN_ FALLING
SWITCHING THRESHOLD vs. VBAT
VBAT (V)
6
1014182226
0
5
10
15
20
25
VIN_ RISING
VIN_ FALLING
ADJUSTABLE HYSTERESIS OFF
INPUT WAVEFORM IN SCAN MODE
(SCAN MODE, WTOFF = WEN = 0, WEND = 1)
MAX13036 toc12
400
μs/div
VIN_
5V/div
SCANNING PERIOD = 2ms
INPUT SWITCH OPEN
DEBOUNCE TIME vs. TEMPERATURE
TEMPERATURE (
°C)
-40 -25 -10 5
203550658095 110 125
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
DEBOUNCE TIME vs. BAT VOLTAGE
VBAT (V)
6
1014182226
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
DEBOUNCE TIME vs. CTDEB
CTDEB (pF)
0
2000
4000
6000
8000
10000
0
20
40
60
80
100
120
Typical Operating Characteristics (continued)
(VL = +3.3V, BAT = +14V, SD = VL, RWET = 61k
Ω, RHYST = 90kΩ, CTDEB = 4700pF, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX13036

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX13036 MAXIM-MAX13036 Datasheet
1Mb / 17P
   Contact Monitor and Level Shifter
19-0808; Rev 1; 2/15
MAX13036ATI++ MAXIM-MAX13036ATI+ Datasheet
1Mb / 17P
   Contact Monitor and Level Shifter
19-0808; Rev 1; 2/15
MAX13036 MAXIM-MAX13036_V01 Datasheet
1Mb / 17P
   Contact Monitor and Level Shifter
19-0808; Rev 1; 2/15
More results

Similar Description - MAX13036

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX13036 MAXIM-MAX13036_V01 Datasheet
1Mb / 17P
   Contact Monitor and Level Shifter
19-0808; Rev 1; 2/15
MAX13037 MAXIM-MAX13037 Datasheet
310Kb / 22P
   Automotive Contact Monitor and Level Shifters with LDO Regulator
Rev 0; 11/07
logo
Dialog Semiconductor
SLG7NT4249 DIALOG-SLG7NT4249 Datasheet
1Mb / 13P
   GreenPAK 3??DISCHARGE, PGOOD MONITOR AND LEVEL SHIFTER
logo
NXP Semiconductors
PTN3300B NXP-PTN3300B Datasheet
133Kb / 23P
   DVI and HDMI level shifter
Rev. 01-8 July 2008
logo
Sanyo Semicon Device
LC4105V SANYO-LC4105V Datasheet
66Kb / 6P
   Level Shifter
logo
Richtek Technology Corp...
RT8900 RICHTEK-RT8900 Datasheet
142Kb / 11P
   Level Shifter
logo
ON Semiconductor
NCN6010 ONSEMI-NCN6010 Datasheet
173Kb / 16P
   SIM Card Supply and Level Shifter
April, 2001 ??Rev. 1
NCN6010 ONSEMI-NCN6010_06 Datasheet
184Kb / 16P
   SIM Card Supply and Level Shifter
March, 2006 ??Rev. 2
logo
Feature Integration Tec...
F75909 FINTEK-F75909 Datasheet
453Kb / 10P
   SMBus Level Shifter
logo
Texas Instruments
TPS65190 TI-TPS65190 Datasheet
775Kb / 18P
[Old version datasheet]   10-Channel Level Shifter and VCOM Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com