Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PB1010G Datasheet(PDF) 4 Page - Won-Top Electronics

Part # PB1010G
Description  10A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

PB1010G Datasheet(HTML) 4 Page - Won-Top Electronics

  PB1010G Datasheet HTML 1Page - Won-Top Electronics PB1010G Datasheet HTML 2Page - Won-Top Electronics PB1010G Datasheet HTML 3Page - Won-Top Electronics PB1010G Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
PB1000S – PB1010S
4 of 4
© 2006 Won-Top Electronics
ORDERING INFORMATION
Product No.
Package Type
Shipping Quantity
PB1000S
Square Bridge
200 Units/Box
PB1001S
Square Bridge
200 Units/Box
PB1002S
Square Bridge
200 Units/Box
PB1004S
Square Bridge
200 Units/Box
PB1006S
Square Bridge
200 Units/Box
PB1008S
Square Bridge
200 Units/Box
PB1010S
Square Bridge
200 Units/Box
1.
Shipping quantity given is for minimum packing quantity only. For minimum
order quantity, please consult the Sales Department.
2.
To order Lead Free version (with Lead Free finish), add “-LF” suffix to part
number above. For example, PB1000S-LF.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any
responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to
manufacturer. WTE reserves the right to change any or all information herein without further notice.
WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life
support devices or systems without the express written approval.
We power your everyday.
Won-Top Electronics Co., Ltd.
No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan
Phone: 886-7-822-5408 or 886-7-822-5410
Fax: 886-7-822-5417
Email: sales@wontop.com
Internet: http://www.wontop.com


Similar Part No. - PB1010G

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
PB1010G WTE-PB1010G Datasheet
34Kb / 3P
   10A GLASS PASSIVATED BRIDGE RECTIFIER
More results

Similar Description - PB1010G

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
GBJ10 NELLSEMI-GBJ10 Datasheet
224Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier, 10A
logo
Won-Top Electronics
KBU1000G WTE-KBU1000G_06 Datasheet
52Kb / 4P
   10A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
GBPC1000 ZSELEC-GBPC1000 Datasheet
89Kb / 2P
   10A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Won-Top Electronics
GBPC10S WTE-GBPC10S Datasheet
73Kb / 4P
   10A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
GBJ10A WTE-GBJ10A Datasheet
61Kb / 4P
   10A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
GBPC10 ZSELEC-GBPC10 Datasheet
89Kb / 2P
   10A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Nell Semiconductor Co.,...
KBJ10 NELLSEMI-KBJ10 Datasheet
238Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier, 10A
logo
Won-Top Electronics
GBPC10 WTE-GBPC10 Datasheet
62Kb / 4P
   10A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
KBPC1000 ZSELEC-KBPC1000 Datasheet
388Kb / 2P
   10A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Nell Semiconductor Co.,...
GBU10 NELLSEMI-GBU10 Datasheet
159Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier, 10A
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com