Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX13030E Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX13030E
Description  6-Channel High-Speed Logic-Level Translators
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX13030E Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX13030E Datasheet HTML 1Page - Maxim Integrated Products MAX13030E Datasheet HTML 2Page - Maxim Integrated Products MAX13030E Datasheet HTML 3Page - Maxim Integrated Products MAX13030E Datasheet HTML 4Page - Maxim Integrated Products MAX13030E Datasheet HTML 5Page - Maxim Integrated Products MAX13030E Datasheet HTML 6Page - Maxim Integrated Products MAX13030E Datasheet HTML 7Page - Maxim Integrated Products MAX13030E Datasheet HTML 8Page - Maxim Integrated Products MAX13030E Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
6-Channel High-Speed Logic-Level Translators
_______________________________________________________________________________________
5
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Propagation Delay from
I/O VCC_ to I/O VL_ after EN
tEN-VL
RLOAD = 1M
Ω, CI/OVL = 15pF (Figure 5)
(MAX13030E–MAX13034E)
5µs
Maximum Data Rate
Push-pull operation, RSOURCE = 150_,
CI/OVCC_ = 10pF, CI/OVL_ = 15pF,
CCLK_VCC = 10pF, CCLK_VL = 15pF
100
Mbps
TIMING CHARACTERISTICS (continued)
(VCC = +2.2V to +3.6V, VL = +1.62V to +3.2V, CI/OVL ≤ 15pF, CI/OVCC ≤ 15pF, RSOURCE = 150Ω, EN = VL, I/O VL_ to I/O VCC_
rise/fall time = 3ns, TA = -40°C to +85°C, unless otherwise noted. Typical values are at VCC = +3.3V, VL = 1.8V and TA = +25°C.)
(Note 1)
Note 1: All units are 100% production tested at TA = +25°C. Limits over the operating temperature range are guaranteed by design
and not production tested.
Note 2: VL must be less than or equal to VCC - 0.2V during normal operation. However, VL can be greater than VCC during startup
and shutdown conditions and the part will not latch-up or be damaged.
Note 3: Guaranteed by design.
Note 4: Input thresholds are referenced to the boost circuit.


Similar Part No. - MAX13030E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX13030EEBE MAXIM-MAX13030EEBE Datasheet
340Kb / 18P
   6-Channel High-Speed Logic-Level Translators
Rev 0; 1/07
MAX13030EETE MAXIM-MAX13030EETE Datasheet
340Kb / 18P
   6-Channel High-Speed Logic-Level Translators
Rev 0; 1/07
MAX13030E MAXIM-MAX13030E_V01 Datasheet
1Mb / 19P
   6-Channel High-Speed Logic-Level Translators
2021
More results

Similar Description - MAX13030E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX13030E MAXIM-MAX13030E_V01 Datasheet
1Mb / 19P
   6-Channel High-Speed Logic-Level Translators
2021
MAX13035EETE MAXIM-MAX13035EETE Datasheet
340Kb / 18P
   6-Channel High-Speed Logic-Level Translators
Rev 0; 1/07
logo
Intersil Corporation
ISL3034E INTERSIL-ISL3034E Datasheet
506Kb / 16P
   4-Channel And 6-Channel High Speed, Auto-direction Sensing Logic Level Translators
logo
NXP Semiconductors
PTN3310 PHILIPS-PTN3310_04 Datasheet
86Kb / 9P
   High-speed serial logic translators
2004 Feb 24
PTN3310 PHILIPS-PTN3310 Datasheet
62Kb / 7P
   High-speed serial logic translators
2001 Jun 19
logo
Maxim Integrated Produc...
MAX13101E MAXIM-MAX13101E Datasheet
167Kb / 18P
   16-Channel Buffered CMOS Logic-Level Translators
Rev 3; 6/08
logo
Renesas Technology Corp
ISL3034E RENESAS-ISL3034E Datasheet
893Kb / 16P
   6-Channel High Speed, Auto-Direction Sensing Logic Level Translator
Nov 7, 2019
logo
Analog Devices
ADG3308 AD-ADG3308_15 Datasheet
501Kb / 20P
   Low Voltage, 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translators
REV. D
ADG3308-1 AD-ADG3308-1_15 Datasheet
501Kb / 20P
   Low Voltage, 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translators
REV. D
ADG3308BRUZ AD-ADG3308BRUZ Datasheet
622Kb / 20P
   Low Voltage, 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translators
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com