Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9766ETJ Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX9766ETJ
Description  750mW Audio Amplifiers with Headphone Amp, Microphone Preamp, and Input Mux
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9766ETJ Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX9766ETJ Datasheet HTML 1Page - Maxim Integrated Products MAX9766ETJ Datasheet HTML 2Page - Maxim Integrated Products MAX9766ETJ Datasheet HTML 3Page - Maxim Integrated Products MAX9766ETJ Datasheet HTML 4Page - Maxim Integrated Products MAX9766ETJ Datasheet HTML 5Page - Maxim Integrated Products MAX9766ETJ Datasheet HTML 6Page - Maxim Integrated Products MAX9766ETJ Datasheet HTML 7Page - Maxim Integrated Products MAX9766ETJ Datasheet HTML 8Page - Maxim Integrated Products MAX9766ETJ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
750mW Audio Amplifiers with Headphone Amp,
Microphone Preamp, and Input Mux
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VDD = PVDD = 3.0V, GND = 0, HPS = MUTE = GND, SHDN = 3V, CBIAS = 1µF, RIN = RF = 15kΩ, RL = ∞. TA = TMIN to TMAX, unless
otherwise noted. Typical values are at TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Maximum Capacitive Load Drive
CL
No sustained oscillations
400
pF
Slew Rate
SR
1.4
V/µs
Crosstalk
fIN = 10kHz
73
dB
OUTPUT AMPLIFIERS (HEADPHONE MODE)
VDD = 2.7V to 5.5V
95
f = 1kHz, VRIPPLE = 200mVP-P
75
Power-Supply Rejection Ratio
PSRR
f = 20kHz, VRIPPLE = 200mVP-P
50
dB
RL = 32
40
Output Power
POUT
fIN = 1kHz, THD+N = 1%,
TA = +25
oC (Note 2)
RL = 16
35
65
mW
VOUT = 0.7RMS,
RL = 10k
0.002
POUT = 15mW,
RL = 32
0.005
Total Harmonic Distortion Plus
Noise
THD+N
fIN = 1kHz, BW = 22Hz to
22kHz
POUT = 30mW,
RL = 16
0.004
%
Signal-to-Noise Ratio
SNR
RL = 8
Ω, VOUT_ = 1.4VRMS,
BW = 20Hz to 22kHz
89
dB
Slew Rate
SR
0.7
V/µs
Maximum Capacitive Load Drive
CL
No sustained oscillations
200
pF
Crosstalk
fIN = 10kHz
79
dB
BIAS VOLTAGE (BIAS)
BIAS Voltage
VBIAS
1.4
1.5
1.6
V
Output Resistance
RBIAS
50
k
MICROPHONE AMPLIFIER GENERAL
VDD - VOH
35
70
RL = 100k
VOL - GND
50
400
VDD - VOH
80
150
Output Voltage Swing
VOUT
RL = 2k
VOL - GND
70
400
mV
Slew Rate
SR
AV = 10dB
0.6
V/µs
Output Short-Circuit Current
To VDD or GND
10
mA
Maximum Capacitive Load Drive
CL
No sustained oscillations
50
pF
DIFFERENTIAL INPUT AMPLIFIER (MICIN+, MICIN-)
Input Offset Voltage
VOS
25
mV
AV = 20dB
31
Input Noise-Voltage Density
eN
fIN = 1kHz
AV = 40dB
11.6
nV/
√Hz
Total Harmonic Distortion Plus
Noise
THD+N
VDD = 3V, VOUT = 0.35VRMS, AV = 10dB,
fIN = 1kHz, BW = 22Hz to 22kHz
0.01
%
Small-Signal Bandwidth
BW-3dB
AV = 40dB, VOUT = 100mVP-P
300
kHz
Input Resistance
RIN
MICIN_ to GND
100
k


Similar Part No. - MAX9766ETJ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9766ETJ MAXIM-MAX9766ETJ Datasheet
1Mb / 32P
   750mW Audio Amplifiers with Headphone Amp, Microphone Preamp, and Input Mux
Rev 1; 2/05
More results

Similar Description - MAX9766ETJ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9765 MAXIM-MAX9765 Datasheet
1Mb / 32P
   750mW Audio Amplifiers with Headphone Amp, Microphone Preamp, and Input Mux
Rev 1; 2/05
MAX9760 MAXIM-MAX9760 Datasheet
908Kb / 31P
   Stereo 3W Audio Power Amplifiers with Headphone Drive and Input Mux
Rev 0; 1/03
MAX9777 MAXIM-MAX9777 Datasheet
1Mb / 27P
   Stereo 3W Audio Power Amplifiers with Headphone Drive and Input Mux
19-0509; Rev 0; 4/06
logo
Texas Instruments
PCM2912PJT TI-PCM2912PJT Datasheet
712Kb / 32P
[Old version datasheet]   AUDIO CODEC WITH USB INTERFACE, MONO MICROPHONE INPUT AND STEREO HEADPHONE OUTPUT
PCM2912 TI-PCM2912 Datasheet
813Kb / 32P
[Old version datasheet]   AUDIO CODEC WITH USB INTERFACE, MONO MICROPHONE INPUT AND STEREO HEADPHONE OUTPUT
PCM2912A TI1-PCM2912A Datasheet
839Kb / 32P
[Old version datasheet]   AUDIO CODEC WITH USB INTERFACE, MONO MICROPHONE INPUT AND STEREO HEADPHONE OUTPUT
logo
National Semiconductor ...
LM4840 NSC-LM4840 Datasheet
786Kb / 19P
   Stereo 2W Audio Power Amplifiers with Digital Volume Control and Input Mux
LM4834 NSC-LM4834 Datasheet
443Kb / 12P
   1.75W Audio Power Amplifier with DC Volume Control and Microphone Preamp
LM4849 NSC-LM4849 Datasheet
690Kb / 19P
   Stereo 2W Audio Power Amplifiers with DC Volume Control and Input Mux
logo
Texas Instruments
TLV320AIC29 TI-TLV320AIC29_15 Datasheet
1Mb / 88P
[Old version datasheet]   STEREO AUDIO CODEC WITH INTEGRATED HEADPHONE AND SPEAKER AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com