Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P600K Datasheet(PDF) 1 Page - Won-Top Electronics

Part # P600K
Description  6.0A STANDARD DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

P600K Datasheet(HTML) 1 Page - Won-Top Electronics

  P600K Datasheet HTML 1Page - Won-Top Electronics P600K Datasheet HTML 2Page - Won-Top Electronics P600K Datasheet HTML 3Page - Won-Top Electronics P600K Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
P600A – P600M
1 of 4
© 2006 Won-Top Electronics
Pb
P600A – P600M
6.0A STANDARD DIODE
Features
!
Diffused Junction
!
Low Forward Voltage Drop
!
High Current Capability
A
B
A
!
High Reliability
!
High Surge Current Capability
Mechanical Data
C
!
Case: P-600, Molded Plastic
D
!
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
!
Polarity: Cathode Band
!
Weight: 2.1 grams (approx.)
!
Mounting Position: Any
!
Marking: Type Number
!
Lead Free: For RoHS / Lead Free Version,
Add “-LF” Suffix to Part Number, See Page 4
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
P600A
P600B
P600D
P600G
P600J
P600K
P600M
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectified Output Current
(Note 1)
@TA = 60°C
IO
6.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
400
A
Forward Voltage
@IF = 6.0A
VFM
1.0
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 100°C
IRM
5.0
1.0
µA
mA
Typical Junction Capacitance (Note 2)
Cj
150
pF
Typical Thermal Resistance Junction to Ambient
(Note 1)
RJA
20
°C/W
Operating Temperature Range
Tj
-50 to +150
°C
Storage Temperature Range
TSTG
-50 to +150
°C
Note: 1. Leads maintained at ambient temperature at a distance of 9.5mm from the case
2. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
WTE
POWER SEMICONDUCTORS
P-600
Dim
Min
Max
A
25.4
B
8.60
9.10
C
1.20
1.30
D
8.60
9.10
All Dimensions in mm


Similar Part No. - P600K

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
P600K SUNMATE-P600K Datasheet
87Kb / 2P
   6.0A Axial Leaded Rectifier
logo
Pan Jit International I...
P600K PANJIT-P600K Datasheet
50Kb / 2P
   HIGH CURRENT PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 6.0 Amperes)
logo
Taiwan Semiconductor Co...
P600K TSC-P600K Datasheet
66Kb / 2P
   6.0 AMPS Silicon Rectifiers
logo
Gulf Semiconductor
P600K GULFSEMI-P600K Datasheet
180Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 6.0A
logo
Vishay Siliconix
P600K VISHAY-P600K Datasheet
80Kb / 5P
   General Purpose Plastic Rectifier
Revision: 13-Aug-13
More results

Similar Description - P600K

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
P600S WTE-P600S Datasheet
58Kb / 4P
   6.0A STANDARD DIODE
MR750 WTE-MR750 Datasheet
43Kb / 4P
   6.0A STANDARD DIODE
logo
Zibo Seno Electronic En...
6A05 ZSELEC-6A05 Datasheet
116Kb / 2P
   6.0A STANDARD DIODE
logo
TAITRON Components Inco...
T6A05 TAITRON-T6A05 Datasheet
213Kb / 6P
   6.0A Standard Rectifier
logo
Zibo Seno Electronic En...
PR6001 ZSELEC-PR6001 Datasheet
132Kb / 2P
   6.0A FAST RECOVERY DIODE
FR601 ZSELEC-FR601 Datasheet
98Kb / 2P
   6.0A FAST RECOVERY DIODE
logo
Won-Top Electronics
FR601 WTE-FR601_06 Datasheet
61Kb / 4P
   6.0A FAST RECOVERY DIODE
logo
Zibo Seno Electronic En...
FR601G ZSELEC-FR601G Datasheet
87Kb / 2P
   6.0A GLASS PASSIVATED FAST RECOVERY DIODE
PG600R ZSELEC-PG600R Datasheet
132Kb / 2P
   6.0A GLASS PASSIVATED FAST RECOVERY DIODE
PR6001G ZSELEC-PR6001G Datasheet
133Kb / 2P
   6.0A GLASS PASSIVATED FAST RECOVERY DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com