Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC28L92 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SC28L92
Description  3.3V-5.0V Dual Universal Asynchronous Receiver/Transmitter DUART
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC28L92 Datasheet(HTML) 2 Page - NXP Semiconductors

  SC28L92 Datasheet HTML 1Page - NXP Semiconductors SC28L92 Datasheet HTML 2Page - NXP Semiconductors SC28L92 Datasheet HTML 3Page - NXP Semiconductors SC28L92 Datasheet HTML 4Page - NXP Semiconductors SC28L92 Datasheet HTML 5Page - NXP Semiconductors SC28L92 Datasheet HTML 6Page - NXP Semiconductors SC28L92 Datasheet HTML 7Page - NXP Semiconductors SC28L92 Datasheet HTML 8Page - NXP Semiconductors SC28L92 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 44 page
background image
Philips Semiconductors
Product specification
SC28L92
3.3V–5.0V Dual Universal Asynchronous
Receiver/Transmitter (DUART)
2
2000 Jan 21
853–2161 23016
DESCRIPTION
The SC28L92 is a pin and function replacement for the SCC2692
and SC26C92 operating at 3.3 or 5 volts supply with added features
and deeper FIFOs. Its configuration on power up is that of the
SC26C92. Its differences from the 2692 are: 16 character receiver, 16
character transmit FIFOs, watch dog timer for each receiver, mode
register 0 is added, extended baud rate and overall faster speeds,
programmable receiver and transmitter interrupts. (Neither the
SC26C92 nor the SCC2692 is being discontinued.)
Pin programming will allow the device to operate with either the
Motorola or Intel bus interface. The bit 3 of the MR0a register allows
the device to operate in an 8 byte FIFO mode if strict compliance
with the SC26C92 FIFO structure is required.
The Philips Semiconductors SC28L92 Dual Universal Asynchronous
Receiver/Transmitter (DUART) is a single-chip CMOS-LSI
communications device that provides two full-duplex asynchronous
receiver/transmitter channels in a single package. It interfaces
directly with microprocessors and may be used in a polled or
interrupt driven system with modem and DMA interface.
The operating mode and data format of each channel can be
programmed independently. Additionally, each receiver and
transmitter can select its operating speed as one of 28 fixed baud
rates; a 16X clock derived from a programmable counter/timer, or an
external 1X or 16X clock. The baud rate generator and counter/timer
can operate directly from a crystal or from external clock inputs. The
ability to independently program the operating speed of the receiver
and transmitter make the DUART particularly attractive for
dual-speed channel applications such as clustered terminal
systems.
Each receiver and transmitter is buffered by 8 or 16 character FIFOs
to minimize the potential of receiver overrun, transmitter underrun
and to reduce interrupt overhead in interrupt driven systems. In
addition, a flow control capability is provided via RTS/CTS signaling
to disable a remote transmitter when the receiver buffer is full.
Also provided on the SC28L92 are a multipurpose 7-bit input port
and a multipurpose 8-bit output port. These can be used as general
purpose I/O ports or can be assigned specific functions (such as
clock inputs or status/interrupt outputs) under program control.
The SC28L92 is available in two package versions: a 44-pin PLCC
and 44-pin plastic quad flat pack (PQFP).
FEATURES
Member of IMPACT family: 3.3 to 5.0 volt , –40°C to +85°C and
68K for 80xxx bus interface for all devices.
Dual full-duplex independent asynchronous receiver/transmitters
16 character FIFOs for each receiver and transmitter
Pin programming selects 68K or 80xxx bus interface
Programmable data format
– 5 to 8 data bits plus parity
– Odd, even, no parity or force parity
– - 1, 1.5 or 2 stop bits programmable in 1/16-bit increments
16-bit programmable Counter/Timer
Programmable baud rate for each receiver and transmitter
selectable from:
– 28 fixed rates: 50 to 230.4k baud
– Other baud rates to MHz at 16X
– Programmable user-defined rates derived from a programmable
counter/timer
– External 1X or 16X clock
Parity, framing, and overrun error detection
False start bit detection
Line break detection and generation
Programmable channel mode
– Normal (full-duplex)
– Automatic echo
– Local loop back
– Remote loop back
– Multi-drop mode (also called ‘wake-up’ or ‘9-bit’)
Multi-function 7-bit input port (includes IACKN)
– Can serve as clock or control inputs
– Change of state detection on four inputs
– Inputs have typically >100k pull-up resistors
– Change of state detectors for modem control
Multi-function 8-bit output port
– Individual bit set/reset capability
– Outputs can be programmed to be status/interrupt signals
– FIFO status for DMA interface
Versatile interrupt system
– Single interrupt output with eight maskable interrupting
conditions
– Output port can be configured to provide a total of up to six
separate interrupt outputs that may be wire ORed.
– Each FIFO can be programmed for four different interrupt levels
– Watch dog timer for each receiver
Maximum data transfer rates:
1X – 1Mb/sec, 16X – 1Mb/sec
Automatic wake-up mode for multi-drop applications
Start-end break interrupt/status
Detects break which originates in the middle of a character
On-chip crystal oscillator
Power down mode
Receiver time-out mode
Single +3.3V or +5V power supply
Powers up to emulate SC26C92


Similar Part No. - SC28L92

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC28L92 NXP-SC28L92 Datasheet
349Kb / 73P
   3.3 V/5.0 V Dual Universal Asynchronous Receiver/Transmitter (DUART)
Rev. 07-19 December 2007
SC28L92A1A NXP-SC28L92A1A Datasheet
349Kb / 73P
   3.3 V/5.0 V Dual Universal Asynchronous Receiver/Transmitter (DUART)
Rev. 07-19 December 2007
SC28L92A1B NXP-SC28L92A1B Datasheet
349Kb / 73P
   3.3 V/5.0 V Dual Universal Asynchronous Receiver/Transmitter (DUART)
Rev. 07-19 December 2007
SC28L92A1BS NXP-SC28L92A1BS Datasheet
349Kb / 73P
   3.3 V/5.0 V Dual Universal Asynchronous Receiver/Transmitter (DUART)
Rev. 07-19 December 2007
More results

Similar Description - SC28L92

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC26C92 PHILIPS-SC26C92 Datasheet
203Kb / 31P
   Dual universal asynchronous receiver/transmitter DUART
2000 Jan 31
SC28L202 PHILIPS-SC28L202 Datasheet
531Kb / 77P
   Dual universal asynchronous receiver/transmitter DUART
2000 Feb 10
SC28L91 PHILIPS-SC28L91 Datasheet
273Kb / 42P
   3.3V-5.0V Universal Asynchronous Receiver/Transmitter (UART)
2000 Sep 22
SCN2681T PHILIPS-SCN2681T Datasheet
114Kb / 14P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCC2681T PHILIPS-SCC2681T Datasheet
108Kb / 15P
   Dual asynchronous receiver/transmitter (DUART)
2004 Apr 06
SCN68681 PHILIPS-SCN68681 Datasheet
187Kb / 28P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCC68692 PHILIPS-SCC68692 Datasheet
193Kb / 30P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCC2681 PHILIPS-SCC2681 Datasheet
204Kb / 29P
   Dual asynchronous receiver/transmitter (DUART)
2004 Apr 06
SCC2692 PHILIPS-SCC2692 Datasheet
209Kb / 30P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCN2681 PHILIPS-SCN2681 Datasheet
205Kb / 30P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com