Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4SMAJ190CA Datasheet(PDF) 3 Page - Won-Top Electronics

Part # P4SMAJ190CA
Description  400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

P4SMAJ190CA Datasheet(HTML) 3 Page - Won-Top Electronics

  P4SMAJ190CA Datasheet HTML 1Page - Won-Top Electronics P4SMAJ190CA Datasheet HTML 2Page - Won-Top Electronics P4SMAJ190CA Datasheet HTML 3Page - Won-Top Electronics P4SMAJ190CA Datasheet HTML 4Page - Won-Top Electronics P4SMAJ190CA Datasheet HTML 5Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
P4SMAJ180 – P4SMAJ220CA
3 of 5
© 2006 Won-Top Electronics
UNI-DIRECTIONAL 400 WATT SURFACE MOUNT TVS
UNI-
DIRECTIONAL
PART NO.
DEVICE
MARKING
CODE
REVERSE
STAND-OFF
VOLTAGE VRWM (V)
BREAKDOWN
VOLTAGE
VBR (V) MIN. @IT
BREAKDOWN
VOLTAGE
VBR (V) MAX. @IT
TEST
CURRENT
IT (mA)
MAXIMUM CLAMPING
VOLTAGE @Ipp Vc (V)
PEAK PULSE
CURRENT
Ipp (A)
REVERSE
LEAKAGE
@VRWM IR (uA)
P4SMAJ180
P4SMAJ180A
P4SMAJ190
P4SMAJ190A
SS
ST
SU
SV
180.00
180.00
190.00
190.00
198.00
198.00
209.00
209.00
253.80
230.40
267.90
243.20
1
1
1
1
322.0
292.0
340.0
308.0
1.2
1.3
1.2
1.3
1
1
1
1
P4SMAJ200
P4SMAJ200A
P4SMAJ210
P4SMAJ210A
SW
SX
SY
SZ
200.00
200.00
210.00
210.00
220.00
220.00
231.00
231.00
282.00
256.00
296.10
268.80
1
1
1
1
358.0
324.0
376.0
340.0
1.1
1.2
1.1
1.2
1
1
1
1
P4SMAJ220
P4SMAJ220A
GD
GE
220.00
220.00
242.00
242.00
310.20
281.60
1
1
394.0
356.0
1.0
1.1
1
1
BI-DIRECTIONAL 400 WATT SURFACE MOUNT TVS
BI-
DIRECTIONAL
PART NO.
DEVICE
MARKING
CODE
REVERSE
STAND-OFF
VOLTAGE VRWM (V)
BREAKDOWN
VOLTAGE
VBR (V) MIN. @IT
BREAKDOWN
VOLTAGE
VBR (V) MAX. @IT
TEST
CURRENT
IT (mA)
MAXIMUM CLAMPING
VOLTAGE @Ipp Vc (V)
PEAK PULSE
CURRENT
Ipp (A)
REVERSE
LEAKAGE
@VRWM IR (uA)
P4SMAJ180C
P4SMAJ180CA
P4SMAJ190C
P4SMAJ190CA
YS
YT
YU
YV
180.00
180.00
190.00
190.00
198.00
198.00
209.00
209.00
253.80
230.40
267.90
243.20
1
1
1
1
322.0
292.0
340.0
308.0
1.2
1.3
1.2
1.3
1
1
1
1
P4SMAJ200C
P4SMAJ200CA
P4SMAJ210C
P4SMAJ210CA
YW
YX
YY
YZ
200.00
200.00
210.00
210.00
220.00
220.00
231.00
231.00
282.00
256.00
296.10
268.80
1
1
1
1
358.0
324.0
376.0
340.0
1.1
1.2
1.1
1.2
1
1
1
1
P4SMAJ220C
P4SMAJ220CA
ZD
ZE
220.00
220.00
242.00
242.00
310.20
281.60
1
1
394.0
356.0
1.0
1.1
1
1


Similar Part No. - P4SMAJ190CA

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P4SMAJ190CA PANJIT-P4SMAJ190CA Datasheet
95Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 to 220 Volts 400 Watt Peak Power Pulse)
P4SMAJ190CA PANJIT-P4SMAJ190CA Datasheet
110Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - P4SMAJ190CA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SMAJ18A-13 DIODES-SMAJ18A-13 Datasheet
118Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMAJ10A-13 DIODES-SMAJ10A-13 Datasheet
118Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
P4SMAJ5.0ADF DIODES-P4SMAJ5.0ADF Datasheet
426Kb / 6P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMAJ50CA DIODES-SMAJ50CA_1 Datasheet
81Kb / 4P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19005 Rev. 13 - 2
logo
Won-Top Electronics
P4SMAJ WTE-P4SMAJ_06 Datasheet
81Kb / 6P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
TAITRON Components Inco...
SMAJ5 TAITRON-SMAJ5 Datasheet
160Kb / 6P
   400W Surface Mount Transient Voltage Suppressor
logo
Frontier Electronics.
P4SMAJ5.0 FRONTIER-P4SMAJ5.0 Datasheet
135Kb / 4P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
SM2615 DIODES-SM2615 Datasheet
146Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
PSMAJ400A DIODES-PSMAJ400A Datasheet
114Kb / 4P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev. 3 - 2 November 2012
SMAJ8.5CA DIODES-SMAJ8.5CA Datasheet
79Kb / 4P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19005 Rev. 10 - 2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com