Part Name
         Description
P6SMBJ180

 600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR ( 5 Page)


WTE
100% 
Zoom Out Zoom In
   
 3 page
background image
P6SMBJ180 – P6SMBJ220CA
3 of 5
© 2006 Won-Top Electronics
UNI-DIRECTIONAL 600 WATT SURFACE MOUNT TVS
UNI-
DIRECTIONAL
PART NO.
DEVICE
MARKING
CODE
REVERSE
STAND-OFF
VOLTAGE VRWM (V)
BREAKDOWN
VOLTAGE
VBR (V) MIN. @IT
BREAKDOWN
VOLTAGE
VBR (V) MAX. @IT
TEST
CURRENT
IT (mA)
MAXIMUM CLAMPING
VOLTAGE @Ipp Vc (V)
PEAK PULSE
CURRENT
Ipp (A)
REVERSE
LEAKAGE
@VRWM IR (uA)
P6SMBJ180
P6SMBJ180A
P6SMBJ190
P6SMBJ190A
PS
PT
PU
PV
180.00
180.00
190.00
190.00
198.00
198.00
209.00
209.00
253.80
230.40
267.90
243.20
1
1
1
1
322.0
292.0
340.0
308.0
1.9
2.1
1.8
2.0
1
1
1
1
P6SMBJ200
P6SMBJ200A
P6SMBJ210
P6SMBJ210A
PW
PX
PY
PZ
200.00
200.00
210.00
210.00
220.00
220.00
231.00
231.00
282.00
256.00
296.10
268.80
1
1
1
1
358.0
324.0
376.0
340.0
1.7
1.9
1.6
1.8
1
1
1
1
P6SMBJ220
P6SMBJ220A
QD
QE
220.00
220.00
242.00
242.00
310.20
281.60
1
1
394.0
356.0
1.5
1.7
1
1
BI-DIRECTIONAL 600 WATT SURFACE MOUNT TVS
BI-
DIRECTIONAL
PART NO.
DEVICE
MARKING
CODE
REVERSE
STAND-OFF
VOLTAGE VRWM (V)
BREAKDOWN
VOLTAGE
VBR (V) MIN. @IT
BREAKDOWN
VOLTAGE
VBR (V) MAX. @IT
TEST
CURRENT
IT (mA)
MAXIMUM CLAMPING
VOLTAGE @Ipp Vc (V)
PEAK PULSE
CURRENT
Ipp (A)
REVERSE
LEAKAGE
@VRWM IR (uA)
P6SMBJ180C
P6SMBJ180CA
P6SMBJ190C
P6SMBJ190CA
ES
ET
EU
EV
180.00
180.00
190.00
190.00
198.00
198.00
209.00
209.00
253.80
230.40
267.90
243.20
1
1
1
1
322.0
292.0
340.0
308.0
1.9
2.1
1.8
2.0
1
1
1
1
P6SMBJ200C
P6SMBJ200CA
P6SMBJ210C
P6SMBJ210CA
EW
EX
EY
EZ
200.00
200.00
210.00
210.00
220.00
220.00
231.00
231.00
282.00
256.00
296.10
268.80
1
1
1
1
358.0
324.0
376.0
340.0
1.7
1.9
1.6
1.8
1
1
1
1
P6SMBJ220C
P6SMBJ220CA
FD
FE
220.00
220.00
242.00
242.00
310.20
281.60
1
1
394.0
356.0
1.5
1.7
1
1



Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SMBJ50CA_1600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 1 2 3 4 Diodes Incorporated
SMAT70A_1400W 600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 1 2 3 Diodes Incorporated
P6SMBJ_06600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 1 2 3 4 5 MoreWon-Top Electronics
SMCJ50CA_11500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 1 2 3 4 Diodes Incorporated
SMAJ50CA_1400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 1 2 3 4 Diodes Incorporated
P4SMAJ_06400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 1 2 3 4 5 MoreWon-Top Electronics
P4SMAJ180400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 1 2 3 4 5 Won-Top Electronics
1.5SMCJ_061500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 1 2 3 4 5 MoreWon-Top Electronics
1.5SMCJ1801500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 1 2 3 4 5 Won-Top Electronics
3.0SMCJ_063000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 1 2 3 4 5 MoreWon-Top Electronics

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl