Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9586AZK+T Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX9586AZK+T
Description  Single, Dual, Triple, and Quad Standard-Definition Video Filter Amplifiers with AC-Coupled Input Buffers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9586AZK+T Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX9586AZK+T Datasheet HTML 1Page - Maxim Integrated Products MAX9586AZK+T Datasheet HTML 2Page - Maxim Integrated Products MAX9586AZK+T Datasheet HTML 3Page - Maxim Integrated Products MAX9586AZK+T Datasheet HTML 4Page - Maxim Integrated Products MAX9586AZK+T Datasheet HTML 5Page - Maxim Integrated Products MAX9586AZK+T Datasheet HTML 6Page - Maxim Integrated Products MAX9586AZK+T Datasheet HTML 7Page - Maxim Integrated Products MAX9586AZK+T Datasheet HTML 8Page - Maxim Integrated Products MAX9586AZK+T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Single, Dual, Triple, and Quad Standard-Definition
Video Filter Amplifiers with AC-Coupled Input Buffers
_______________________________________________________________________________________
5
Typical Operating Characteristics
(VDD = SHDN = +3.3V, video outputs have RL = 150Ω connected to GND, TA = +25°C, unless otherwise noted.)
QUIESCENT SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
100
75
25
50
0
-25
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
7.0
2.0
-50
125
VOLTAGE GAIN
vs. TEMPERATURE
TEMPERATURE (
°C)
100
75
25
50
0
-25
1.96
1.97
1.98
1.99
2.00
2.01
2.02
2.03
2.04
1.95
-50
125
SMALL-SIGNAL GAIN
vs. FREQUENCY
FREQUENCY (Hz)
10M
1M
-70
-60
-50
-40
-30
-20
-10
0
10
-80
100k
100M
VOUT = 100mVP-P
SMALL-SIGNAL GAIN FLATNESS
vs. FREQUENCY
FREQUENCY (Hz)
1M
-1.4
-1.2
-1.0
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
-1.6
100k
10M
VOUT = 100mVP-P
LARGE-SIGNAL GAIN
vs. FREQUENCY
FREQUENCY (Hz)
10M
1M
-70
-60
-50
-40
-30
-20
-10
0
10
-80
100k
100M
VOUT = 2VP-P
LARGE-SIGNAL GAIN FLATNESS
vs. FREQUENCY
FREQUENCY (Hz)
1M
-1.4
-1.2
-1.0
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
-1.6
100k
10M
VOUT = 2VP-P
GROUP DELAY
vs. FREQUENCY
FREQUENCY (Hz)
10M
1M
20
40
60
80
100
120
140
0
100k
100M
POWER-SUPPLY REJECTION RATIO
vs. FREQUENCY
FREQUENCY (Hz)
10M
1M
-60
-70
-50
-40
-30
-20
-10
0
-80
10k
100k
100M
DIFFERENTIAL GAIN AND PHASE
6
5
4
3
2
-0.3
-0.2
-0.1
0
0.1
-0.4
-0.2
0
0.2
0.4
0.6
0.8
-0.4
17
6
5
4
3
2
17
f = 4.43MHz
f = 4.43MHz


Similar Part No. - MAX9586AZK+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9586AZK+T MAXIM-MAX9586AZK+T Datasheet
428Kb / 18P
   Single, Dual, Triple, and Quad Standard-Definition Video Filter Amplifiers with AC-Coupled Input Buffers
Rev 5; 10/07
More results

Similar Description - MAX9586AZK+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9586_0710 MAXIM-MAX9586_0710 Datasheet
428Kb / 18P
   Single, Dual, Triple, and Quad Standard-Definition Video Filter Amplifiers with AC-Coupled Input Buffers
Rev 5; 10/07
MAX9583 MAXIM-MAX9583 Datasheet
339Kb / 15P
   Dual, Triple, and Quad Standard-Definition Video Filter Amplifiers with DC-Coupled Input Buffers
Rev 3; 7/07
MAX9583_0710 MAXIM-MAX9583_0710 Datasheet
336Kb / 15P
   Dual, Triple, and Quad Standard-Definition Video Filter Amplifiers with DC-Coupled Input Buffers
Rev 5; 10/07
MAX9584AUA MAXIM-MAX9584AUA Datasheet
342Kb / 15P
   Dual, Triple, and Quad Standard-Definition Video Filter Amplifiers with DC-Coupled Input Buffers
Rev 5; 10/07
logo
Cadeka Microcircuits LL...
CLC3800 CADEKA-CLC3800 Datasheet
926Kb / 11P
   Triple, Standard Definition Video Amplifiers
CLC3800 CADEKA-CLC3800_10 Datasheet
1Mb / 17P
   Triple, Standard Definition Video Amplifiers
logo
Zetex Semiconductors
ZXFV201 ZETEX-ZXFV201_07 Datasheet
308Kb / 10P
   Quad, single, triple and dual video amplifiers
ZXFVX ZETEX-ZXFVX Datasheet
298Kb / 10P
   Quad, single, triple and dual video amplifiers
logo
Maxim Integrated Produc...
MAX9517 MAXIM-MAX9517 Datasheet
347Kb / 22P
   Standard-Definition Video Filter Amplifiers with Dual SPST Switches
Rev 0; 9/07
MAX7428 MAXIM-MAX7428 Datasheet
444Kb / 21P
   Standard Definition Video Reconstruction Filters and Buffers
19-2119; Rev 2; 9/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com