Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JANSF2N7394U Datasheet(PDF) 4 Page - International Rectifier

Part # JANSF2N7394U
Description  RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-1)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

JANSF2N7394U Datasheet(HTML) 4 Page - International Rectifier

  JANSF2N7394U Datasheet HTML 1Page - International Rectifier JANSF2N7394U Datasheet HTML 2Page - International Rectifier JANSF2N7394U Datasheet HTML 3Page - International Rectifier JANSF2N7394U Datasheet HTML 4Page - International Rectifier JANSF2N7394U Datasheet HTML 5Page - International Rectifier JANSF2N7394U Datasheet HTML 6Page - International Rectifier JANSF2N7394U Datasheet HTML 7Page - International Rectifier JANSF2N7394U Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
www.irf.com
IRHN7054, JANSR2N7394U
Pre-Irradiation
Fig 4. Normalized On-Resistance
Vs.Temperature
Fig 2. Typical Output Characteristics
Fig 1. Typical Output Characteristics
Fig 3. Typical Transfer Characteristics
10
100
1000
1
10
100
20µs PULSE WIDTH
T = 25 C
J
°
TOP
BOTTOM
VGS
15V
12V
10V
9.0V
8.0V
7.0V
6.0V
5.0V
V
, Drain-to-Source Voltage (V)
DS
5.0V
10
100
1000
1
10
100
20µs PULSE WIDTH
T = 150 C
J
°
TOP
BOTTOM
VGS
15V
12V
10V
9.0V
8.0V
7.0V
6.0V
5.0V
V
, Drain-to-Source Voltage (V)
DS
5.0V
10
100
1000
5
6
7
8
9
10
11
12
V
= 25V
20µs PULSE WIDTH
DS
V
, Gate-to-Source Voltage (V)
GS
T = 25 C
J
°
T = 150 C
J
°
-60 -40 -20
0
20
40
60
80 100 120 140 160
0.0
0.5
1.0
1.5
2.0
2.5
T , Junction Temperature ( C)
J
°
V
=
I =
GS
D
12V
50A


Similar Part No. - JANSF2N7394U

ManufacturerPart #DatasheetDescription
logo
International Rectifier
JANSF2N7390 IRF-JANSF2N7390 Datasheet
141Kb / 8P
   RADIATION HARDENED POWER MOSFET
More results

Similar Description - JANSF2N7394U

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHN9250 IRF-IRHN9250 Datasheet
138Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-1)
IRHN7150 IRF-IRHN7150 Datasheet
284Kb / 12P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-1)
IRHN7250SE IRF-IRHN7250SE Datasheet
127Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-1)
IRHN57250SE IRF-IRHN57250SE Datasheet
176Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-1)
IRHNJ57230 IRF-IRHNJ57230 Datasheet
127Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-0.5)
IRHNJ57130 IRF-IRHNJ57130 Datasheet
130Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-0.5)
IRHNM57110 IRF-IRHNM57110 Datasheet
226Kb / 10P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-0.2)
IRHNA67260 IRF-IRHNA67260 Datasheet
141Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE-MOUNT (SMD-2)
IRHNA597260 IRF-IRHNA597260 Datasheet
119Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-2)
IRHNA3160 IRF-IRHNA3160 Datasheet
109Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-2)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com