Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9172ESA Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX9172ESA
Description  Single/Dual LVDS Line Receivers with ?쏧n-Path??Fail-Safe
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9172ESA Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX9172ESA Datasheet HTML 2Page - Maxim Integrated Products MAX9172ESA Datasheet HTML 3Page - Maxim Integrated Products MAX9172ESA Datasheet HTML 4Page - Maxim Integrated Products MAX9172ESA Datasheet HTML 5Page - Maxim Integrated Products MAX9172ESA Datasheet HTML 6Page - Maxim Integrated Products MAX9172ESA Datasheet HTML 7Page - Maxim Integrated Products MAX9172ESA Datasheet HTML 8Page - Maxim Integrated Products MAX9172ESA Datasheet HTML 9Page - Maxim Integrated Products MAX9172ESA Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Detailed Description
LVDS Inputs
The MAX9171/MAX9172 feature LVDS inputs for inter-
facing high-speed digital circuitry. The LVDS interface
standard is a signaling method intended for point-to-
point communication over controlled-impedance
media, as defined by the ANSI TIA/EIA-644 standards.
The technology uses low-voltage signals to achieve fast
transition times and minimize power dissipation and
noise immunity. The MAX9171/MAX9172 convert LVDS
signals to LVCMOS/LVTTL signals at rates in excess of
500Mbps. These devices are capable of detecting dif-
ferential signals as low as 100mV and as high as 1.2V
within a 0 to VCC input voltage range. Table 1 is the
input-output function table.
Fail-Safe
The MAX9171/MAX9172 fail-safe drives the receiver
output high when the differential input is:
• Open
• Undriven and shorted
• Undriven and terminated
Without fail-safe, differential noise at the input may
switch the receiver and appear as data to the receiving
system. An open input occurs when a cable and termi-
nation are disconnected. An undriven, terminated input
occurs when a cable is disconnected with the termina-
tion still connected across the receiver inputs or when
the driver of a receiver is in high impedance. An undriv-
en, shorted input can occur due to a shorted cable.
Single/Dual LVDS Line Receivers with
“In-Path” Fail-Safe
6
_______________________________________________________________________________________
MAX9171 Pin Description
PIN
SOT23
SO/TDFN
NAME
FUNCTION
18
VCC
Positive Power-Supply Input. Bypass with a 0.1µF and a 0.001µF capacitor to GND with the
smallest capacitor closest to the pin.
2
5
GND
Ground
3
7
OUT
Receiver Output
4, 5, 6
3, 4, 6
N.C.
No Connection. Not internally connected.
7
2
IN+
Noninverting Differential Receiver Input
8
1
IN-
Inverting Differential Receiver Input
(TDFN only)
EP
Exposed Paddle. Solder to PCB ground.
MAX9172 Pin Description
PIN
SOT23
SO/TDFN
NAME
FUNCTION
18
VCC
Positive Power-Supply Input. Bypass with a 0.1µF and a 0.001µF capacitor to GND with the
smallest capacitor closest to the pin.
2
5
GND
Ground
3
7
OUT1
Receiver Output 1
4
6
OUT2
Receiver Output 2
5
4
IN2-
Inverting Differential Receiver Input 2
6
3
IN2+
Noninverting Differential Receiver Input 2
7
2
IN1+
Noninverting Differential Receiver Input 1
8
1
IN1-
Inverting Differential Receiver Input 1
(TDFN only)
EP
Exposed Paddle. Solder to PCB ground.
INPUTS
OUTPUT
(IN_+) - (IN_-)
OUT_
≥ 0mV
High
≤ -100mV
Low
Open
High
Undriven short
High
Undriven parallel termination
High
Table 1. Input-Output Function Table


Similar Part No. - MAX9172ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9172ESA MAXIM-MAX9172ESA Datasheet
185Kb / 11P
   SINGLE / DUAL LVDS LINE RECEIVERS WITH IN - PATH FAIL - SAFE
Rev 0; 10/02
More results

Similar Description - MAX9172ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9171 MAXIM-MAX9171 Datasheet
185Kb / 11P
   SINGLE / DUAL LVDS LINE RECEIVERS WITH IN - PATH FAIL - SAFE
Rev 0; 10/02
MAX9173 MAXIM-MAX9173 Datasheet
277Kb / 14P
   Quad LVDS Line Receiver with Flow-Through Pinout and ?쏧n-Path??Fail-Safe
Rev 0; 10/02
logo
ams AG
AS1153 AMSCO-AS1153 Datasheet
291Kb / 15P
   Single/Dual LVDS Receivers
logo
Maxim Integrated Produc...
MAX9111 MAXIM-MAX9111 Datasheet
183Kb / 12P
   Single/Dual LVDS Line Receivers with Ultra-Low Pulse Skew in SOT23
Rev 0; 7/00
MAX9111 MAXIM-MAX9111_V01 Datasheet
1Mb / 12P
   Single/Dual LVDS Line Receivers with Ultra-Low Pulse Skew in SOT23
19-1803; Rev 7; 6/19
MAX9111 MAXIM-MAX9111_09 Datasheet
116Kb / 10P
   Single/Dual LVDS Line Receivers with Ultra-Low Pulse Skew in SOT23
Rev 3; 3/09
logo
Texas Instruments
DS78LS120QML TI1-DS78LS120QML Datasheet
520Kb / 12P
[Old version datasheet]   Dual Differential Line Receiver (Noise Filtering and Fail-Safe)
logo
National Semiconductor ...
DS78LS120 NSC-DS78LS120 Datasheet
610Kb / 9P
   Dual Differential Line Receiver (Noise Filtering and Fail-Safe)
logo
Maxim Integrated Produc...
MAX9125 MAXIM-MAX9125 Datasheet
226Kb / 12P
   Quad LVDS Line Receivers with Integrated Termination
Rev 0; 5/01
logo
Micrel Semiconductor
SY58605U MICREL-SY58605U Datasheet
633Kb / 12P
   3.2Gbps Precision, LVDS Buffer with Internal Termination and Fail Safe Input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com