Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC26C94A1N Datasheet(PDF) 5 Page - NXP Semiconductors

Part # SC26C94A1N
Description  Quad universal asynchronous receiver/transmitter QUART
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC26C94A1N Datasheet(HTML) 5 Page - NXP Semiconductors

  SC26C94A1N Datasheet HTML 1Page - NXP Semiconductors SC26C94A1N Datasheet HTML 2Page - NXP Semiconductors SC26C94A1N Datasheet HTML 3Page - NXP Semiconductors SC26C94A1N Datasheet HTML 4Page - NXP Semiconductors SC26C94A1N Datasheet HTML 5Page - NXP Semiconductors SC26C94A1N Datasheet HTML 6Page - NXP Semiconductors SC26C94A1N Datasheet HTML 7Page - NXP Semiconductors SC26C94A1N Datasheet HTML 8Page - NXP Semiconductors SC26C94A1N Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
Philips Semiconductors
Product specification
SC26C94
Quad universal asynchronous receiver/transmitter (QUART)
1995 May 1
5
Table 1.
QUART Registers1
A5:0
READ (RDN = Low)
WRITE (WRN = Low)
000000
Mode Register a (MR0a, MR1a, MR2a)
Mode Register a (MR0a, MR1a, MR2a)
000001
Status Register a (SRa)
Clock Select Register a (CSRa)
000010
Reserved
Command Register a (CRa)
000011
Receive Holding Register a (RxFIFOa)
Transmit Holding Register a (TxFIFOa)
000100
Input Port Change Reg ab (IPCRab)
Auxiliary Control Reg ab (ACRab)
000101
Interrupt Status Reg ab (ISRab)
Interrupt Mask Reg ab (IMRab)
000110
Counter/Timer Upper ab (CTUab)
Counter/Timer Upper Reg ab (CTURab)
000111
Counter/Timer Lower ab (CTLab)
Counter/Timer Lower Reg ab (CTLRab)
001000
Mode Register b (MR0b, MR1b, MR2b)
Mode Register b (MR0b, MR1b, MR2b)
001001
Status Register b (SRb)
Clock Select Register b (CSRb)
001010
Reserved
Command Register b (CRb)
001011
Receive Holding Register b (RxFIFOb)
Transmit Holding Register b (TxFIFOb)
001100
Output Port Register ab (OPRab)
Output Port Register ab (OPRab)
001101
Input Port Register ab (IPRab)
I/OPCRa (I/O Port Control Reg a)
001110
Start Counter ab
I/OPCRb (I/O Port Control Reg b)
001111
Stop Counter ab
Reserved
010000
Mode Register c (MR0c, MR1c, MR2c)
Mode Register c (MR0c, MR1c, MR2c)
010001
Status Register c (SRc)
Clock Select Register c (CSRc)
010010
Reserved
Command Register c (CRc)
010011
Receive Holding Register c (RxFIFOc)
Transmit Holding Register c (TxFIFOc)
010100
Input Port Change Reg cd (IPCRcd)
Auxiliary Control Reg cd (ACRcd)
010101
Interrupt Status Reg cd (ISRcd)
Interrupt Mask Reg cd (IMRcd)
010110
Counter/Timer Upper cd (CTUcd)
Counter/Timer Upper Reg cd (CTURcd)
010111
Counter/Timer Lower cd (CTLcd)
Counter/Timer Lower Reg cd (CTLRcd)
011000
Mode Register d (MR0d, MR1d, MR2d)
Mode Register d (MR0d, MR1d, MR2d)
011001
Status Register d (SRd)
Clock Select Register d (CSRd)
011010
Reserved
Command Register d (CRd)
011011
Receive Holding Register d (RxFIFOd)
Transmit Holding Register d (TxFIFOd)
011100
Output Port Register cd (OPRcd)
Output Port Register cd (OPRcd)
011101
Input Port Register cd (IPRcd)
I/OPCRc (I/O Port Control Reg c)
011110
Start Counter cd
I/OPCRd (I/O Port Control Reg d)
011111
Stop Counter cd
Reserved
100000
Bidding Control Register a (BCRa)
Bidding Control Register a (BCRa)
100001
Bidding Control Register b (BCRb)
Bidding Control Register b (BCRb)
100010
Bidding Control Register c (BCRc)
Bidding Control Register c (BCRc)
100011
Bidding Control Register d (BCRd)
Bidding Control Register d (BCRd)
100100
Reserved
Power Down
100101
Reserved
Power Up
100110
Reserved
Disable DACKN
100111
Reserved
Enable DACKN
101000
Current Interrupt Register (CIR)
Reserved
101001
Global Interrupting Channel Reg (GICR)
Interrupt Vector Register (IVR)
101010
Global Int Byte Count Reg (GIBCR)
Update CIR
101011
Global Receive Holding Reg (GRxFIFO)
Global Transmit Holding Reg (GTxFIFO)
101100
Interrupt Control Register (ICR)
Interrupt Control Register (ICR)
101101
Reserved
BRG Rate. 00 = low; 01 = high
101110
Reserved
Set X1/CLK divide by two2
101111
Reserved
Set X1/CLK Normal2
110000–111000
Reserved
Reserved
111001
Test Mode
Test Mode
111010–111111
Reserved
Reserved


Similar Part No. - SC26C94A1N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC26C92 PHILIPS-SC26C92 Datasheet
203Kb / 31P
   Dual universal asynchronous receiver/transmitter DUART
2000 Jan 31
SC26C92A1A PHILIPS-SC26C92A1A Datasheet
203Kb / 31P
   Dual universal asynchronous receiver/transmitter DUART
2000 Jan 31
SC26C92A1B PHILIPS-SC26C92A1B Datasheet
203Kb / 31P
   Dual universal asynchronous receiver/transmitter DUART
2000 Jan 31
SC26C92A1N PHILIPS-SC26C92A1N Datasheet
203Kb / 31P
   Dual universal asynchronous receiver/transmitter DUART
2000 Jan 31
SC26C92C1A PHILIPS-SC26C92C1A Datasheet
203Kb / 31P
   Dual universal asynchronous receiver/transmitter DUART
2000 Jan 31
More results

Similar Description - SC26C94A1N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC28C94 PHILIPS-SC28C94 Datasheet
230Kb / 38P
   Quad universal asynchronous receiver/transmitter QUART
1998 Aug 19
SC68C94 PHILIPS-SC68C94 Datasheet
215Kb / 33P
   Quad universal asynchronous receiver/transmitter QUART
1995 May 1
logo
Exar Corporation
ST16C454 EXAR-ST16C454 Datasheet
378Kb / 30P
   QUAD UNIVERSAL ASYNCHRONOUS RECEIVER/TRANSMITTER (UART)
ST16C454 EXAR-ST16C454_05 Datasheet
177Kb / 29P
   QUAD UNIVERSAL ASYNCHRONOUS RECEIVER/TRANSMITTER (UART)
logo
List of Unclassifed Man...
H8250 ETC-H8250 Datasheet
49Kb / 7P
   Universal Asynchronous Receiver/Transmitter
logo
Altera Corporation
A6402 ALTERA-A6402 Datasheet
228Kb / 8P
   Universal Asynchronous Receiver/Transmitter
logo
Winbond
W86C450 WINBOND-W86C450 Datasheet
1Mb / 28P
   UNIVERSAL ASYNCHRONOUS RECEIVER /TRANSMITTER
logo
TelCom Semiconductor, I...
AY-3-1013A TELCOM-AY-3-1013A Datasheet
775Kb / 13P
   UNIVERSAL ASYNCHRONOUS RECEIVER / TRANSMITTER
logo
Altera Corporation
A16450 ALTERA-A16450 Datasheet
282Kb / 16P
   Universal Asynchronous Receiver/Transmitter
logo
Texas Instruments
PC16550D TI1-PC16550D_15 Datasheet
482Kb / 33P
[Old version datasheet]   Universal Asynchronous Receiver/Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com