Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRHLNA73064 Datasheet(PDF) 8 Page - International Rectifier

Part # IRHLNA73064
Description  RADIATION HARDENED LOGIC LEVEL POWER MOSFET SURFACE MOUNT (SMD-2)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHLNA73064 Datasheet(HTML) 8 Page - International Rectifier

  IRHLNA73064 Datasheet HTML 1Page - International Rectifier IRHLNA73064 Datasheet HTML 2Page - International Rectifier IRHLNA73064 Datasheet HTML 3Page - International Rectifier IRHLNA73064 Datasheet HTML 4Page - International Rectifier IRHLNA73064 Datasheet HTML 5Page - International Rectifier IRHLNA73064 Datasheet HTML 6Page - International Rectifier IRHLNA73064 Datasheet HTML 7Page - International Rectifier IRHLNA73064 Datasheet HTML 8Page - International Rectifier IRHLNA73064 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
IRHLNA77064
Pre-Irradiation
8
www.irf.com
QG
QGS
QGD
VG
Charge
D.U.T.
VDS
ID
IG
3mA
VGS
.3
µF
50K
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
+
-
4.5V
Fig 16b. Gate Charge Test Circuit
Fig 16a. Basic Gate Charge Waveform
VDS
90%
10%
VGS
td(on)
tr
td(off) tf
Fig 15b. Unclamped Inductive Test Circuit
Fig 15c. Unclamped Inductive Waveforms
tp
V(BR)DSS
IAS
Fig 17a. Switching Time Test Circuit
Fig 17b. Switching Time Waveforms
RG
IAS
0.01
tp
D.U.T
L
VDS
+
- VDD
DRIVER
A
15V
20V
.
VGS
VDS
Pulse Width ≤ 1µs
Duty Factor ≤ 0.1 %
RD
VGS
RG
D.U.T.
+
-
VDD
VGS


Similar Part No. - IRHLNA73064

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHLNA77064 IRF-IRHLNA77064 Datasheet
199Kb / 9P
   Simple Drive Requirements
IRHLNA77064 IRF-IRHLNA77064_15 Datasheet
199Kb / 9P
   Simple Drive Requirements
IRHLNA793064 IRF-IRHLNA793064 Datasheet
206Kb / 9P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET SURFACE MOUNT (SMD-2)
IRHLNA797064 IRF-IRHLNA797064 Datasheet
206Kb / 9P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET SURFACE MOUNT (SMD-2)
IRHLNA797064 IRF-IRHLNA797064 Datasheet
206Kb / 9P
   Simple Drive Requirements
More results

Similar Description - IRHLNA73064

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHLNA797064 IRF-IRHLNA797064 Datasheet
206Kb / 9P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET SURFACE MOUNT (SMD-2)
IRHLNJ797034 IRF-IRHLNJ797034 Datasheet
209Kb / 9P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET SURFACE MOUNT (SMD-0.5)
IRHLUC7670Z4 IRF-IRHLUC7670Z4 Datasheet
309Kb / 16P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET SURFACE MOUNT
IRHLUC7970Z4 IRF-IRHLUC7970Z4 Datasheet
215Kb / 9P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET SURFACE MOUNT
IRHLNJ77034 IRF-IRHLNJ77034 Datasheet
202Kb / 9P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET SURFACE MOUNT (SMD-0.5)
IRHLNM87Y20 IRF-IRHLNM87Y20 Datasheet
206Kb / 9P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET SURFACE MOUNT
IRHLNM77110 IRF-IRHLNM77110 Datasheet
178Kb / 9P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET SURFACE MOUNT
IRHLUC770Z4 IRF-IRHLUC770Z4 Datasheet
207Kb / 9P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET SURFACE MOUNT
JANSR2N7626UB IRF-JANSR2N7626UB Datasheet
231Kb / 11P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET SURFACE MOUNT (UB)
IRHLUB7970Z4 IRF-IRHLUB7970Z4 Datasheet
180Kb / 8P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET SURFACE MOUNT (UB)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com