Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JANSR2N7494U5 Datasheet(PDF) 3 Page - International Rectifier

Part # JANSR2N7494U5
Description  RADIATION HARDENED POWER MOSFET SURFACE MOUNT (LCC-18)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

JANSR2N7494U5 Datasheet(HTML) 3 Page - International Rectifier

  JANSR2N7494U5 Datasheet HTML 1Page - International Rectifier JANSR2N7494U5 Datasheet HTML 2Page - International Rectifier JANSR2N7494U5 Datasheet HTML 3Page - International Rectifier JANSR2N7494U5 Datasheet HTML 4Page - International Rectifier JANSR2N7494U5 Datasheet HTML 5Page - International Rectifier JANSR2N7494U5 Datasheet HTML 6Page - International Rectifier JANSR2N7494U5 Datasheet HTML 7Page - International Rectifier JANSR2N7494U5 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
www.irf.com
3
Pre-Irradiation
IRHE57Z30, JANSR2N94U5
Table 1. Electrical Characteristics @ Tj = 25°C, Post Total Dose Irradiation
ÄÅ
Parameter
Up to 500K Rads(Si)1 1000K Rads (Si)2 Units
Test Conditions
Min
Max
Min
Max
BVDSS
Drain-to-Source Breakdown Voltage
30
30
V
VGS = 0V, ID = 1.0mA
VGS(th)
Gate Threshold Voltage
2.0
4.0
1.5
4.0
VGS = VDS, ID = 1.0mA
IGSS
Gate-to-Source Leakage Forward
100
100
nA
VGS = 20V
IGSS
Gate-to-Source Leakage Reverse
-100
-100
VGS = -20 V
IDSS
Zero Gate Voltage Drain Current
10
25
µA
VDS= 24V, VGS =0V
RDS(on)
Static Drain-to-Source
Ã
0.024
0.042
VGS =12V, ID =8.0A
On-State Resistance (TO-3)
RDS(on)
Static Drain-to-Source
Ã
0.07
0.088
VGS =12V, ID =8.0A
On-State Resistance (LCC-18)
International Rectifier Radiation Hardened MOSFETs are tested to verify their radiation hardness capability.
The hardness assurance program at International Rectifier is comprised of two radiation environments.
Every manufacturing lot is tested for total ionizing dose (per notes 5 and 6) using the TO-3 package. Both
pre- and post-irradiation performance are tested and specified using the same drive circuitry and test
conditions in order to provide a direct comparison.
Radiation Characteristics
1. Part numbers IRHE57Z30 (JANSR2N7494U5), IRHE53Z30 (JANSF2N7494U5) and IRHE54Z30 (JANSG2N7494U5)
2. Part number IRHE58Z30 (JANSH2N7494U5)
Fig a. Single Event Effect, Safe Operating Area
VSD
Diode Forward Voltage
Ã
1.8
1.8
V
VGS = 0V, IS =12A
International Rectifier radiation hardened MOSFETs have been characterized in heavy ion environment for
Single Event Effects (SEE). Single Event Effects characterization is illustrated in Fig. a and Table 2.
For footnotes refer to the last page
Table 2. Single Event Effect Safe Operating Area
Ion
LET
Energy
Range
VDS (V)
(MeV/(mg/cm2))
(MeV)
(µm)
@VGS=0V @VGS=-5V @VGS=-10V @VGS=-15V @VGS=-20V
Cu
28
261
40
30
30
30
25
15
Br
37
285
37
30
30
30
23
15
I
60
344
33
25
25
20
15
8
0
5
10
15
20
25
30
35
-20
-15
-10
-5
0
VGS
Cu
Br
I


Similar Part No. - JANSR2N7494U5

ManufacturerPart #DatasheetDescription
logo
International Rectifier
JANSR2N7491T2 IRF-JANSR2N7491T2 Datasheet
138Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-39)
JANSR2N7492T2 IRF-JANSR2N7492T2 Datasheet
136Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-39)
JANSR2N7495U5 IRF-JANSR2N7495U5 Datasheet
125Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (LCC-18)
JANSR2N7497T2 IRF-JANSR2N7497T2 Datasheet
181Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-39)
JANSR2N7498T2 IRF-JANSR2N7498T2 Datasheet
137Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE ( TO-39)
More results

Similar Description - JANSR2N7494U5

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHE7230 IRF-IRHE7230 Datasheet
269Kb / 12P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (LCC-18)
IRHE57034 IRF-IRHE57034 Datasheet
125Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (LCC-18)
IRHE9230 IRF-IRHE9230 Datasheet
109Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (LCC-18)
IRHE9130 IRF-IRHE9130 Datasheet
123Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (LCC-18)
IRHE7130 IRF-IRHE7130 Datasheet
438Kb / 12P
   RADIATION HARDENED POWER MOSFET SURFCACE MOUNT(LCC-18)
JANTXVR2N7261U IRF-JANTXVR2N7261U Datasheet
300Kb / 12P
   RADIATION HARDENED POWER MOSFET SURFCACE MOUNT(LCC-18)
IRHQ7214 IRF-IRHQ7214 Datasheet
128Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (LCC-28)
IRHQ7110 IRF-IRHQ7110 Datasheet
128Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (LCC-28)
IRHQ6110 IRF-IRHQ6110 Datasheet
192Kb / 14P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (LCC-28)
IRHQ9110 IRF-IRHQ9110 Datasheet
134Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (LCC-28)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com