Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRGB4B60K Datasheet(PDF) 2 Page - International Rectifier

Part # IRGB4B60K
Description  INSULATED GATE BIPOLAR TRANSISTOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGB4B60K Datasheet(HTML) 2 Page - International Rectifier

  IRGB4B60K Datasheet HTML 1Page - International Rectifier IRGB4B60K Datasheet HTML 2Page - International Rectifier IRGB4B60K Datasheet HTML 3Page - International Rectifier IRGB4B60K Datasheet HTML 4Page - International Rectifier IRGB4B60K Datasheet HTML 5Page - International Rectifier IRGB4B60K Datasheet HTML 6Page - International Rectifier IRGB4B60K Datasheet HTML 7Page - International Rectifier IRGB4B60K Datasheet HTML 8Page - International Rectifier IRGB4B60K Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
IRGB/S/SL4B60K
2
www.irf.com
Note
 to ƒ are on page 16
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Parameter
Min.
Typ. Max. Units
Conditions
Ref.Fig.
V(BR)CES
Collector-to-Emitter Breakdown Voltage
600
——V
VGE = 0V, IC = 500µA
∆V
(BR)CES/∆TJ Temperature Coeff. of Breakdown Voltage
—0.28
V/°C VGE = 0V, IC = 1mA (25°C-150°C)
—2.1
2.5
IC = 4.0A, VGE = 15V, TJ = 25°C
5,6,7
VCE(on)
Collector-to-Emitter Voltage
2.5
2.8
V
IC = 4.0A, VGE = 15V, TJ = 150°C
9,10,11
—2.6
2.8
IC = 4.0A, VGE = 15V, TJ = 175°C
VGE(th)
Gate Threshold Voltage
3.5
4.5
5.5
V
VCE = VGE, IC = 250µA
9,10,11
∆V
GE(th)/∆TJ
Threshold Voltage temp. coefficient
-8.1
mV/°C VCE = VGE, IC = 1mA (25°C-150°C)
12
gfe
Forward Transconductance
1.7
S
VCE = 50V, IC = 4.0A, PW = 80µs
—1.0
150
VGE = 0V, VCE = 600V
ICES
Zero Gate Voltage Collector Current
54
300
µA
VGE = 0V, VCE = 600V, TJ = 150°C
300
800
VGE = 0V, VCE = 600V, TJ = 175°C
IGES
Gate-to-Emitter Leakage Current
±100
nA
VGE = ±20V
Switching Characteristics @ TJ = 25°C (unless otherwise specified)
Parameter
Min.
Typ. Max. Units
Conditions
Ref.Fig.
Qg
Total Gate Charge (turn-on)
12
IC = 4.0A
23
Qge
Gate-to-Emitter Charge (turn-on)
1.7
nC
VCC = 400V
CT1
Qgc
Gate-to-Collector Charge (turn-on)
6.5
VGE = 15V
Eon
Turn-On Switching Loss
73
80
IC = 4.0A, VCC = 400V
CT4
Eoff
Turn-Off Switching Loss
47
53
µJ
VGE = 15V, RG = 100Ω, L = 2.5mH
Etot
Total Switching Loss
120
130
TJ = 25°C
e
td(on)
Turn-On delay time
22
28
IC = 4.0A, VCC = 400V
tr
Rise time
18
23
ns
VGE = 15V, RG = 100Ω, L = 2.5mH
CT4
td(off)
Turn-Off delay time
100
110
TJ = 25°C
tf
Fall time
66
80
Eon
Turn-On Switching Loss
130
150
IC = 4.0A, VCC = 400V
CT4
Eoff
Turn-Off Switching Loss
83
140
µJ
VGE = 15V, RG = 100Ω, L = 2.5mH
13,15
Etot
Total Switching Loss
220
280
TJ = 150°C
e
WF1,WF2
td(on)
Turn-On delay time
22
27
IC = 4.0A, VCC = 400V
14,16
tr
Rise time
18
22
ns
VGE = 15V, RG = 100Ω, L = 2.5mH
CT4
td(off)
Turn-Off delay time
120
130
TJ = 150°C
WF1
tf
Fall time
79
89
WF2
Cies
Input Capacitance
190
VGE = 0V
Coes
Output Capacitance
25
pF
VCC = 30V
22
Cres
Reverse Transfer Capacitance
6.2
f = 1.0MHz
RBSOA
Reverse Bias Safe Operating Area
FULL SQUARE
TJ = 150°C, IC = 24A, Vp = 600V
4
VCC=500V,VGE = +15V to 0V,RG = 100Ω
CT2
SCSOA
Short Circuit Safe Operating Area
10
µs
TJ = 150°C, Vp = 600V, RG = 100Ω
CT3
VCC=360V,VGE = +15V to 0V
WF3


Similar Part No. - IRGB4B60K

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGB4B60KD1 IRF-IRGB4B60KD1 Datasheet
377Kb / 15P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGB4B60KD1 IRF-IRGB4B60KD1 Datasheet
376Kb / 15P
   INSULATED GATE BIPOLAR TRANSISTOR WITH
IRGB4B60KD1PBF IRF-IRGB4B60KD1PBF Datasheet
434Kb / 15P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGB4B60KD1PBF IRF-IRGB4B60KD1PBF Datasheet
442Kb / 16P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGB4B60KPBF IRF-IRGB4B60KPBF Datasheet
324Kb / 14P
   INSULATED GATE BIPOLAR TRANSISTOR
More results

Similar Description - IRGB4B60K

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4BH20K-L IRF-IRG4BH20K-L Datasheet
167Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR
IRGP20B120U-E IRF-IRGP20B120U-E Datasheet
106Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR
logo
Motorola, Inc
MGP14N60E MOTOROLA-MGP14N60E Datasheet
125Kb / 6P
   Insulated Gate Bipolar Transistor
MGW30N60 MOTOROLA-MGW30N60 Datasheet
214Kb / 6P
   Insulated Gate Bipolar Transistor
logo
ON Semiconductor
MGP20N60U ONSEMI-MGP20N60U Datasheet
120Kb / 5P
   Insulated Gate Bipolar Transistor
1998 REV 1
MGS13002D ONSEMI-MGS13002D Datasheet
138Kb / 6P
   Insulated Gate Bipolar Transistor
1998 REV 2
MGW21N60ED ONSEMI-MGW21N60ED Datasheet
152Kb / 6P
   Insulated Gate Bipolar Transistor
MMG05N60D ONSEMI-MMG05N60D Datasheet
138Kb / 6P
   Insulated Gate Bipolar Transistor
REV 2
logo
International Rectifier
IRG4PSC71UPBF IRF-IRG4PSC71UPBF_15 Datasheet
294Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR
IRG4PC30KPBF IRF-IRG4PC30KPBF_15 Datasheet
261Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR
IRG4PC30SPBF IRF-IRG4PC30SPBF_15 Datasheet
250Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com