Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFI4019H-117P Datasheet(PDF) 3 Page - International Rectifier

Part # IRFI4019H-117P
Description  DIGITAL AUDIO MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFI4019H-117P Datasheet(HTML) 3 Page - International Rectifier

  IRFI4019H-117P Datasheet HTML 1Page - International Rectifier IRFI4019H-117P Datasheet HTML 2Page - International Rectifier IRFI4019H-117P Datasheet HTML 3Page - International Rectifier IRFI4019H-117P Datasheet HTML 4Page - International Rectifier IRFI4019H-117P Datasheet HTML 5Page - International Rectifier IRFI4019H-117P Datasheet HTML 6Page - International Rectifier IRFI4019H-117P Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
IRFI4019H-117P
www.irf.com
3
Fig 2. Typical Output Characteristics
Fig 1. Typical Output Characteristics
Fig 3. Typical Transfer Characteristics
Fig 4. Normalized On-Resistance vs. Temperature
Fig 6. Typical Gate Charge vs.Gate-to-Source Voltage
Fig 5. Typical Capacitance vs.Drain-to-Source Voltage
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
0.01
0.1
1
10
100
≤ 60µs PULSE WIDTH
Tj = 25°C
5.5V
VGS
TOP
15V
12V
10V
9.0V
8.0V
7.0V
6.0V
BOTTOM
5.5V
1
10
100
1000
VDS, Drain-to-Source Voltage (V)
1
10
100
1000
10000
100000
Coss
Crss
Ciss
VGS = 0V,
f = 1 MHZ
Ciss = Cgs + Cgd, Cds SHORTED
Crss = Cgd
Coss = Cds + Cgd
0
5
10
15
20
QG Total Gate Charge (nC)
0
4
8
12
16
20
VDS= 120V
VDS= 75V
VDS= 30V
ID= 5.2A
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
0.1
1
10
100
≤ 60µs PULSE WIDTH
Tj = 150°C
5.5V
VGS
TOP
15V
12V
10V
9.0V
8.0V
7.0V
6.0V
BOTTOM
5.5V
-60 -40 -20
0
20 40 60 80 100 120 140 160
TJ, Junction Temperature (°C)
0.0
0.5
1.0
1.5
2.0
2.5
ID = 5.2A
VGS = 10V
4
5
6
7
8
VGS, Gate-to-Source Voltage (V)
0.1
1
10
100
VDS = 50V
≤ 60µs PULSE WIDTH
TJ = 25°C
TJ = 175°C


Similar Part No. - IRFI4019H-117P

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFI4019H-117P IRF-IRFI4019H-117P Datasheet
295Kb / 8P
   Integrated Half-Bridge Package
IRFI4019H-117P IRF-IRFI4019H-117P_15 Datasheet
295Kb / 8P
   Integrated Half-Bridge Package
More results

Similar Description - IRFI4019H-117P

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLR4343PBF IRF-IRLR4343PBF Datasheet
306Kb / 11P
   DIGITAL AUDIO MOSFET
IRFSL5620PBF IRF-IRFSL5620PBF Datasheet
338Kb / 9P
   DIGITAL AUDIO MOSFET
IRFSL5615PBF IRF-IRFSL5615PBF Datasheet
351Kb / 9P
   DIGITAL AUDIO MOSFET
IRF6785MTRPBF IRF-IRF6785MTRPBF Datasheet
604Kb / 9P
   DIGITAL AUDIO MOSFET
IRLIB4343 IRF-IRLIB4343 Datasheet
239Kb / 7P
   DIGITAL AUDIO MOSFET
IRLIB9343PBF IRF-IRLIB9343PBF Datasheet
208Kb / 7P
   DIGITAL AUDIO MOSFET
IRLR9343PBF IRF-IRLR9343PBF Datasheet
299Kb / 10P
   DIGITAL AUDIO MOSFET
IRFS5620PBF IRF-IRFS5620PBF Datasheet
338Kb / 9P
   DIGITAL AUDIO MOSFET
IRFB5620PBF IRF-IRFB5620PBF Datasheet
274Kb / 7P
   DIGITAL AUDIO MOSFET
IRLIB9343 IRF-IRLIB9343 Datasheet
190Kb / 7P
   DIGITAL AUDIO MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com