Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6842_UKD_-T Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX6842_UKD_-T
Description  Ultra-Low-Voltage 關P Reset Circuits and Voltage Detectors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6842_UKD_-T Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX6842_UKD_-T Datasheet HTML 1Page - Maxim Integrated Products MAX6842_UKD_-T Datasheet HTML 2Page - Maxim Integrated Products MAX6842_UKD_-T Datasheet HTML 3Page - Maxim Integrated Products MAX6842_UKD_-T Datasheet HTML 4Page - Maxim Integrated Products MAX6842_UKD_-T Datasheet HTML 5Page - Maxim Integrated Products MAX6842_UKD_-T Datasheet HTML 6Page - Maxim Integrated Products MAX6842_UKD_-T Datasheet HTML 7Page - Maxim Integrated Products MAX6842_UKD_-T Datasheet HTML 8Page - Maxim Integrated Products MAX6842_UKD_-T Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Ultra-Low-Voltage µP Reset Circuits and
Voltage Detectors
4
_______________________________________________________________________________________
Pin Description
Typical Operating Characteristics (continued)
(VCC = 1.5V, TA = +25°C, unless otherwise noted.)
NORMALIZED VCC RESET THRESHOLD
vs. TEMPERATURE
TEMPERATURE (
°C)
60
40
20
0
-20
0.990
0.995
1.000
1.005
1.010
1.015
0.985
-40
80
VTH = 0.833V
NORMALIZED RESET IN THRESHOLD
vs. TEMPERATURE
TEMPERATURE (
°C)
60
40
20
0
-20
0.990
0.995
1.000
1.005
1.010
1.015
0.985
-40
80
POWER-UP/POWER-DOWN
CHARACTERISTICS (MAX6843AUKD3)
MAX6841-45 toc06
200ms/div
VCC
1V/div
RESET
1V/div
PIN
MAX6841
MAX6842
MAX6843
MAX6845
MAX6844
NAME
FUNCTION
1—
Push-Pull (MAX6841) or Open-Drain (MAX6842) Active-Low Reset Output.
RESET
changes from high to low when VCC drops below the selected reset threshold or
MR is pulled low. RESET remains low for the reset timeout period after VCC
exceeds the device reset threshold and
MR is released high.
—1
RESET
Push-Pull (MAX6843) or Open-Drain (MAX6845) Active-Low Reset Output.
RESET
changes from high to low when RESET IN drops below the 187.4mV reset
threshold (referenced to VCC) or MR is pulled low. RESET remains low for the
reset timeout period after RESET IN exceeds the reset threshold and
MR is
released high.
22
2
GND
Ground
3—
Push-Pull Active-High Reset Output. RESET changes from low to high when VCC
input drops below the selected reset threshold or
MR is pulled low. RESET
remains high for the reset timeout period after VCC exceeds the device reset
threshold and
MR is released high.
——
1
RESET
Push-Pull Active-High Reset Output. RESET changes from low to high when the
RESET IN input drops below the 187.4mV reset threshold (referenced to VCC).
RESET remains high for the reset timeout period after RESET IN exceeds the reset
threshold.
—3
3
RESET IN
Adjustable Reset Input. High-impedance input for reset comparator. Connect this
pin to an external resistive-divider network to set the reset threshold voltage; the
typical threshold is 187.4mV (referenced to VCC). The MAX6843/MAX6844/
MAX6845 assert a reset signal when the VCC to RESET IN differential falls below
its threshold voltage.
44
4
MR
Active-Low Manual Reset Input. Internal 20k
Ω pullup to VCC. Pull low to force a
reset. Reset remains active as long as
MR is low and for the reset timeout period
after
MR goes high. Leave unconnected or connect to VCC if unused.
55
5
VCC
Supply Voltage. Monitored supply for the MAX6841/MAX6842.


Similar Part No. - MAX6842_UKD_-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6842_UKD_-T MAXIM-MAX6842_UKD_-T Datasheet
180Kb / 9P
   Ultra-Low-Voltage uP Reset Circuits and Voltage Detectors
Rev 1; 2/03
More results

Similar Description - MAX6842_UKD_-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6832 MAXIM-MAX6832 Datasheet
197Kb / 11P
   Ultra-Low-Voltage SC70 Voltage Detectors and 關P Reset Circuits
Rev 1; 1/02
MAX6841 MAXIM-MAX6841 Datasheet
180Kb / 9P
   Ultra-Low-Voltage uP Reset Circuits and Voltage Detectors
Rev 1; 2/03
MAX6332 MAXIM-MAX6332 Datasheet
97Kb / 6P
   3-Pin, Ultra-Low-Voltage, Low-Power 關P Reset Circuits
Rev 0; 12/98
MAX6332 MAXIM-MAX6332_V01 Datasheet
894Kb / 7P
   3-Pin, Ultra-Low-Voltage, Low-Power 關P Reset Circuits
2016
MAX6335 MAXIM-MAX6335 Datasheet
107Kb / 8P
   4-Pin, Ultra-Low-Voltage, Low-Power 關P Reset Circuits with Manual Reset
Rev 0; 12/98
logo
Pericom Semiconductor C...
PT7M6832 PERICOM-PT7M6832 Datasheet
428Kb / 12P
   Ultra Low Voltage Detectors
logo
Maxim Integrated Produc...
MAX6461 MAXIM-MAX6461_05 Datasheet
183Kb / 10P
   Ultra-Low-Power Voltage Detectors and uP Supervisory Circuits
Rev 2; 12/05
MAX6464UK45 MAXIM-MAX6464UK45 Datasheet
183Kb / 10P
   Ultra-Low-Power Voltage Detectors and μP Supervisory Circuits
Rev 2; 12/05
logo
Pericom Semiconductor C...
PT7M6101 PERICOM-PT7M6101 Datasheet
199Kb / 5P
   Ultra Low Voltage Detectors
logo
Maxim Integrated Produc...
MAX6461 MAXIM-MAX6461 Datasheet
153Kb / 10P
   Ultra-Low-Power Voltage Detectors and UP Supervisory Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com