Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBZ5255BW Datasheet(PDF) 2 Page - Won-Top Electronics

Part # MMBZ5255BW
Description  200mW SURFACE MOUNT ZENER DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

MMBZ5255BW Datasheet(HTML) 2 Page - Won-Top Electronics

  MMBZ5255BW Datasheet HTML 1Page - Won-Top Electronics MMBZ5255BW Datasheet HTML 2Page - Won-Top Electronics MMBZ5255BW Datasheet HTML 3Page - Won-Top Electronics MMBZ5255BW Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MMBZ5221BW – MMBZ5262BW
2 of 4
© 2006 Won-Top Electronics
Electrical Characteristics @T
A=25°C unless otherwise specified
Zener Voltage Range
(Note 2)
Maximum Zener Impedance
(Note 3)
Max Reverse
Leakage Current
VZ @ IZT
ZZT @ IZT
ZZK @ IZK
IR
@ VR
Typical Temp.
Coefficient of
Zener Voltage
Type
Number
(Note 1)
Device
Marking
Code
Nom (V)
Min (V)
Max (V)
Ω
Ω
Ω)
(mA)
Ω
Ω
Ω)
(mA)
(µA)
(V)
(%/K)
MMBZ5221BW
MMBZ5222BW
MMBZ5223BW
MMBZ5225BW
C1
C2
C3
C5
2.4
2.5
2.7
3.0
2.28
2.38
2.57
2.85
2.52
2.63
2.84
3.15
30
30
30
30
20
20
20
20
1200
1250
1300
1600
0.25
0.25
0.25
0.25
100
100
75
50
1.0
1.0
1.0
1.0
-0.075
-0.075
-0.075
-0.075
MMBZ5226BW
MMBZ5227BW
MMBZ5228BW
MMBZ5229BW
D1
D2
D3
D4
3.3
3.6
3.9
4.3
3.14
3.42
3.71
4.09
3.47
3.78
4.10
4.52
28
24
23
22
20
20
20
20
1600
1700
1900
2000
0.25
0.25
0.25
0.25
25
15
10
5.0
1.0
1.0
1.0
1.0
-0.070
-0.065
-0.060
-0.055
MMBZ5230BW
MMBZ5231BW
MMBZ5232BW
MMBZ5234BW
D5
E1
E2
E4
4.7
5.1
5.6
6.2
4.47
4.85
5.32
5.89
4.94
5.36
5.88
6.51
19
17
11
7.0
20
20
20
20
1900
1600
1600
1000
0.25
0.25
0.25
0.25
5.0
5.0
5.0
5.0
2.0
2.0
3.0
4.0
±0.030
±0.030
+0.038
+0.045
MMBZ5235BW
MMBZ5236BW
MMBZ5237BW
MMBZ5239BW
E5
F1
F2
F4
6.8
7.5
8.2
9.1
6.46
7.13
7.79
8.65
7.14
7.88
8.61
9.56
5.0
6.0
8.0
10
20
20
20
20
750
500
500
600
0.25
0.25
0.25
0.25
3.0
3.0
3.0
3.0
5.0
6.0
6.0
6.5
+0.050
+0.058
+0.062
+0.068
MMBZ5240BW
MMBZ5241BW
MMBZ5242BW
MMBZ5243BW
F5
H1
H2
H3
10
11
12
13
9.50
10.45
11.40
12.35
10.50
11.55
12.60
13.65
17
22
30
13
20
20
20
9.5
600
600
600
600
0.25
0.25
0.25
0.25
3.0
3.0
2.0
1.0
8.0
8.4
9.1
9.9
+0.075
+0.076
+0.077
+0.079
MMBZ5245BW
MMBZ5246BW
MMBZ5248BW
MMBZ5250BW
H5
J1
J3
J5
15
16
18
20
14.25
15.20
17.10
19.00
15.75
16.80
18.90
21.00
16
17
21
25
8.5
7.8
7.0
6.2
600
600
600
600
0.25
0.25
0.25
0.25
0.5
0.1
0.1
0.1
11
12
14
15
+0.082
+0.083
+0.085
+0.086
MMBZ5251BW
MMBZ5252BW
MMBZ5254BW
MMBZ5255BW
K1
K2
K4
K5
22
24
27
28
20.90
22.80
25.65
26.60
23.10
25.20
28.35
29.40
29
33
41
44
5.6
5.2
5.0
4.5
600
600
600
600
0.25
0.25
0.25
0.25
0.1
0.1
0.1
0.1
17
18
21
21
+0.087
+0.087
+0.090
+0.091
MMBZ5256BW
MMBZ5257BW
MMBZ5258BW
MMBZ5259BW
M1
M2
M3
M4
30
33
36
39
28.50
31.35
34.20
37.05
31.50
34.65
37.80
40.95
49
58
70
80
4.2
3.8
3.4
3.2
600
700
700
800
0.25
0.25
0.25
0.25
0.1
0.1
0.1
0.1
23
25
27
30
+0.091
+0.092
+0.093
+0.094
MMBZ5260BW
MMBZ5261BW
MMBZ5262BW
M5
N1
N2
43
47
51
40.85
44.65
48.45
45.15
49.35
53.55
93
105
125
3.0
2.7
2.5
900
1000
1100
0.25
0.25
0.25
0.1
0.1
0.1
33
36
39
+0.095
+0.095
+0.096
Note: 1. Type numbers listed have standard tolerance on the nominal zener voltage of ±5%.
2. Measured with pulses tp = 1ms.
3. f = 1KHz


Similar Part No. - MMBZ5255BW

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMBZ5255BW PANJIT-MMBZ5255BW Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Diodes Incorporated
MMBZ5255BW DIODES-MMBZ5255BW Datasheet
63Kb / 3P
   200mW SURFACE MOUNT ZENER DIODE
DS31037 Rev. 5 - 2
logo
Weitron Technology
MMBZ5255BW WEITRON-MMBZ5255BW Datasheet
369Kb / 3P
   Surface Mount Zener Diode
logo
Diodes Incorporated
MMBZ5255BW DIODES-MMBZ5255BW Datasheet
458Kb / 4P
   200mW SURFACE MOUNT ZENER DIODE
DS31037 Rev. 10 - 2
logo
Pan Jit International I...
MMBZ5255BW PANJIT-MMBZ5255BW Datasheet
97Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
More results

Similar Description - MMBZ5255BW

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBZ5221BW DIODES-MMBZ5221BW Datasheet
63Kb / 3P
   200mW SURFACE MOUNT ZENER DIODE
DS31037 Rev. 5 - 2
logo
Taiwan Semiconductor Co...
BZT52C2V0K TSC-BZT52C2V0K Datasheet
191Kb / 3P
   200mW,Surface Mount Zener Diode
logo
Diodes Incorporated
MMBZ5221BW DIODES-MMBZ5221BW_09 Datasheet
95Kb / 5P
   200mW SURFACE MOUNT ZENER DIODE
BZX84C5V1W-7 DIODES-BZX84C5V1W-7 Datasheet
159Kb / 4P
   200mW SURFACE MOUNT ZENER DIODE
logo
First Components Intern...
BZT52C2V4S FCI-BZT52C2V4S Datasheet
98Kb / 3P
   200mW SURFACE MOUNT ZENER DIODE
logo
Won-Top Electronics
MMSZ5221BS WTE-MMSZ5221BS Datasheet
75Kb / 4P
   200mW SURFACE MOUNT ZENER DIODE
logo
Diode Semiconductor Kor...
BZX84C2V4W DSK-BZX84C2V4W Datasheet
320Kb / 5P
   200mW Surface Mount Zener Diode
logo
Diodes Incorporated
MMBZ5221BS DIODES-MMBZ5221BS_08 Datasheet
153Kb / 4P
   200mW SURFACE MOUNT ZENER DIODE
MMBZ5221BS DIODES-MMBZ5221BS_1 Datasheet
460Kb / 4P
   200mW SURFACE MOUNT ZENER DIODE
DS31039 Rev. 12 - 2
logo
Shenzhen Luguang Electr...
MMSZ5221BS LUGUANG-MMSZ5221BS Datasheet
198Kb / 3P
   200mW Surface Mount Zener Diode
MM3Z2V4 LUGUANG-MM3Z2V4 Datasheet
2Mb / 3P
   200mW Surface Mount Zener Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com