Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6712_EXS-T Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX6712_EXS-T
Description  4-Pin SC70 Microprocessor Reset Circuits with Manual Reset Input
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6712_EXS-T Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX6712_EXS-T Datasheet HTML 1Page - Maxim Integrated Products MAX6712_EXS-T Datasheet HTML 2Page - Maxim Integrated Products MAX6712_EXS-T Datasheet HTML 3Page - Maxim Integrated Products MAX6712_EXS-T Datasheet HTML 4Page - Maxim Integrated Products MAX6712_EXS-T Datasheet HTML 5Page - Maxim Integrated Products MAX6712_EXS-T Datasheet HTML 6Page - Maxim Integrated Products MAX6712_EXS-T Datasheet HTML 7Page - Maxim Integrated Products MAX6712_EXS-T Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
_______________________________________________________________________________________
5
Detailed Description
Reset Output
A microprocessor’s (µP’s) reset input starts the µP in a
known state. The MAX6711/MAX6712/MAX6713 assert
reset to prevent code-execution errors during power-
up, power-down, or brownout conditions. They assert a
reset signal whenever the VCC supply voltage declines
below a preset threshold, keeping it asserted for at
least 140ms after VCC has risen above the reset thresh-
old. The MAX6713 uses an open-drain output, and the
MAX6711/MAX6712 have a push-pull output stage.
Connect a pull-up resistor on the MAX6713’s RESET
output to any supply between 0 and 6V.
Manual Reset Input
Many µP-based systems require manual reset capabili-
ty, allowing the operator, a test technician, or external
logic circuitry to initiate a reset. Reset remains asserted
while MR is low, and for at least 140ms after MR returns
high. This input has an internal 20k
Ω pullup resistor, so
it can be left open if it is not used. MR can be driven
with TTL- or CMOS-logic levels, or with open-drain/col-
lector outputs. To create a manual reset function, con-
nect a normally open momentary switch from MR to
ground; external debounce circuitry is not required. If
MR is driven from long cables or if the device is used in
a noisy environment, connecting a 0.1µF capacitor from
MR to ground provides additional noise immunity.
Applications Information
Negative-Going VCC Transients
In addition to issuing a reset to the µP during power-up,
power-down, and brownout conditions, the MAX6711/
MAX6712/MAX6713 are relatively immune to short-dura-
tion negative-going VCC transients (glitches).
Figure 1 shows typical transient duration vs. reset com-
parator overdrive, for which the MAX6711/MAX6712/
MAX6713 do not generate a reset pulse. The graph was
generated using a negative-going pulse applied to VCC,
starting 0.5V above the actual reset threshold and end-
ing below it by the magnitude indicated (reset compara-
tor overdrive). The graph indicates the maximum pulse
width a negative-going VCC transient can have without
causing a reset pulse. As the magnitude of the transient
increases (goes farther below the reset threshold), the
4-Pin SC70 Microprocessor Reset Circuits
with Manual Reset Input
R1
100k
VCC
GND
MR
MAX6711
RESET
Figure 2. RESET Valid to VCC = Ground Circuit
2
RESET
(MAX6711/
MAX6713)
RESET output remains low while VCC
is below the reset threshold, and for at
least 140ms after VCC rises above the
reset threshold.
1
GND
Ground
PIN
NAME
FUNCTION
RESET
(MAX6712)
RESET output remains high while VCC
is below the reset threshold, and for at
least 140ms after VCC rises above the
reset threshold.
_____________________Pin Description
400
320
0
1
100
1000
160
80
240
RESET COMPARATOR OVERDRIVE, VTH - VCC (mV)
10
TA = +25
°C
MAX671_L/M
MAX671_R/S/T/Z
Figure 1. Maximum Transient Duration Without Causing a
Reset Pulse vs. Reset Comparator Overdrive
3
MR
Manual Reset Input. RESET (RESET)
remains asserted as long as MR is low,
and for at least 140ms after MR is
deasserted. This active-low input has
an internal 20k
Ω (typ) pull-up resistor.
It can be driven from a TTL- or CMOS-
logic line, or shorted to ground with a
switch. Leave open or connect to VCC
if unused.
4
VCC
Supply Voltage (+5.0V, +3.3V, +3.0V,
or +2.5V)


Similar Part No. - MAX6712_EXS-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6712_EXS-T MAXIM-MAX6712_EXS-T Datasheet
145Kb / 8P
   4-Pin SC70 Microprocessor Reset Circuits with Manual Reset Input
Rev 0; 1/00
MAX6712_EXS-T10 MAXIM-MAX6712_EXS-T10 Datasheet
145Kb / 8P
   4-Pin SC70 Microprocessor Reset Circuits with Manual Reset Input
Rev 0; 1/00
More results

Similar Description - MAX6712_EXS-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6711L MAXIM-MAX6711L Datasheet
145Kb / 8P
   4-Pin SC70 Microprocessor Reset Circuits with Manual Reset Input
Rev 0; 1/00
MAX6711T MAXIM-MAX6711T Datasheet
153Kb / 8P
   4-Pin SC70 Microprocessor Reset Circuits with Manual Reset Input
Rev 0; 1/00
MAX6711SEXS-T MAXIM-MAX6711SEXS-T Datasheet
285Kb / 8P
   4-Pin SC70 Microprocessor Reset Circuits
Rev 1; 12/05
logo
Diodes Incorporated
APX811 DIODES-APX811_09 Datasheet
175Kb / 10P
   4-Pin Microprocessor Supervisor With Manual Reset
APX811/812 Rev. 2
logo
Silicon Standard Corp.
SS811 SSC-SS811 Datasheet
320Kb / 8P
   Reset Circuits with Manual Reset Input
logo
Analog Intergrations Co...
AIC811 AIC-AIC811 Datasheet
421Kb / 8P
   Reset Circuits with Manual Reset Input
logo
Sangdest Microelectroni...
SSR811 SMC-SSR811 Datasheet
277Kb / 10P
   Reset Circuits with Manual Reset Input
logo
SG Micro Corp
SGM811 SGMICRO-SGM811_15 Datasheet
360Kb / 2P
   Microprocessor Supervisory with Manual Reset Input
SGM811 SGMICRO-SGM811_17 Datasheet
1Mb / 12P
   Microprocessor Supervisory with Manual Reset Input
SGM811 SGMICRO-SGM811 Datasheet
480Kb / 9P
   Microprocessor Supervisory with Manual Reset Input
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com