Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6421US__-T Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX6421US__-T
Description  Low-Power, SC70/SOT 關P Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6421US__-T Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX6421US__-T Datasheet HTML 2Page - Maxim Integrated Products MAX6421US__-T Datasheet HTML 3Page - Maxim Integrated Products MAX6421US__-T Datasheet HTML 4Page - Maxim Integrated Products MAX6421US__-T Datasheet HTML 5Page - Maxim Integrated Products MAX6421US__-T Datasheet HTML 6Page - Maxim Integrated Products MAX6421US__-T Datasheet HTML 7Page - Maxim Integrated Products MAX6421US__-T Datasheet HTML 8Page - Maxim Integrated Products MAX6421US__-T Datasheet HTML 9Page - Maxim Integrated Products MAX6421US__-T Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Low-Power, SC70/SOT µP Reset Circuits with
Capacitor-Adjustable Reset Timeout Delay
6
_______________________________________________________________________________________
tor between RESET and VCC holds RESET high when
VCC falls below 1V (Figure 4). Open-drain RESET ver-
sions are not recommended for applications requiring
valid logic for VCC down to zero.
Layout Consideration
SRT is a precise current source. When developing the
layout for the application, be careful to minimize board
capacitance and leakage currents around this pin.
Traces connected to SRT should be kept as short as
possible. Traces carrying high-speed digital signals
and traces with large voltage potentials should be rout-
ed as far from SRT as possible. Leakage current and
stray capacitance (e.g., a scope probe) at this pin
could cause errors in the reset timeout period. When
evaluating these parts, use clean prototype boards to
ensure accurate reset periods.
MAX6421
MAX6424
GND
VCC
VCC
RESET
100k
Figure 3. Ensuring RESET Valid to VCC = 0
MAX6422
GND
VCC
VCC
RESET
100k
Figure 4. Ensuring RESET Valid to VCC = 0
SUFFIX
MIN
TYP
MAX
16
1.536
1.575
1.614
17
1.623
1.665
1.707
18
1.755
1.800
1.845
19
1.853
1.900
1.948
20
1.950
2.000
2.050
21
2.048
2.100
2.153
22
2.133
2.188
2.243
23
2.313
2.313
2.371
24
2.340
2.400
2.460
25
2.438
2.500
2.563
26
2.559
2.625
2.691
27
2.633
2.700
2.768
28
2.730
2.800
2.870
29
2.852
2.925
2.998
30
2.925
3.000
3.075
31
2.998
3.075
3.152
32
3.120
3.200
3.280
33
3.218
3.300
3.383
34
3.315
3.400
3.485
35
3.413
3.500
3.558
36
3.510
3.600
3.690
37
3.608
3.700
3.793
38
3.705
3.800
3.895
39
3.803
3.900
3.998
40
3.900
4.000
4.100
41
3.998
4.100
4.203
42
4.095
4.200
4.305
43
4.193
4.300
4.408
44
4.266
4.375
4.484
45
4.388
4.500
4.613
46
4.509
4.625
4.741
47
4.583
4.700
4.818
48
4.680
4.800
4.920
49
4.778
4.900
5.023
50
4.875
5.000
5.125
Table 1. Reset Threshold Voltage Suffix


Similar Part No. - MAX6421US__-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6421US16-T MAXIM-MAX6421US16-T Datasheet
240Kb / 10P
   Low-Power, SC70/SOT 關P Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
Rev 2; 10/02
MAX6421US22-T MAXIM-MAX6421US22-T Datasheet
240Kb / 10P
   Low-Power, SC70/SOT 關P Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
Rev 2; 10/02
MAX6421US26-T MAXIM-MAX6421US26-T Datasheet
240Kb / 10P
   Low-Power, SC70/SOT 關P Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
Rev 2; 10/02
MAX6421US29-T MAXIM-MAX6421US29-T Datasheet
240Kb / 10P
   Low-Power, SC70/SOT 關P Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
Rev 2; 10/02
MAX6421US46-T MAXIM-MAX6421US46-T Datasheet
240Kb / 10P
   Low-Power, SC70/SOT 關P Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
Rev 2; 10/02
More results

Similar Description - MAX6421US__-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6340 MAXIM-MAX6340 Datasheet
240Kb / 10P
   Low-Power, SC70/SOT 關P Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
Rev 2; 10/02
MAX6340 MAXIM-MAX6340_V01 Datasheet
1Mb / 10P
   Low-Power, SC70/SOT 關P Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
2018
logo
SG Micro Corp
SGM800 SGMICRO-SGM800_17 Datasheet
922Kb / 11P
   Low-Power, SOT 關P Reset Circuit with Capacitor-Adjustable Reset Timeout Delay
SGM804 SGMICRO-SGM804_17 Datasheet
856Kb / 11P
   Low-Power, SOT 關P Reset Circuit with Capacitor-Adjustable Reset Timeout Delay
logo
Maxim Integrated Produc...
MAX6746 MAXIM-MAX6746_V01 Datasheet
1Mb / 16P
   關P Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
2019
MAX6412 MAXIM-MAX6412_10 Datasheet
146Kb / 12P
   Low-Power, Single/Dual-Voltage 關P Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
Rev 3; 3/10
logo
SG Micro Corp
SGM804 SGMICRO-SGM804 Datasheet
264Kb / 11P
   Capacitor-Adjustable Reset Timeout Delay
logo
Maxim Integrated Produc...
MAX6746 MAXIM-MAX6746_11 Datasheet
176Kb / 14P
   μP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
Rev 6; 4/11
logo
SG Micro Corp
SGM800 SGMICRO-SGM800 Datasheet
280Kb / 11P
   Capacitor-Adjustable Reset Timeout Delay
SGM802 SGMICRO-SGM802 Datasheet
291Kb / 12P
   Capacitor-Adjustable Reset Timeout Delay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com