Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6399ATA-T Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX6399ATA-T
Description  High-Voltage, Overvoltage/Undervoltage, Protection Switch Controller
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6399ATA-T Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX6399ATA-T Datasheet HTML 1Page - Maxim Integrated Products MAX6399ATA-T Datasheet HTML 2Page - Maxim Integrated Products MAX6399ATA-T Datasheet HTML 3Page - Maxim Integrated Products MAX6399ATA-T Datasheet HTML 4Page - Maxim Integrated Products MAX6399ATA-T Datasheet HTML 5Page - Maxim Integrated Products MAX6399ATA-T Datasheet HTML 6Page - Maxim Integrated Products MAX6399ATA-T Datasheet HTML 7Page - Maxim Integrated Products MAX6399ATA-T Datasheet HTML 8Page - Maxim Integrated Products MAX6399ATA-T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
High-Voltage, Overvoltage/Undervoltage,
Protection Switch Controller
4
_______________________________________________________________________________________
GATE-TO-OUT CLAMP VOLTAGE
vs. TEMPERATURE
TEMPERATURE (
°C)
100
75
25
50
0
-25
16.1
16.2
16.3
16.4
16.5
16.6
16.7
16.8
16.9
17.0
16.0
-50
125
STARTUP WAVEFORM
MAX6399 toc09
2ms/div
VIN
10V/div
VGATE
10V/div
VOUT
10V/div
VPOK
5V/div
POK PULLED
TO 3.3V
VUV = 9V
GATE-DRIVE VOLTAGE
vs. TEMPERATURE
TEMPERATURE (
°C)
100
75
25
50
0
-25
10.455
10.460
10.465
10.470
10.475
10.480
10.485
10.490
10.495
10.500
10.450
-50
125
STARTUP WAVEFORM (SHDN RISING)
MAX6399 toc10
400
µs/div
VSHDN
2V/div
VGATE
10V/div
VOUT
10V/div
VPOK
5V/div
POK PULLED TO 3.3V
OVERVOLTAGE SWITCH FAULT
MAX6399 toc11
VDC_DC
100mV/div
VGATE
10V/div
VOUT
10V/div
4V
3.3V
VOV = 4V
VIN = 14V
UNDERVOLTAGE FAULT
MAX6399 toc12
100
µs/div
VIN
5V/div
VGATE
20V/div
VOUT
10V/div
VPOK
5V/div
VUV = 9V
POK PULLED
TO 3.3V
Typical Operating Characteristics (continued)
(VIN = 14V, CGATE = 6nF, unless otherwise noted.)


Similar Part No. - MAX6399ATA-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX639 MAXIM-MAX639 Datasheet
166Kb / 12P
   5V/3.3V/3V/Adjustable, High-Efficiency, Low IQ, Step-Down DC-DC Converters
Rev 3; 8/97
MAX639 MAXIM-MAX639 Datasheet
778Kb / 13P
   5V/3.3V/3V/Adjustable, High-Efficiency, Low IQ, Step-Down DC-DC Conver
Rev 4; 7/05
MAX6390 MAXIM-MAX6390 Datasheet
195Kb / 11P
   SC70, Single/Dual Low-Voltage, Low-Power 關P Reset Circuits
Rev 1; 04/01
MAX6390LT MAXIM-MAX6390LT Datasheet
231Kb / 13P
   SC70/關DFN, Single/Dual Low-Voltage, Low-Power 關P Reset Circuits
19-1839; Rev 4; 4/07
MAX6390LT__D_+T MAXIM-MAX6390LT__D_+T Datasheet
327Kb / 10P
   SC70/μDFN, Single/Dual Low-Voltage, Low-Power μP Reset Circuits
Rev 5; 7/12
More results

Similar Description - MAX6399ATA-T

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4365 LINER-LTC4365_15 Datasheet
501Kb / 20P
   Overvoltage, Undervoltage and Reverse Supply Protection Controller
LTC4367 LINER-LTC4367 Datasheet
320Kb / 6P
   100V Overvoltage, Undervoltage and Reverse Supply Protection Controller
LTC4360-1 LINER-LTC4360-1 Datasheet
319Kb / 12P
   Overvoltage Protection Controller
logo
Texas Instruments
TPS2400 TI-TPS2400 Datasheet
253Kb / 15P
[Old version datasheet]   OVERVOLTAGE PROTECTION CONTROLLER
logo
Linear Technology
LTC1696 LINER-LTC1696 Datasheet
221Kb / 12P
   Overvoltage Protection Controller
LTC4360 LINER-LTC4360 Datasheet
847Kb / 8P
   Overvoltage Protection Controller
LTC1696 LINER-LTC1696_15 Datasheet
179Kb / 14P
   Overvoltage Protection Controller
LTC4360-1 LINER-LTC4360-1_15 Datasheet
1Mb / 14P
   Overvoltage Protection Controller
LTC4360-2 LINER-LTC4360-2_15 Datasheet
1Mb / 14P
   Overvoltage Protection Controller
logo
Texas Instruments
TPS2400 TI1-TPS2400_15 Datasheet
966Kb / 24P
[Old version datasheet]   Overvoltage Protection Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com