Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5081ATE Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX5081ATE
Description  1A, 40V, MAXPower Step-Down DC-DC Converters
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5081ATE Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX5081ATE Datasheet HTML 2Page - Maxim Integrated Products MAX5081ATE Datasheet HTML 3Page - Maxim Integrated Products MAX5081ATE Datasheet HTML 4Page - Maxim Integrated Products MAX5081ATE Datasheet HTML 5Page - Maxim Integrated Products MAX5081ATE Datasheet HTML 6Page - Maxim Integrated Products MAX5081ATE Datasheet HTML 7Page - Maxim Integrated Products MAX5081ATE Datasheet HTML 8Page - Maxim Integrated Products MAX5081ATE Datasheet HTML 9Page - Maxim Integrated Products MAX5081ATE Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Typical Operating Characteristics (continued)
(VIN = 12V, see Figure 5 (MAX5080) and Figure 6 (MAX5081), TA = +25°C, unless otherwise noted.)
1A, 40V, MAXPower Step-Down
DC-DC Converters
6
_______________________________________________________________________________________
EFFICIENCY vs. LOAD CURRENT
LOAD CURRENT (A)
0.1
0.01
20
30
40
50
60
70
80
90
100
0
0.001
1
VOUT = 5V
VIN = 12V
VIN = 7.5V
VIN = 40V
VIN = 24V
MAX5081
LOAD-TRANSIENT RESPONSE
MAX5080 toc17
VIN = 12V, IOUT = 0.25A TO 1A
MAX5080
VOUT
AC-COUPLED
200mV/div
ILOAD
500mA/div
200
µs/div
0
OUTPUT VOLTAGE vs. TEMPERATURE
TEMPERATURE (
°C)
110
85
35
60
10
-15
3.22
3.24
3.26
3.28
3.30
3.32
3.34
3.36
3.38
3.40
3.20
-40
135
MAX5080
ILOAD = 0A
ILOAD = 1A
EFFICIENCY vs. LOAD CURRENT
LOAD CURRENT (A)
0.1
0.01
20
30
40
50
60
70
80
90
100
0
0.001
1
VOUT = 3.3V
VIN = 4.5V
VIN = 7.5V
VIN = 40V
MAX5080
VIN = 24V
VIN = 12V


Similar Part No. - MAX5081ATE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5081ATE MAXIM-MAX5081ATE Datasheet
1Mb / 19P
   1A, 40V, MAXPower Step-Down DC-DC Converters
2018
More results

Similar Description - MAX5081ATE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5080 MAXIM-MAX5080_V01 Datasheet
1Mb / 19P
   1A, 40V, MAXPower Step-Down DC-DC Converters
2018
MAX5082 MAXIM-MAX5082 Datasheet
404Kb / 18P
   1.5A, 40V, MAXPower Step-Down DC-DC Converters
Rev 0; 5/05
MAX5082 MAXIM-MAX5082_V01 Datasheet
1Mb / 18P
   1.5A, 40V, MAXPower Step-Down DC-DC Converters
2014
logo
Power Analog Micoelectr...
PAM2305 PAM-PAM2305 Datasheet
506Kb / 17P
   1A Step-Down DC-DC Converters
logo
Maxim Integrated Produc...
MAX5035 MAXIM-MAX5035 Datasheet
382Kb / 17P
   1A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converter
Rev 0; 9/03
MAX5035 MAXIM-MAX5035_11 Datasheet
288Kb / 17P
   1A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converter
Rev 5; 5/11
MAX5035 MAXIM-MAX5035_09 Datasheet
304Kb / 17P
   1A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converter
Rev 3; 5/09
MAX5090CATE-T MAXIM-MAX5090CATE-T Datasheet
664Kb / 17P
   2A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converters
Rev 0; 3/06
MAX5090A MAXIM-MAX5090A Datasheet
658Kb / 17P
   2A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converters
Rev 0; 3/06
MAX5090A MAXIM-MAX5090A_V01 Datasheet
2Mb / 17P
   2A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converters
2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com