Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4800CCM Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX4800CCM
Description  Low-Charge Injection, 8-Channel, High-Voltage Analog Switches
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4800CCM Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX4800CCM Datasheet HTML 4Page - Maxim Integrated Products MAX4800CCM Datasheet HTML 5Page - Maxim Integrated Products MAX4800CCM Datasheet HTML 6Page - Maxim Integrated Products MAX4800CCM Datasheet HTML 7Page - Maxim Integrated Products MAX4800CCM Datasheet HTML 8Page - Maxim Integrated Products MAX4800CCM Datasheet HTML 9Page - Maxim Integrated Products MAX4800CCM Datasheet HTML 10Page - Maxim Integrated Products MAX4800CCM Datasheet HTML 11Page - Maxim Integrated Products MAX4800CCM Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
Low-Charge Injection,
8-Channel, High-Voltage Analog Switches
8
_______________________________________________________________________________________
Pin Descriptions (continued)
PIN
MAX4802
TQFP
MAX4802
TQFN
MAX4802
CSBGA
MAX4802
PLCC
NAME
FUNCTION
148E426
COM5
Analog Switch 5
2, 4, 6, 7, 9,
11,13, 15, 17,
19, 21, 23, 26,
30, 31, 32, 38,
40, 42, 44, 46,
48
1, 2, 4, 6, 7,
9, 11, 13, 15,
17, 19, 21,
23, 25, 27,
34, 37, 39,
41, 43, 45, 47
9, 15
N.C.
Not Connected Internally
33
E1
27
COM4
Analog Switch 4
55
E3
28
NO4
Analog Switch 4
88
D1
1
COM3
Analog Switch 3
10
10
D3
2
NO3
Analog Switch 3
12
12
D4
3
COM2
Analog Switch 2
14
14
C3
4
NO2
Analog Switch 2
16
16
C4
5
COM1
Analog Switch 1
18
18
A4
6
NO1
Analog Switch 1
20
20
C5
7
COM0
Analog Switch 0
22
22
D5
8
NO0
Analog Switch 0
24
24
C6
10
VPP
Positive High-Voltage Supply. Bypass VPP to GND with
a 0.1µF or greater ceramic capacitor.
25
26
C7
12
VNN
Negative High-Voltage Supply. Bypass VNN to GND
with a 0.1µF or greater ceramic capacitor.
27
28
D6
11
RGND
Bleed Resistor Ground
28
29
D7
13
GND
Ground
29
30
D9
14
VDD
Digital-Supply Voltage. Bypass VDD to GND with a
0.1µF or greater ceramic capacitor.
33
31
E9
16
DIN
Serial Data Input
34
32
E7
17
CLK
Serial Clock Input
35
33
E6
18
LE
Latch Enable Input, Active Low
36
35
F7
19
CLR
Latch Clear Input
37
36
F6
20
DOUT
Serial Data Output
39
38
E5
21
COM7
Analog Switch 7
41
40
F5
22
NO7
Analog Switch 7
43
42
F4
23
COM6
Analog Switch 6
45
44
H4
24
NO6
Analog Switch 6
47
46
F3
25
NO5
Analog Switch 5
—EP—
—EP
Exposed Paddle. Connect exposed paddle to VNN.


Similar Part No. - MAX4800CCM

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4800CCM MAXIM-MAX4800CCM Datasheet
212Kb / 16P
   Low-Charge Injection, 8-Channel, High-Voltage Analog Switches
Rev 2; 5/09
More results

Similar Description - MAX4800CCM

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4800 MAXIM-MAX4800_09 Datasheet
212Kb / 16P
   Low-Charge Injection, 8-Channel, High-Voltage Analog Switches
Rev 2; 5/09
logo
Supertex, Inc
HV20220 SUTEX-HV20220_13 Datasheet
491Kb / 10P
   Low Charge Injection, 8-Channel, High Voltage Analog Switches
HV220 SUTEX-HV220_07 Datasheet
1,008Kb / 11P
   Low Charge Injection 8-Channel High Voltage Analog Switches
HV220 SUTEX-HV220 Datasheet
914Kb / 12P
   Low Charge Injection 8-Channel High Voltage Analog Switches
logo
Maxim Integrated Produc...
MAX14800 MAXIM-MAX14800_V01 Datasheet
857Kb / 20P
   Low-Charge Injection, 16-Channel, High-Voltage Analog Switches
2021
MAX14800 MAXIM-MAX14800 Datasheet
179Kb / 17P
   Low-Charge Injection, 16-Channel, High-Voltage Analog Switches
Rev 0; 4/09
MAX14800 MAXIM-MAX14800_09 Datasheet
230Kb / 18P
   Low-Charge Injection, 16-Channel, High-Voltage Analog Switches
Rev 1; 9/09
MAX14802 MAXIM-MAX14802 Datasheet
871Kb / 20P
   Low-Charge Injection, 16-Channel, High-Voltage Analog Switches
2021
logo
Supertex, Inc
HV230 SUTEX-HV230 Datasheet
380Kb / 11P
   Low Charge Injection 8-Channel High Voltage Analog Switches with Bleed Resistors
HV230 SUTEX-HV230_07 Datasheet
625Kb / 9P
   Low Charge Injection 8-Channel High Voltage Analog Switches with Bleed Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com