Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBD4448W Datasheet(PDF) 1 Page - Won-Top Electronics

Part # MMBD4448W
Description  SURFACE MOUNT FAST SWITCHING DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

MMBD4448W Datasheet(HTML) 1 Page - Won-Top Electronics

  MMBD4448W Datasheet HTML 1Page - Won-Top Electronics MMBD4448W Datasheet HTML 2Page - Won-Top Electronics MMBD4448W Datasheet HTML 3Page - Won-Top Electronics MMBD4448W Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MMBD4448W
1 of 4
© 2006 Won-Top Electronics
Pb
MMBD4448W
SURFACE MOUNT FAST SWITCHING DIODE
Features
!
High Conductance
L
!
Fast Switching
A
!
Surface Mount Package Ideally Suited for
Automatic Insertion
!
For General Purpose and Switching
B
C
!
Plastic Material – UL Recognition Flammability
Classification 94V-O
M

E
D
H
Mechanical Data
!
Case: SOT-323, Molded Plastic
K
!
Terminals: Plated Leads Solderable per
J
MIL-STD-202, Method 208
G
!
Polarity: See Diagram
!
Weight: 0.006 grams (approx.)
!
Mounting Position: Any
!
Marking: A3
!
Lead Free: For RoHS / Lead Free Version,
Add “-LF” Suffix to Part Number, See Page 4
TOP VIEW
Maximum Ratings @T
A=25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Non-Repetitive Peak Reverse Voltage
VRM
100
V
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
75
V
Forward Continuous Current (Note 1)
IF
500
mA
Average Rectified Output Current (Note 1)
IO
250
mA
Peak Forward Surge Current (Note 1)
@ t < 1.0µs
IFSM
4.0
A
Power Dissipation (Note 1)
Pd
200
mW
Typical Thermal Resistance, Junction to Ambient Air (Note 1)
RJA
625
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Electrical Characteristics @T
A=25°C unless otherwise specified
Characteristic
Symbol
Min
Max
Unit
Test Condition
Forward Voltage
VF
0.72
1.0
V
@ IF = 5mA
@ IF = 100mA
Reverse Leakage Current
IR
—2.5
µA
@ VR = 75V
Junction Capacitance
Cj
—4.0
pF
VR = 0V, f = 1.0MHz
Reverse Recovery Time
trr
—4.0
nS
IF = IR = 10mA,
IRR = 0.1 x IR, RL = 100

Note: 1. Device mounted on fiberglass substrate 40 x 40 x 1.5mm.
WTE
POWER SEMICONDUCTORS
SOT-323
Dim
Min
Max
A
0.30
0.40
B
1.15
1.35
C
2.00
2.20
D
0.65 Nominal
E
0.30
0.40
G
1.20
1.40
H
1.80
2.20
J
—0.10
K
0.90
1.10
L
0.25
M
0.05
0.15
All Dimensions in mm


Similar Part No. - MMBD4448W

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMBD4448W PANJIT-MMBD4448W Datasheet
108Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
logo
WILLAS ELECTRONIC CORP
MMBD4448W WILLAS-MMBD4448W Datasheet
136Kb / 3P
   SOT-323 Plastic-Encapsulate Diodes
logo
Won-Top Electronics
MMBD4448W WTE-MMBD4448W Datasheet
44Kb / 3P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
Sangdest Microelectroni...
MMBD4448W SMC-MMBD4448W Datasheet
148Kb / 3P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
Diodes Incorporated
MMBD4448W DIODES-MMBD4448W Datasheet
58Kb / 3P
   SURFACE MOUNT FAST SWITCHING DIODE
DS30095 Rev. 5 - 2
More results

Similar Description - MMBD4448W

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBD4448HT DIODES-MMBD4448HT Datasheet
167Kb / 2P
   SURFACE MOUNT FAST SWITCHING DIODE
DS30263 Rev. 5 - 2
1N4448W DIODES-1N4448W Datasheet
73Kb / 3P
   FAST SWITCHING SURFACE MOUNT DIODE
DS12002 Rev. 9 - 2
BAS19 DIODES-BAS19 Datasheet
71Kb / 2P
   SURFACE MOUNT FAST SWITCHING DIODE
DS12004 Rev. 12 - 2
BAS19W DIODES-BAS19W Datasheet
64Kb / 3P
   SURFACE MOUNT FAST SWITCHING DIODE
DS30118 Rev. 6 - 2
logo
Transys Electronics
BAS19W TRSYS-BAS19W Datasheet
115Kb / 2P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
Diodes Incorporated
1N4448W DIODES-1N4448W_10 Datasheet
80Kb / 4P
   FAST SWITCHING SURFACE MOUNT DIODE
DS12002 Rev. 18 - 2
MMDT2227M DIODES-MMDT2227M_08 Datasheet
140Kb / 3P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
Diotech Company.
1SS400 DIOTECH-1SS400 Datasheet
784Kb / 2P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
Taiwan Semiconductor Co...
BAS19 TSC-BAS19_07 Datasheet
118Kb / 2P
   Surface Mount Fast Switching Diode
logo
Won-Top Electronics
BAV70 WTE-BAV70 Datasheet
44Kb / 3P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
Guangdong Kexin Industr...
KAV16W KEXIN-KAV16W Datasheet
40Kb / 1P
   Surface Mount Fast Switching Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com