Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


LP2901-Q1 Datasheet(PDF) 4 Page - Texas Instruments

Part No. LP2901-Q1
Description  LOW-POWER QUAD DIFFERENTIAL COMPARATOR
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

   
 4 page
background image
www.ti.com
APPLICATION INFORMATION
IN +
IN −
OUT
30 k
+
VCC
1/4 LP2901
IN +
IN −
100 k
1/4 LP2901
1/4 SN54/74LS00 or
1/4 SN54/74ALS1000A
VCC
+
12
3
OUT
VCC
VO
Q2
Q1
Q3
I1 = 6 µA
LP2901-Q1
LOW-POWER QUAD DIFFERENTIAL COMPARATOR
SLCS148 – SEPTEMBER 2005
Figure 1 shows the basic configuration for using the LP2901 comparator. Figure 2 shows the diagram for using it
as a CMOS driver.
Figure 1. Basic Comparator
Figure 2. CMOS Driver
All pins of any unused comparators should be grounded. The bias network of the LP2901 establishes a drain
current that is independent of the magnitude of the power-supply voltage over the range of 2 V to 30 V. It usually
is necessary to use a bypass capacitor across the power-supply line.
The differential input voltage may be larger than VCC without damaging the device. Protection should be provided
to prevent the input voltages from going negative by more than –0.3 V. The output section has two distinct
modes of operation, the Darlington mode and the ground-emitter mode. This unique drive circuit permits the
device to sink 30 mA at VO = 2 V in the Darlington mode and 700 µA at VO = 0.4 V in the ground-emitter mode.
Figure 3 is a simplified schematic diagram of the output section. The output section is configured in a Darlington
connection (ignoring Q3). If the output voltage is held high enough (above 1 V), Q1 is not saturated and the
output current is limited only by the product of the hFE of Q1, the hFE of Q2, and I1 and the 60-Ω saturation
resistance of Q2. The devices are capable of driving LEDs, relays, etc. in this mode while maintaining an
ultra-low power-supply current of 60
µA typical.
Figure 3. Output-Section Schematic Diagram
4




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LM339_05QUAD DIFFERENTIAL COMPARATOR 1 2 3 4 5 MoreUnisonic Technologies
SP26LV432_06High-Speed Low-Power Quad RS-422 Differential Line Receiver 1 2 3 4 5 MoreSipex Corporation
LP239_06LOW-POWER QUAD DIFFERENTIAL COMPARATORS 1 2 3 4 5 MoreTexas Instruments
LM2901_06Low power quad voltage comparator 1 2 3 4 5 MoreSTMicroelectronics
MM88C29Quad Single-Ended Line Driver . Dual Differential Line Driver 1 2 3 4 5 MoreFairchild Semiconductor
CLC5644Low-Power Low-Cost Quad Operational Amplifier 1 2 3 4 5 MoreNational Semiconductor (TI)
LM392LOW-POWER OPERATIONAL AMPLIFIER AND VOLTAGE COMPARATOR 1 2 3 4 5 MoreTexas Instruments
AU2901Quad voltage comparator 1 2 3 4 5 MoreNXP Semiconductors
PI90LV048A3V LVDS Quad Flow-Through Differential Line Receivers 1 2 3 4 5 MorePericom Semiconductor Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl