Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KBU1000 Datasheet(PDF) 2 Page - Won-Top Electronics

Part # KBU1000
Description  10A SINGLE-PHASE BRIDGE RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

KBU1000 Datasheet(HTML) 2 Page - Won-Top Electronics

  KBU1000 Datasheet HTML 1Page - Won-Top Electronics KBU1000 Datasheet HTML 2Page - Won-Top Electronics KBU1000 Datasheet HTML 3Page - Won-Top Electronics KBU1000 Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
KBU1000 – KBU1010
2 of 4
© 2006 Won-Top Electronics

0.1
1.0
10
100
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics, per element
F
T = 25C
j
Pulse width = 300 s
0
100
200
300
1
10
100
NUMBER OF CYCLES AT 60 Hz
Fig. 3 Max Non-Repetitive Peak Fwd Surge Current
T = 150C
j
8.3 ms Single Half-Sine Wave
0.01
0.1
1.0
10
0
20
40
60
80
100
120
140
PERCENT OF PEAK REVERSE VOLTAGE (%)
Fig. 5 Typical Reverse Characteristics
T = 100C
j
T = 25C
j
0
2
4
6
8
10
12
0
50
100
150
T , CASE TEMPERATURE (C)
Fig. 1 Forward Current Derating Curve
C
Heat sink
Mounting
Mounted on4X4 inch
Copper PC Board
12.7mm lead length
10
100
400
0.1
10
100
V , REVERSE VOLTAGE (V)
Fig. 4 Typical Junction Capacitance per element
R
1.0
T = 25C
j
f=1MHz


Similar Part No. - KBU1000

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBU1000 WTE-KBU1000 Datasheet
42Kb / 3P
   10A BRIDGE RECTIFIER
logo
Jinan Gude Electronic D...
KBU1000 JGD-KBU1000 Datasheet
134Kb / 2P
   SINGLE PHASE 10 AMPS. SILICON BRIDGE RECTIFIERS
logo
Shenzhen Yixinwei Techn...
KBU1000 YIXIN-KBU1000 Datasheet
139Kb / 2P
   10A BRIDGE RECTIFIER
logo
Microdiode Electronics ...
KBU10005 CHENDA-KBU10005 Datasheet
505Kb / 2P
   SILICON BRIDGE RECTIFIERS
KBU10005 CHENDA-KBU10005 Datasheet
464Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results

Similar Description - KBU1000

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
PB1000S WTE-PB1000S Datasheet
50Kb / 4P
   10A SINGLE-PHASE BRIDGE RECTIFIER
KBPC10P WTE-KBPC10P Datasheet
55Kb / 4P
   10A SINGLE-PHASE BRIDGE RECTIFIER
KBPC10 WTE-KBPC10_06 Datasheet
54Kb / 4P
   10A SINGLE-PHASE BRIDGE RECTIFIER
logo
TAITRON Components Inco...
TB1005 TAITRON-TB1005 Datasheet
177Kb / 4P
   10A Single-Phase Bridge Rectifier
logo
Won-Top Electronics
PB1000 WTE-PB1000_06 Datasheet
60Kb / 4P
   10A SINGLE-PHASE BRIDGE RECTIFIER
MP1000 WTE-MP1000_06 Datasheet
46Kb / 4P
   10A SINGLE-PHASE BRIDGE RECTIFIER
KBPC10S WTE-KBPC10S Datasheet
66Kb / 4P
   10A SINGLE-PHASE BRIDGE RECTIFIER
logo
Nell Semiconductor Co.,...
GBJ10 NELLSEMI-GBJ10 Datasheet
224Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier, 10A
logo
Won-Top Electronics
KBU1000G WTE-KBU1000G_06 Datasheet
52Kb / 4P
   10A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
GBPC1000 ZSELEC-GBPC1000 Datasheet
89Kb / 2P
   10A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com