Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KBPC304 Datasheet(PDF) 3 Page - Won-Top Electronics

Part # KBPC304
Description  3.0A SINGLE-PHASE BRIDGE RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

KBPC304 Datasheet(HTML) 3 Page - Won-Top Electronics

  KBPC304 Datasheet HTML 1Page - Won-Top Electronics KBPC304 Datasheet HTML 2Page - Won-Top Electronics KBPC304 Datasheet HTML 3Page - Won-Top Electronics KBPC304 Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
KBPC300 – KBPC310
3 of 4
© 2006 Won-Top Electronics
MARKING INFORMATION
PACKAGING INFORMATION
Inner Box Size
L x W x H (mm)
Quantity
(PCS)
Carton Size
L x W x H (mm)
Quantity
(PCS)
Approx. Gross Weight
(KG)
198 x 198 x 50
200
425 x 215 x 280
2,000
8.0
Note: 1. Paper box, white or brown color.
BULK
+ WTE
KBPC3xx
WTE
= Manufacturer’s Logo
KBPC3xx
= Device Number
xx
= 00, 01, 02, 04, 06, 08 or 10
Polarity
= As Marked on Body
AC


Similar Part No. - KBPC304

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBPC304 WTE-KBPC304 Datasheet
32Kb / 3P
   3.0A BRIDGE RECTIFIER
logo
Jinan Gude Electronic D...
KBPC304 JGD-KBPC304 Datasheet
118Kb / 2P
   SINGLE PHASE 3.0 AMPS. SILICON BRIDGE RECTIFIERS
logo
List of Unclassifed Man...
KBPC304 ETC1-KBPC304 Datasheet
37Kb / 1P
   BRIDGE RECTIFIERS
logo
DAESAN ELECTRONIC CORP.
KBPC304 DAESAN-KBPC304 Datasheet
178Kb / 2P
   CURRENT 3.0 Amperes VOLTAGE 50 to 1000 Volts
logo
Diotech Company.
KBPC304 DIOTECH-KBPC304 Datasheet
785Kb / 2P
   SINGLE PHASE SILICON BRIDGE RECTIFIER
More results

Similar Description - KBPC304

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
TB305 TAITRON-TB305 Datasheet
174Kb / 4P
   3.0A Single-Phase Silicon Bridge Rectifier
logo
List of Unclassifed Man...
TB305 ETC2-TB305 Datasheet
174Kb / 4P
   3.0A SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
SMC Diode Solutions Co....
UG3KB05 SMCDIODE-UG3KB05 Datasheet
413Kb / 5P
   Single-Phase 3.0A Glass Passivated Bridge Rectifier
Rev. A
UG3KB05G SMCDIODE-UG3KB05G Datasheet
362Kb / 5P
   Single-Phase 3.0A Glass Passivated Bridge Rectifier
Rev. -
logo
Won-Top Electronics
KBPC300G WTE-KBPC300G_06 Datasheet
45Kb / 4P
   3.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Semtech Corporation
KBPC1005 SEMTECH-KBPC1005 Datasheet
120Kb / 2P
   3.0A SINGLE - PHASE SILICON BRIDGE?
logo
Burland Technology Solu...
UG3KB05G BURLAND-UG3KB05G Datasheet
362Kb / 5P
   UG3KB05G THRU UG3KB100G Single-Phase 3.0A Glass Passivated Bridge Rectifier
logo
Zibo Seno Electronic En...
KBP3005 ZSELEC-KBP3005 Datasheet
338Kb / 2P
   3.0A BRIDGE RECTIFIER
D3KB05 ZSELEC-D3KB05 Datasheet
117Kb / 2P
   3.0A BRIDGE RECTIFIER
GBP301 ZSELEC-GBP301_V01 Datasheet
85Kb / 2P
   3.0A BRIDGE RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com