Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMV1024UR Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV1024UR
Description  PDM Output with Pre-Amplifier for Electret Microphones
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV1024UR Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LMV1024UR Datasheet HTML 1Page - National Semiconductor (TI) LMV1024UR Datasheet HTML 2Page - National Semiconductor (TI) LMV1024UR Datasheet HTML 3Page - National Semiconductor (TI) LMV1024UR Datasheet HTML 4Page - National Semiconductor (TI) LMV1024UR Datasheet HTML 5Page - National Semiconductor (TI) LMV1024UR Datasheet HTML 6Page - National Semiconductor (TI) LMV1024UR Datasheet HTML 7Page - National Semiconductor (TI) LMV1024UR Datasheet HTML 8Page - National Semiconductor (TI) LMV1024UR Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Typical Performance Characteristics Unless otherwise specified, measurements are performed on
an LMV1024 with V
DD = 1.8V, Clock Duty Cycle = 50% and a 100 nF capacitor is placed between VREF and GND, TJ = 25˚C.
Supply Current vs. Supply Voltage
@ CLOCK = 1.2 MHz
Supply Current vs. Supply Voltage
@ CLOCK = 2.4 MHz
20133446
20133430
Supply Current vs. Supply Voltage
CLOCK = OFF
SNR, SINAD and -THD vs. Input Amplitude
@ CLOCK = 408 kHz, 3.4 kHz Audio BW
20133431
20133447
SNR, SINAD and -THD vs. Input Amplitude
@ CLOCK = 960 kHz, 8 kHz Audio BW
SNR, SINAD and -THD vs. Input Amplitude
@ CLOCK = 1.2 MHz, 10 kHz Audio BW
20133448
20133449
www.national.com
5


Similar Part No. - LMV1024UR

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV1024UR NSC-LMV1024UR Datasheet
571Kb / 18P
   PDM Output with Pre-Amplifier for Electret Microphones
LMV1024URX NSC-LMV1024URX Datasheet
571Kb / 18P
   PDM Output with Pre-Amplifier for Electret Microphones
More results

Similar Description - LMV1024UR

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV1024 NSC-LMV1024_09 Datasheet
571Kb / 18P
   PDM Output with Pre-Amplifier for Electret Microphones
logo
Texas Instruments
LMV1022 TI1-LMV1022 Datasheet
612Kb / 20P
[Old version datasheet]   PDM Output Pre-Amplifier for Electret Microphones
TLV1018 TI-TLV1018 Datasheet
620Kb / 12P
[Old version datasheet]   AMPLIFIER FOR THREE-WIRE ANALOG ELECTRET MICROPHONES
LMV1032 TI1-LMV1032 Datasheet
840Kb / 14P
[Old version datasheet]   Amplifiers for 3-Wire Analog Electret Microphones
logo
National Semiconductor ...
LMV1032-06 NSC-LMV1032-06 Datasheet
793Kb / 12P
   Amplifiers for 3 Wire Analog Electret Microphones
LMV1032-06_0511 NSC-LMV1032-06_0511 Datasheet
802Kb / 12P
   Amplifiers for 3-Wire Analog Electret Microphones
logo
Texas Instruments
LMV1032 TI1-LMV1032_15 Datasheet
960Kb / 18P
[Old version datasheet]   LMV1032-25 Amplifiers for 3-Wire Analog Electret Microphones
logo
Fairchild Semiconductor
FAN3850A FAIRCHILD-FAN3850A Datasheet
698Kb / 11P
   Microphone Pre-Amplifier with Digital Output
logo
ON Semiconductor
FAN3850A ONSEMI-FAN3850A Datasheet
582Kb / 12P
   Microphone Pre-Amplifier with Digital Output
August 2016 Rev. 1.6
FAN3852 ONSEMI-FAN3852 Datasheet
766Kb / 10P
   Microphone Pre-Amplifier with Digital Output
June, 2019 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com