Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KBPC1516 Datasheet(PDF) 1 Page - Won-Top Electronics

Part # KBPC1516
Description  15A SINGLE-PHASE BRIDGE RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

KBPC1516 Datasheet(HTML) 1 Page - Won-Top Electronics

  KBPC1516 Datasheet HTML 1Page - Won-Top Electronics KBPC1516 Datasheet HTML 2Page - Won-Top Electronics KBPC1516 Datasheet HTML 3Page - Won-Top Electronics KBPC1516 Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
KBPC15 SERIES
1 of 4
© 2006 Won-Top Electronics
Pb
KBPC15 SERIES
15A SINGLE-PHASE BRIDGE RECTIFIER
Features
!
Diffused Junction
A
A
!
Low Reverse Leakage Current
C
C
!
Low Power Loss, High Efficiency
G
G
!
Electrically Isolated Metal Case for
~
~
+
Maximum Heat Dissipation
D
+
C
C
!
Case to Terminal Isolation Voltage 2500V
-
~
-
~
D
!
Recognized File # E157705
                  
H
H
Mechanical Data
E
E
!
Case: KBPC (Metal Case with Faston Lugs)
B
B
or KBPC-W (Metal Case with Wire Leads)
!
Terminals: Plated Faston Lugs or Wire Leads,
Add “W” Suffix to Indicate Wire Leads
!
Polarity: As Marked on Case
!
Mounting: Through Hole with #10 Screw
!
Mounting Torque: 23 cm-kg (20 in-lbs) Max.
!
Weight: 30 grams (KBPC); 28 grams (KBPC-W)
!
Marking: Type Number
!
Lead Free: For RoHS / Lead Free Version,
Add “-LF” Suffix to Part Number, See Page 4
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
KBPC15
Characteristic
Symbol
00
01
02
04
06
08
10
12
14
16
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000 1200 1400 1600
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
840
980
1120
V
Average Rectified Output Current @TA = 60°C
IO
15
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed
on rated load (JEDEC Method)
IFSM
300
A
Forward Voltage per leg
@IF = 7.5A
VFM
1.2
V
Peak Reverse Current
@TC = 25°C
At Rated DC Blocking Voltage
@TC = 125°C
IRM
10
1.0
µA
mA
I2t Rating for Fusing (t < 8.3ms)
I2t
373
A2s
Typical Junction Capacitance (Note 1)
Cj
300
pF
Typical Thermal Resistance per leg (Note 2)
RJC
2.6
°C/W
RMS Isolation Voltage from Case to Leads
VISO
2500
V
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Note: 1. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
2. Thermal resistance junction to case, mounted on heatsink.
WTE
POWER SEMICONDUCTORS
KBPC
KBPC-W
Dim
Min
Max
Min
Max
A
27.94
28.96
27.94
28.96
B
10.97
11.23
10.97
11.23
C
15.50
17.60
17.10
19.10
D
17.50
18.50
10.90
11.90
E
22.86
25.40
30.50
G
Hole for #10 screw, 5.08Ø Nominal
H
6.35 Typical
0.97Ø
1.07Ø
All Dimension in mm
KBPC
KBPC-W


Similar Part No. - KBPC1516

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
KBPC1516 YFWDIODE-KBPC1516 Datasheet
562Kb / 3P
   15A HIGH CURRENT SINGLE-PHASE
logo
Diotec Semiconductor
KBPC1516F DIOTEC-KBPC1516F Datasheet
153Kb / 2P
   Silicon-Bridge Rectifiers
logo
Semikron International
KBPC1516F/W SEMIKRON-KBPC1516F/W Datasheet
277Kb / 2P
   Silicon-Bridge Rectifiers
KBPC1516F/W SEMIKRON-KBPC1516F/W Datasheet
281Kb / 2P
   Silicon-Bridge Rectifiers
logo
Diotec Semiconductor
KBPC1516FW DIOTEC-KBPC1516FW Datasheet
153Kb / 2P
   Silicon-Bridge Rectifiers
More results

Similar Description - KBPC1516

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DBF150 SANYO-DBF150_10 Datasheet
44Kb / 3P
   15A Single-Phase Bridge Rectifier
logo
TAITRON Components Inco...
MB1505W TAITRON-MB1505W Datasheet
144Kb / 4P
   15A Single-Phase Bridge Rectifier
MB1505 TAITRON-MB1505 Datasheet
144Kb / 4P
   15A Single-Phase Bridge Rectifier
logo
Won-Top Electronics
KBPC15P WTE-KBPC15P Datasheet
55Kb / 4P
   15A SINGLE-PHASE BRIDGE RECTIFIER
KBPC15S WTE-KBPC15S Datasheet
66Kb / 4P
   15A SINGLE-PHASE BRIDGE RECTIFIER
MP1500 WTE-MP1500_06 Datasheet
70Kb / 4P
   15A SINGLE-PHASE BRIDGE RECTIFIER
logo
Sanyo Semicon Device
DBF150 SANYO-DBF150 Datasheet
21Kb / 3P
   15A Single-Phase Bridge Rectifier
logo
Won-Top Electronics
KBJ15A WTE-KBJ15A_06 Datasheet
77Kb / 4P
   15A SINGLE-PHASE BRIDGE RECTIFIER
logo
Nell Semiconductor Co.,...
KBPC15 NELLSEMI-KBPC15 Datasheet
313Kb / 3P
   Single-Phase Bridge Rectifier, 15A
logo
Won-Top Electronics
GBPC15 WTE-GBPC15 Datasheet
62Kb / 4P
   15A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com